Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N8808A Datasheet(PDF) 6 Page - Keysight Technologies

Part # N8808A
Description  Protocol Triggering and Decode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N8808A Datasheet(HTML) 6 Page - Keysight Technologies

  N8808A Datasheet HTML 1Page - Keysight Technologies N8808A Datasheet HTML 2Page - Keysight Technologies N8808A Datasheet HTML 3Page - Keysight Technologies N8808A Datasheet HTML 4Page - Keysight Technologies N8808A Datasheet HTML 5Page - Keysight Technologies N8808A Datasheet HTML 6Page - Keysight Technologies N8808A Datasheet HTML 7Page - Keysight Technologies N8808A Datasheet HTML 8Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
06 | Keysight | MIPI UniPro (M-PHY) Protocol Triggering and Decode for Infiniium Series Oscilloscopess - Data Sheet
MIPI UniPro (M-PHY) Application Specifications and Characteristics
MIPI
MIPI sources
Analog channels 1, 2, 3, or 4
Any waveform memories
The application relies on probing and trigger/measurement thresholds to properly condition the signal for triggering
and decode. Differential probing may be required
Data rate
Up to 6 Gbps
Protocol type
UniPro v1.41 and v1.60
Auto setup
Automatically configures scope settings for proper MIPI UniPro decode and software-based protocol search including
memory depth, edge triggering, holdoff, sample rate, and measurement thresholds
Decoded fields
All including extended frame format
Triggering
(software-based)
All including extended frame format
L2 frames
PACP frames
Triggers
Symbol sequence
Errors
Recommended oscilloscopes
The UniPro protocol decoder is compatible with Keysight Infiniium Series oscilloscopes with operating software revision
4.20 or higher. For oscilloscopes with earlier revisions, free upgrade software is available here: www.keysight.com/find/scope-apps-sw.
Data rate
Minimum bandwidth
Minimum channels
Compatible oscilloscopes
Gear 1 (Up to 1.46 Gbps)
6 GHz
2
Infiniium 9000, S-Series, 90000 and Z-Series
Gear 2 (Up to 2.92 Gbps)
12 GHz
2
Infiniium 90000 and Z-Series
Gear 3 (Up to 5.83 Gbps)
20 GHz
2
Infiniium 90000 and Z-Series


Similar Part No. - N8808A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8808A-1FP KEYSIGHT-N8808A-1FP Datasheet
11Mb / 47P
   Infiniium V-Series Oscilloscopes
N8808A-1TP KEYSIGHT-N8808A-1TP Datasheet
11Mb / 47P
   Infiniium V-Series Oscilloscopes
More results

Similar Description - N8808A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8809A KEYSIGHT-N8809A Datasheet
3Mb / 8P
   Protocol Triggering and Decode
N8807A KEYSIGHT-N8807A Datasheet
4Mb / 9P
   Protocol Triggering and Decode
N8807B KEYSIGHT-N8807B Datasheet
4Mb / 9P
   Protocol Triggering and Decode
N8820A KEYSIGHT-N8820A Datasheet
3Mb / 8P
   Protocol Triggering and Decode
N8818A KEYSIGHT-N8818A Datasheet
4Mb / 9P
   Protocol Triggering and Decode
N8809B KEYSIGHT-N8809B Datasheet
3Mb / 8P
   Protocol Triggering and Decode
N8818B KEYSIGHT-N8818B Datasheet
4Mb / 9P
   Protocol Triggering and Decode
N8842A KEYSIGHT-N8842A Datasheet
1Mb / 9P
   Protocol Triggering and Decode
N8808B KEYSIGHT-N8808B Datasheet
3Mb / 8P
   Protocol Triggering and Decode
N8820B KEYSIGHT-N8820B Datasheet
3Mb / 8P
   Protocol Triggering and Decode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com