Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC281-6YM6 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC281-6YM6
Description  Low-Cost IttyBitty??Thermal Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC281-6YM6 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC281-6YM6 Datasheet HTML 1Page - Micrel Semiconductor MIC281-6YM6 Datasheet HTML 2Page - Micrel Semiconductor MIC281-6YM6 Datasheet HTML 3Page - Micrel Semiconductor MIC281-6YM6 Datasheet HTML 4Page - Micrel Semiconductor MIC281-6YM6 Datasheet HTML 5Page - Micrel Semiconductor MIC281-6YM6 Datasheet HTML 6Page - Micrel Semiconductor MIC281-6YM6 Datasheet HTML 7Page - Micrel Semiconductor MIC281-6YM6 Datasheet HTML 8Page - Micrel Semiconductor MIC281-6YM6 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Micrel, Inc.
MIC281
April 23, 2014
3
Revision 2.0
Absolute Maximum Ratings
(2)
Power Supply Voltage (VDD)........................................+3.8V
Voltage on T1 .......................................
–0.3V to V
DD + 0.3V
Voltage on CLK, DATA .....................................
–0.3V to 6V
Current into Any Pin ..................................................±10mA
Power Dissipation, TA = +125°C ..............................109mW
Storage Temperature (Ts).........................
–65°C to +150°C
ESD Ratings
(4)
Human Body Model..................................................... 1.5kV
Machine Model .............................................................200V
Soldering (SOT23-6 package)
Vapor Phase (60s) ........................................... 220°C
+5/
-0°C
Infrared (15s).................................................... 235°C
+5/
-0°C
Operating Ratings
(3)
Power Supply Voltage (VDD) ........................ +3.0V to +3.6V
Ambient Temperature Range (TA) ............ –55°C to +125°C
Package Thermal Resistance
SOT23-6 (
JA) .................................................. 230°C/W
Electrical Characteristics
(5)
VDD = 3.3V; TA = 25°C, unless noted. Bold values indicate TMIN ≤ TA ≤ TMAX, unless noted
(3).
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Power Supply
IDD
Supply Current
T1 open; CLK = DATA = High;
Normal mode
0.23
0.4
mA
Shutdown mode; T1 open; Note 7
CLK = 100kHz
9
µA
Shutdown mode; T1 open;
CLK = DATA = High
6
µA
tPOR
Power-on Reset Time, Note 7
VDD > VPOR
200
µs
VPOR
Power-on Reset Voltage
All registers reset to default values;
A/D conversions initiated
2.65
2.95
V
VHYST
Power-on Reset Hysteresis
Voltage, Note 7
300
mV
Temperature-to-Digital Converter Characteristics
Accuracy, Notes 7, 8, 9
0°C
≤ TD ≤ 100°C, 0°C < TA < 85°C;
3.15V < VDD < 3.45V
±1
±3
°C
–40°C ≤ TD ≤ 125°C, 0°C < TA < 85°C;
3.15V < VDD < 3.45V
±2
±5
°C
tCONV
Conversion Time
Note 7
200
240
ms
Remote Temperature Input, T1
IF
Current into External Diode,
Note 7
T1 forced to 1.0V, high level
192
400
µA
Low level
7
12
µA


Similar Part No. - MIC281-6YM6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC281-6YM6 MICREL-MIC281-6YM6 Datasheet
171Kb / 12P
   Low-Cost IttyBitty Thermal Sensor IttyBitty
More results

Similar Description - MIC281-6YM6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC281 MICREL-MIC281_11 Datasheet
177Kb / 12P
   Low-Cost IttyBitty??Thermal Sensor IttyBitty
MIC281 MICREL-MIC281 Datasheet
171Kb / 12P
   Low-Cost IttyBitty Thermal Sensor IttyBitty
MIC280 MICREL-MIC280_14 Datasheet
865Kb / 28P
   Precision IttyBitty??Thermal Supervisor
MIC280 MICREL-MIC280_06 Datasheet
391Kb / 23P
   Precision IttyBitty Thermal Supervisor
MIC280 MICREL-MIC280 Datasheet
226Kb / 23P
   Precision IttyBitty Thermal Supervisor
MIC4416 MICREL-MIC4416_05 Datasheet
121Kb / 10P
   IttyBitty??Low-Side MOSFET Driver
MIC4416 MICREL-MIC4416 Datasheet
107Kb / 9P
   IttyBitty??Low-Side MOSFET Driver
logo
Amphenol Corporation
RL-30 AMPHENOL-RL-30 Datasheet
64Kb / 2P
   Low cost solid state sensor
logo
MIC GROUP RECTIFIERS
MIC4416 MIC-MIC4416_11 Datasheet
122Kb / 10P
   IttyBitty??Low-Side MOSFET Driver
logo
Amphenol Corporation
RL-14 AMPHENOL-RL-14 Datasheet
70Kb / 2P
   Low cost solid state sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com