Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC281-3YM6 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC281-3YM6
Description  Low-Cost IttyBitty??Thermal Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC281-3YM6 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC281-3YM6 Datasheet HTML 1Page - Micrel Semiconductor MIC281-3YM6 Datasheet HTML 2Page - Micrel Semiconductor MIC281-3YM6 Datasheet HTML 3Page - Micrel Semiconductor MIC281-3YM6 Datasheet HTML 4Page - Micrel Semiconductor MIC281-3YM6 Datasheet HTML 5Page - Micrel Semiconductor MIC281-3YM6 Datasheet HTML 6Page - Micrel Semiconductor MIC281-3YM6 Datasheet HTML 7Page - Micrel Semiconductor MIC281-3YM6 Datasheet HTML 8Page - Micrel Semiconductor MIC281-3YM6 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Micrel, Inc.
MIC281
April 23, 2014
4
Revision 2.0
Electrical Characteristics
(5) (Continued)
VDD = 3.3V; TA = 25°C, unless noted. Bold values indicate TMIN ≤ TA ≤ TMAX, unless noted
(3).
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Serial Data I/O Pin, DATA
VOL
Low Output Voltage, Note 6
IOL = 3mA
0.3
V
IOL = 6mA
0.5
V
VIL
Low Input Voltage
3V
≤ VDD ≤ 3.6V
0.8
V
VIH
High Input Voltage
3V
≤ VDD ≤ 3.6V
2.1
5.5
V
CIN
Input Capacitance
Note 7
10
pF
ILEAK
Input Current
±1
µA
Serial Clock Input, CLK
VIL
Low Input Voltage
3V
≤ VDD ≤ 3.6V
0.8
V
VIH
High Input Voltage
3V
≤ VDD ≤ 3.6V
2.1
5.5
V
CIN
Input Capacitance
Note 7
10
pF
ILEAK
Input Current
±1
µA
Serial Interface Timing
t1
CLK (clock) Period
2.5
µs
t2
Data In Setup Time to CLK High
100
ns
t3
Data Out Stable after CLK Low
300
ns
t4
Data Low Setup Time to CLK
Low
Start Condition
100
ns
t5
Data High Hold Time after CLK
High
Stop Condition
100
ns
tTO
Bus Timeout
25
30
35
ms
Notes:
2.
Exceeding the absolute maximum ratings may damage the device.
3.
The device is not guaranteed to function outside its operating ratings. Final test on outgoing product is performed at TA = 25°C.
4.
Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5k
Ω in series with 100pF.
5.
Specification for packaged product only.
6.
Current into the DATA pin will result in self-heating of the device. Sink current should be minimized for best accuracy.
7.
Guaranteed by design over the operating temperature range. Not 100% production tested.
8.
Accuracy specification does not include quantization noise, which may be up to ±1/2 LSB.
9.
TD is the temperature of the remote diode junction. Testing is performed using a single unit of one of the transistors listed in Table 4.


Similar Part No. - MIC281-3YM6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC281-3YM6 MICREL-MIC281-3YM6 Datasheet
171Kb / 12P
   Low-Cost IttyBitty Thermal Sensor IttyBitty
More results

Similar Description - MIC281-3YM6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC281 MICREL-MIC281_11 Datasheet
177Kb / 12P
   Low-Cost IttyBitty??Thermal Sensor IttyBitty
MIC281 MICREL-MIC281 Datasheet
171Kb / 12P
   Low-Cost IttyBitty Thermal Sensor IttyBitty
MIC280 MICREL-MIC280_14 Datasheet
865Kb / 28P
   Precision IttyBitty??Thermal Supervisor
MIC280 MICREL-MIC280_06 Datasheet
391Kb / 23P
   Precision IttyBitty Thermal Supervisor
MIC280 MICREL-MIC280 Datasheet
226Kb / 23P
   Precision IttyBitty Thermal Supervisor
MIC4416 MICREL-MIC4416_05 Datasheet
121Kb / 10P
   IttyBitty??Low-Side MOSFET Driver
MIC4416 MICREL-MIC4416 Datasheet
107Kb / 9P
   IttyBitty??Low-Side MOSFET Driver
logo
Amphenol Corporation
RL-30 AMPHENOL-RL-30 Datasheet
64Kb / 2P
   Low cost solid state sensor
logo
MIC GROUP RECTIFIERS
MIC4416 MIC-MIC4416_11 Datasheet
122Kb / 10P
   IttyBitty??Low-Side MOSFET Driver
logo
Amphenol Corporation
RL-14 AMPHENOL-RL-14 Datasheet
70Kb / 2P
   Low cost solid state sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com