Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAQ5281YMME Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MAQ5281YMME
Description  120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MAQ5281YMME Datasheet(HTML) 5 Page - Micrel Semiconductor

  MAQ5281YMME Datasheet HTML 1Page - Micrel Semiconductor MAQ5281YMME Datasheet HTML 2Page - Micrel Semiconductor MAQ5281YMME Datasheet HTML 3Page - Micrel Semiconductor MAQ5281YMME Datasheet HTML 4Page - Micrel Semiconductor MAQ5281YMME Datasheet HTML 5Page - Micrel Semiconductor MAQ5281YMME Datasheet HTML 6Page - Micrel Semiconductor MAQ5281YMME Datasheet HTML 7Page - Micrel Semiconductor MAQ5281YMME Datasheet HTML 8Page - Micrel Semiconductor MAQ5281YMME Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Micrel, Inc.
MAQ5281
Typical Characteristics
Quiescent Supply Current
vs. Input Voltage
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
0
20
40
60
80
100
120
INPUT VOLTAGE (V)
VOUT = 5V
IOUT = 0
Quiescent Supply Current
vs. Temperature
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 12V
VOUT = 5V
IOUT = 0mA
Output Voltage
vs. Input Voltage
4.85
4.90
4.95
5.00
5.05
5.10
5.15
0
20
40
60
80
100
120
INPUT VOLTAGE (V)
VIN = 12V
VOUT = 5V
IOUT = 5mA
Output Voltage
vs. Output Current
4.75
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
5.25
0
5
10
15
20
25
OUTPUT CURRENT (mA)
VIN = 12V
VOUT = 5V
Output Voltage
vs. Temperature
4.75
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
5.25
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 12V
VOUT = 5V
IOUT = 5mA
Dropout Voltage
vs. Output Current
0.00
0.50
1.00
1.50
2.00
2.50
3.00
0
5
10
15
20
25
OUTPUT CURRENT (mA)
VOUT = 5V
ADJUSTABLE OPTION
Dropout Voltage
vs. Temperature
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VOUT = 5V
IOUT = 25mA
FB Voltage
vs. Input Voltage
1.23
1.24
1.25
1.26
1.27
1.28
1.29
1.30
1.31
0
20
40
60
80
100
120
INPUT VOLTAGE (V)
VOUT = 5V
IOUT = 5mA
FB Current
vs. Input Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
20
40
60
80
100
120
INPUT VOLTAGE (V)
VOUT = 5V
VFB = 1.267V
October 2, 2014
5
Revision 2.0


Similar Part No. - MAQ5281YMME

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MAQ5281YMME MICREL-MAQ5281YMME Datasheet
687Kb / 18P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
More results

Similar Description - MAQ5281YMME

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MAQ5281 MICREL-MAQ5281 Datasheet
687Kb / 18P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5281 MICREL-MIC5281_11 Datasheet
781Kb / 21P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5283 MICREL-MIC5283_12 Datasheet
962Kb / 19P
   120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5282 MICREL-MAQ5282 Datasheet
690Kb / 18P
   120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5283 MICREL-MAQ5283 Datasheet
828Kb / 14P
   120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5282 MICREL-MAQ5282_14 Datasheet
878Kb / 16P
   120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5283 MICREL-MIC5283 Datasheet
962Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
MIC5282 MICREL-MIC5282 Datasheet
940Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
MIC5280 MICREL-MIC5280 Datasheet
259Kb / 14P
   25mA, 120V, Low IQ, High PSRR LDO
MAQ5280 MICREL-MAQ5280 Datasheet
339Kb / 14P
   25mA, 120V, Low IQ, High PSRR LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com