Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC1344 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC1344
Description  Smart, 3A, Two-Channel, Power ORing Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC1344 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC1344 Datasheet HTML 3Page - Micrel Semiconductor MIC1344 Datasheet HTML 4Page - Micrel Semiconductor MIC1344 Datasheet HTML 5Page - Micrel Semiconductor MIC1344 Datasheet HTML 6Page - Micrel Semiconductor MIC1344 Datasheet HTML 7Page - Micrel Semiconductor MIC1344 Datasheet HTML 8Page - Micrel Semiconductor MIC1344 Datasheet HTML 9Page - Micrel Semiconductor MIC1344 Datasheet HTML 10Page - Micrel Semiconductor MIC1344 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Micrel, Inc.
MIC1344
April 24, 2015
7
Revision 1.0
Typical Characteristics (Continued)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.0
0.5
1.0
1.5
2.0
2.5
3.0
LOAD CURRENT (A)
V
ILIM
vs. Load Current
VIN = 3.3V
R
ILIM = 1kΩ
0
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
Current Limit
vs. Temperature
R
ILIM = 931Ω
R
ILIM = 10kΩ
0
0.5
1
1.5
2
2.5
3
2.5
3.0
3.5
4.0
4.5
5.0
IN (V)
Current Limit
vs. IN
R
ILIM = 931Ω
R
ILIM = 10kΩ
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.1
1.0
10.0
100.0
CL LOAD CAPACITANCE (µF)
Output Switchover Voltage
Droop vs. Load Capacitance
AUTOMATIC MODE
V
INA = 4.5V
V
INB = 4V to 5.5V
R
L = 10 Ω


Similar Part No. - MIC1344

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC10937 MICREL-MIC10937 Datasheet
365Kb / 8P
   V. F. Alphanumeric Display Controller
MIC10937J-40 MICREL-MIC10937J-40 Datasheet
365Kb / 8P
   V. F. Alphanumeric Display Controller
MIC10937P-40 MICREL-MIC10937P-40 Datasheet
365Kb / 8P
   V. F. Alphanumeric Display Controller
MIC10937P-50 MICREL-MIC10937P-50 Datasheet
365Kb / 8P
   V. F. Alphanumeric Display Controller
MIC10937PE-40 MICREL-MIC10937PE-40 Datasheet
365Kb / 8P
   V. F. Alphanumeric Display Controller
More results

Similar Description - MIC1344

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS611L1 SIEMENS-BTS611L1 Datasheet
191Kb / 14P
   Smart Two Channel Highside Power Switch
logo
Infineon Technologies A...
BTS611L1 INFINEON-BTS611L1 Datasheet
312Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
BTS612N1 INFINEON-BTS612N1 Datasheet
308Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
BTS707 INFINEON-BTS707 Datasheet
304Kb / 12P
   Smart Two Channel Highside Power Switch
2003-Oct-01
BTS621L1 INFINEON-BTS621L1 Datasheet
337Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
logo
Lowpower Semiconductor ...
LPW5213 POWER-LPW5213 Datasheet
269Kb / 5P
   3A Smart Power Switch
LPW5203 POWER-LPW5203 Datasheet
238Kb / 5P
   3A Smart Power Switch
logo
Siemens Semiconductor G...
TLE5224G2 SIEMENS-TLE5224G2 Datasheet
366Kb / 9P
   SMART TWO CHANNEL LOW-SIDE SWITCH
logo
Infineon Technologies A...
TLE6215G INFINEON-TLE6215G Datasheet
268Kb / 12P
   Smart Two Channel Low-Side Switch
V5 28.04.2002
ITS621L1 INFINEON-ITS621L1 Datasheet
306Kb / 14P
   Smart Two Channel Highside Power Switch for Industrial Applications
2006-Mar-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com