Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2111BYMT Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2111BYMT
Description  High-Performance, Multi-Mode, Step-Down Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2111BYMT Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2111BYMT Datasheet HTML 6Page - Micrel Semiconductor MIC2111BYMT Datasheet HTML 7Page - Micrel Semiconductor MIC2111BYMT Datasheet HTML 8Page - Micrel Semiconductor MIC2111BYMT Datasheet HTML 9Page - Micrel Semiconductor MIC2111BYMT Datasheet HTML 10Page - Micrel Semiconductor MIC2111BYMT Datasheet HTML 11Page - Micrel Semiconductor MIC2111BYMT Datasheet HTML 12Page - Micrel Semiconductor MIC2111BYMT Datasheet HTML 13Page - Micrel Semiconductor MIC2111BYMT Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Micrel, Inc.
MIC2111B
October 13, 2015
10
Revision 2.1
Typical Characteristics (Continued)
0.594
0.596
0.598
0.600
0.602
0.604
0.606
-50
0
50
100
150
TEMPERATURE(C)
Feedback Voltage
vs. Temperature
0
10
20
30
40
50
60
70
80
0
0.5
1
1.5
2
2.5
SWITCHING FREQUENCY (MHz)
V
CC Supply Current
vs. Switching Frequency
V
CC = 5V
1.50
1.55
1.60
1.65
1.70
1.75
-50
0
50
100
150
TEMPERATURE (
˚C)
V
CC Supply Current
vs. Temperature
2.75
2.8
2.85
2.9
2.95
3
-50
0
50
100
150
TEMPERATURE (
˚C)
V
CC UVLO
vs. Temperature
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
3
3.5
4
4.5
5
5.5
V
CC (V)
V
CC Quiescent Current
vs. V
CC Voltage
2.05
2.1
2.15
2.2
2.25
2.3
2.35
2.4
2.45
0.0
0.5
1.0
1.5
2.0
2.5
FREQUENCY (MHz)
V
CC Quiescent Current
vs. Frequency
0.0
0.5
1.0
1.5
2.0
2.5
-50
0
50
100
150
TEMPERATURE (
˚C)
Switching Frequency
vs. Temperature
f
sw = 1MHz
f
sw = 500KHz
f
sw = 2MHz
0
0.1
0.2
0.3
0.4
0.5
0.6
-50
0
50
100
TEMPERATURE (
˚C)
PG Threshold
vs. Temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
3
3.5
4
4.5
5
5.5
6
V
CC (V)
PG Threshold
vs. V
CC


Similar Part No. - MIC2111BYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2111BYML MICREL-MIC2111BYML Datasheet
95Kb / 2P
   Single-Phase, Multi-Mode, High-Performance, Step-Down PWM Controller
More results

Similar Description - MIC2111BYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2111 MICREL-MIC2111 Datasheet
95Kb / 2P
   Single-Phase, Multi-Mode, High-Performance, Step-Down PWM Controller
logo
uPI Group Inc.
UP1537 UPI-UP1537 Datasheet
239Kb / 15P
   High Performance, Single Synchronous Step-Down Controller
logo
Diodes Incorporated
AP3118 DIODES-AP3118 Datasheet
1Mb / 17P
   HIGH-PERFORMANCE MULTI-MODE PWM CONTROLLER
logo
Texas Instruments
TPS53819A TI-TPS53819A Datasheet
971Kb / 43P
[Old version datasheet]   High-Performance, Eco-mode, Single Synchronous Step-Down Controller with PMBus
logo
Anpec Electronics Corop...
APW7199 ANPEC-APW7199 Datasheet
463Kb / 24P
   High-Performance Step-Down PWM Controller with PFM
logo
Texas Instruments
TPS53819A TI-TPS53819A_15 Datasheet
1Mb / 52P
[Old version datasheet]   TPS53819A High-Performance, Eco-mode?? Single Synchronous Step-Down Controller with PMBus?
logo
Linear Technology
LT3800 LINER-LT3800_15 Datasheet
264Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
LT3800 LINER-LT3800 Datasheet
314Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
logo
STMicroelectronics
AN2816 STMICROELECTRONICS-AN2816 Datasheet
2Mb / 36P
   High-efficiency step-down controller
logo
Skyworks Solutions Inc.
AAT1185 SKYWORKS-AAT1185 Datasheet
3Mb / 16P
   High Voltage Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com