Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC94052YC6 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC94052YC6
Description  84m廓 P-Channel MOSFET in SC-70-6
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94052YC6 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC94052YC6 Datasheet HTML 1Page - Micrel Semiconductor MIC94052YC6 Datasheet HTML 2Page - Micrel Semiconductor MIC94052YC6 Datasheet HTML 3Page - Micrel Semiconductor MIC94052YC6 Datasheet HTML 4Page - Micrel Semiconductor MIC94052YC6 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MIC94052/53
Micrel, Inc.
M9999-060508
2
June 2008
Pin Configuration
G
D
S
D
D
3
1
6
2
4
5
D
MIC94052
SC-70-6 (C6)
Pin Description
Pin Number
Pin Name
Pin Function
1, 2, 5, 6
D
Drain. Ensure that all drain pins are connected together to optimize RDS(ON)
performance.
3
G
Gate
4
S
Source
G
D
S
D
D
3
1
6
2
4
5
D
MIC94053
SC-70-6 (C6)
SN - Pb
Pb -Free
Package Marking - Top View


Similar Part No. - MIC94052YC6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94052 MICREL-MIC94052 Datasheet
62Kb / 5P
   84m??P-Channel MOSFET in SC-70-6 Final
MIC94052BC6 MICREL-MIC94052BC6 Datasheet
62Kb / 5P
   84m??P-Channel MOSFET in SC-70-6 Final
More results

Similar Description - MIC94052YC6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94052 MICREL-MIC94052 Datasheet
62Kb / 5P
   84m??P-Channel MOSFET in SC-70-6 Final
logo
ON Semiconductor
SCH1331-TL-H ONSEMI-SCH1331-TL-H Datasheet
370Kb / 7P
   P-Channel Power MOSFET 12V,3A, 84m Single SCH6
July, 2013
NTS4101P ONSEMI-NTS4101P_06 Datasheet
128Kb / 5P
   Power MOSFET -20 V, -1.37 A, Single P-Channel, SC-70
March, 2006 ??Rev. 2
logo
Fairchild Semiconductor
FQB27P06TM FAIRCHILD-FQB27P06TM Datasheet
1Mb / 8P
   P-Channel QFET짰 MOSFET -60 V, -27 A, 70 m廓
logo
ON Semiconductor
MMBF2202PT1 ONSEMI-MMBF2202PT1 Datasheet
79Kb / 6P
   Power MOSFET 300 mAmps, 20 Volts P-Channel SC-70/SOT-323
November, 2003 ??Rev. 4
MMBF2202PT1 ONSEMI-MMBF2202PT1_06 Datasheet
59Kb / 4P
   Power MOSFET 300 mAmps, 20 Volts P-Channel SC-70/SOT-323
January, 2006 ??Rev. 5
logo
Nexperia B.V. All right...
PMT200EPE NEXPERIA-PMT200EPE Datasheet
290Kb / 15P
   70 V, P-channel Trench MOSFET
14 March 2018
logo
Micrel Semiconductor
MIC94060 MICREL-MIC94060 Datasheet
53Kb / 6P
   100m SC-70-6 Smart Load Switch
logo
Fairchild Semiconductor
FDME510PZT FAIRCHILD-FDME510PZT Datasheet
254Kb / 7P
   P-Channel PowerTrench짰 MOSFET -20 V, -6 A, 37 m廓
logo
Eutech Microelectronics...
EUP7981 EUTECH-EUP7981 Datasheet
227Kb / 10P
   150mA Low-Noise LDO in SC-70
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com