Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC4043YM4 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC4043YM4
Description  Low-Voltage, Secondary-Side Shunt Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4043YM4 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC4043YM4 Datasheet HTML 3Page - Micrel Semiconductor MIC4043YM4 Datasheet HTML 4Page - Micrel Semiconductor MIC4043YM4 Datasheet HTML 5Page - Micrel Semiconductor MIC4043YM4 Datasheet HTML 6Page - Micrel Semiconductor MIC4043YM4 Datasheet HTML 7Page - Micrel Semiconductor MIC4043YM4 Datasheet HTML 8Page - Micrel Semiconductor MIC4043YM4 Datasheet HTML 9Page - Micrel Semiconductor MIC4043YM4 Datasheet HTML 10Page - Micrel Semiconductor MIC4043YM4 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Micrel, Inc.
MIC4043
Functional Description
The MIC4043 combines a GM amplifier, precision 1.245V
reference, and a pass transistor in a single package.
The operation of the MIC4043 is similar to conventional
shunt regulators such as the industry standard ’431. In a
closed loop system, the MIC4043 maintains the desired
feedback voltage at the FB pin by sinking current onto the
SNK pin proportional to the error voltage at the FB pin.
The ratio of sink current to error voltage is the
transconductance of the device.
Reference
The MIC4043 uses a high-side reference. External
voltage dividers providing feedback to the MIC4043 will
be inverted when compared to those used with ’431-
equivalent devices.
Behavior
The external feedback voltage is compared to the internal
high-side 1.245V reference.
If the feedback voltage, VFB, is less than VIN – VREF, the
amplifier provides no drive to the sink transistor. If the
feedback voltages are greater than VIN – VREF, the
amplifier drives the pass transistor which sinks current to
ground.
October 10, 2014
7
Revision 2.0


Similar Part No. - MIC4043YM4

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC4043YM4 MIC-MIC4043YM4 Datasheet
453Kb / 12P
   Low-Voltage Secondary-Side Shunt Regulator Final Information
logo
Micrel Semiconductor
MIC4043YM4 MICREL-MIC4043YM4 Datasheet
453Kb / 12P
   Low-Voltage Secondary-Side Shunt Regulator
More results

Similar Description - MIC4043YM4

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4043 MICREL-MIC4043_02 Datasheet
453Kb / 12P
   Low-Voltage Secondary-Side Shunt Regulator
MIC4043 MICREL-MIC4043 Datasheet
3Mb / 12P
   Low-Voltage Secondary-Side Shunt Regulator
logo
MIC GROUP RECTIFIERS
MIC4043 MIC-MIC4043_11 Datasheet
453Kb / 12P
   Low-Voltage Secondary-Side Shunt Regulator Final Information
logo
Analog Microelectronics
AME4311 AME-AME4311 Datasheet
135Kb / 8P
   Low Voltage Shunt Regulator
logo
Advanced Analog Technol...
AHK432 AAT-AHK432 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Champion Microelectroni...
CM431 CHAMP-CM431 Datasheet
221Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L_07 Datasheet
207Kb / 10P
   Low Voltage Adjustable Shunt Regulator
SC431L SEMTECH-SC431L_08 Datasheet
208Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
List of Unclassifed Man...
CM431A ETC-CM431A Datasheet
416Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432_05 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com