Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2168A Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2168A
Description  1MHz PWM Synchronous Buck-Control IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2168A Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2168A_15 Datasheet HTML 1Page - Micrel Semiconductor MIC2168A_15 Datasheet HTML 2Page - Micrel Semiconductor MIC2168A_15 Datasheet HTML 3Page - Micrel Semiconductor MIC2168A_15 Datasheet HTML 4Page - Micrel Semiconductor MIC2168A_15 Datasheet HTML 5Page - Micrel Semiconductor MIC2168A_15 Datasheet HTML 6Page - Micrel Semiconductor MIC2168A_15 Datasheet HTML 7Page - Micrel Semiconductor MIC2168A_15 Datasheet HTML 8Page - Micrel Semiconductor MIC2168A_15 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Micrel, Inc.
MIC2168A
Absolute Maximum Ratings
(1)
Supply Voltage (VIN) ..................................................+15.5V
Bootstrapped Voltage (VBST). ................................... VIN +5V
Junction Temperature (TJ) ..................–
40°C ≤ T
J
≤ +125°C
Storage Temperature (TS).........................–65°C to +150°C
Operating Ratings
(2)
Supply Voltage (VIN)...................................... +3V to +14.5V
Output Voltage Range............................. 0.8V to VIN × DMAX
Package Thermal Resistance
10-Pin MSOP (
θ
JA)........................................... 180°C/W
Electrical Characteristics
(3)
TJ = 25°C, VIN = 5V, unless otherwise specified. Bold values indicate –40°C < TJ < +125°C.
Parameter
Condition
Min.
Typ.
Max.
Units
Feedback Voltage Reference
(± 1%)
0.792
0.8
0.808
V
Feedback Voltage Reference
(± 2% over temp)
0.784
0.8
0.816
V
Feedback Bias Current
30
100
nA
Output Voltage Line Regulation
0.03
%/V
Output Voltage Load Regulation
0.5
%
Output Voltage Total Regulation
3V ≤ VIN ≤ 14.5V; 1A ≤ IOUT ≤ 10A; (VOUT = 2.5V)(4)
0.6
%
Oscillator Section
Oscillator Frequency
900
1000
1100
kHz
Maximum Duty Cycle (DMAX)
90
Minimum On-Time
(4)
30
60
ns
Input and VDD Supply
PWM Mode Supply Current
VCS = VIN –0.25V; VFB = 0.7V
(output switching but excluding external MOSFET
gate current.)
1.6
3
mA
Shutdown Quiescent Current
VCOMP/EN=0V
50
150
µA
VCOMP Shutdown Threshold
0.1
0.25
0.4
V
VCOMP Shutdown Blanking
Period
CCOMP = 100nF
4
ms
Digital Supply Voltage (VDD)
VIN
≥ 6V
4.7
5
5.3
V
Error Amplifier
DC Gain
70
dB
Transconductance
1
ms
Soft Start
Soft-Start Current
After timeout of internal timer.
(See “Soft-Start” section.)
8.5
µA
Current Sense
CS Overcurrent Trip Point
VCS = VIN –0.25V
160
200
240
µA
Temperature Coefficient
+1800
ppm/°C
Notes:
1.
Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating
the device outside of its operating ratings. The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(max), the
junction-to-
ambient thermal resistance, θ
JA, and the ambient temperature, TA. The maximum allowable power dissipation will result in excessive die
temperature, and the regulator will go into thermal shutdown.
2.
Devices are ESD sensitive, handling precautions required.
3.
Specification for packaged product only.
4.
Guaranteed by design.
April 22, 2015
3
Revision 3.0


Similar Part No. - MIC2168A_15

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2168ABMM MICREL-MIC2168ABMM Datasheet
821Kb / 14P
   1MHz PWM Synchronous Buck Control IC
MIC2168AYMM MICREL-MIC2168AYMM Datasheet
821Kb / 14P
   1MHz PWM Synchronous Buck Control IC
More results

Similar Description - MIC2168A_15

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
   1MHz PWM Synchronous Buck Control IC
MIC2168 MICREL-MIC2168_05 Datasheet
1Mb / 14P
   1MHz PWM Synchronous Buck Control IC
MIC2168 MICREL-MIC2168 Datasheet
159Kb / 14P
   1MHZ PWM SYNCHRONOUS BUCK CONTROL IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
   500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
   500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
   500kHz PWM Synchronous Buck Control IC
MIC2169 MICREL-MIC2169_09 Datasheet
207Kb / 15P
   500kHz PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B Datasheet
554Kb / 24P
   500kHz PWM Synchronous Buck Control IC
MIC2183 MICREL-MIC2183_05 Datasheet
152Kb / 12P
   Low Voltage Synchronous Buck PWM Control IC
MIC2169 MICREL-MIC2169 Datasheet
160Kb / 14P
   500 KHZ PWM SYNCHRONOUS BUCK CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com