Electronic Components Datasheet Search |
|
BSPD120240D2P Datasheet(PDF) 2 Page - Cooper Bussmann, Inc. |
|
BSPD120240D2P Datasheet(HTML) 2 Page - Cooper Bussmann, Inc. |
2 / 7 page 2 Technical Data 10209 Effective December 2015 BSPD SPDs for overvoltage protection on switchgear and power distribution panels Introduction The BSPD surge protective devices are tested by Underwriters Laboratory and Listed to UL® 1449, 3rd Edition to help ensure equipment is protected with highly reliable surge protection technology. Delta and Wye system units are available in three configurations to increase application flexibility. The BSPD Series is for installation external to an electrical enclosure or panelboard. Application of BSPD Series units throughout a facility will help ensure that equipment is protected. Applications BSPD units are available for common Delta and Wye system voltages in a variety of surge current capacity ratings from 120kA to 400kA. Available in three configurations, the BSPD Series’ features and options make it easy to specify units for many electrical applications including service entrances, distribution switchboards, panelboards and point-of-use. All possible combinations of product attributes are available for ordering in the catalog number system (see page 7). Features • BSPD uses Bussmann series SurgePOD™ thermally protected Metal Oxide Varistor (MOV) technology to safely shunt overvoltages to ground while its thermal disconnect capability eliminates the need for additional fusing • 200kA SCCR meets the highest NEC® requirements • Models available to meet the overvoltage protection needs of Wye and Delta electrical systems from 208 to 600 volts, 3-phase • BSPD has the highest nominal discharge current (I n) of 20kA per UL 1449 3rd Edition. This rating indicates the SPD’s ability to handle a number of large-magnitude surges over a short period of time and remain operational. • 120kA to 400kA surge current capacity (I max) ratings meet the needs of larger switchgear and power distribution panel applications • Optional Form C contact relay, EMI/RFI filtering and surge counter available to meet additional system requirements. • 200kA Short-Circuit Current Rating (SCCR) • NEMA 1 or NEMA 4X enclosures • RoHS compliant • 10 year warranty Agency information • Basic, standard and standard withsurge counter configurations UL Listed, 1449 3rd Edition, File E316410, Guide VZCA, CSA® Certified, Notice 516, File 243397 • Standard and standard with surge counter configurations are also UL Recognized, 1283 5th Edition, File E316410, Guide VZCA2, CSA component acceptance, Std. C22.2, No. 8-M1986, File 243397 BSPD unit mounted externally to a Bussmann series Quik-Spec™ Coordination Panelboard Eaton.com/bussmannseries Factory sealed to improve electrical safety All BSPD units are factory-sealed to eliminate arc flash and shock hazards, as the user/installer has no chance of coming into contact with energized parts. The units also contain no user-serviceable parts or wire lugs that require periodic retightening to eliminate the need for periodic maintenance. Bussmann series SurgePOD technology eliminates the need for additional fusing BSPD uses Bussmann series SurgePOD modules that each contain an internal element that safely disconnects upon reaching an overvoltage breakdown condition. Prewired All BSPD units are factory wired for ease of installation. Simply install any necessary conduit runs, mount the unit and make all wire connections. No need for internal wiring or access to the unit’s inside. Compact size takes less space Available in enclosures that are up to 50% smaller than other products with comparable ratings the BSPD Series come in NEMA® 1 and 4X enclosures that differ in size according to their surge current capacity (I max). NEMA 1 BSPD units. • The 120-200kA surge current capacity units are housed in a 74 square-inch enclosure that is only 3-1/2 inches deep. • The 300-400kA surge current capacity units are housed in a 74 square-inch enclosure that is only 6 inches deep. NEMA 4X BSPD units. • The 120-200kA surge current capacity units are housed in a 108 square-inch enclosure that is only 5-3/8 inches deep. • The 300-400kA surge current capacity units are housed in a 108 square-inch enclosure that is only 7-11/16 inches deep. |
Similar Part No. - BSPD120240D2P |
|
Similar Description - BSPD120240D2P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |