Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MICRF112YMM Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MICRF112YMM
Description  300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF112YMM Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MICRF112YMM Datasheet HTML 7Page - Micrel Semiconductor MICRF112YMM Datasheet HTML 8Page - Micrel Semiconductor MICRF112YMM Datasheet HTML 9Page - Micrel Semiconductor MICRF112YMM Datasheet HTML 10Page - Micrel Semiconductor MICRF112YMM Datasheet HTML 11Page - Micrel Semiconductor MICRF112YMM Datasheet HTML 12Page - Micrel Semiconductor MICRF112YMM Datasheet HTML 13Page - Micrel Semiconductor MICRF112YMM Datasheet HTML 14Page - Micrel Semiconductor MICRF112YMM Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Micrel, Inc.
MICRF112
February 2013
11
M9999-020713
Functional Diagram
Figure 1. Functional Block Diagram MICRF112 10 Pin ASK/FSK Version
Functional Description
Figure 1 shows a functional block diagram of the
MICRF112 transmitter. The MICRF112 can be best
described as a phase-locked transmitter. The system
can be partitioned into six functional blocks: crystal
oscillator, PLL×32, power
amplifier, enable control,
undervoltage detect, and open-drain switch for FSK
operation.
Crystal Oscillator
The reference oscillator is a crystal-based Pierce
configuration. It is designed to accept crystals with
frequencies from 9.375MHz to 14.0625MHz.
Crystal Oscillator Parameters for ASK Operation
Figure
2
shows
a
reference
oscillator
circuit
configuration for ASK operation. The reference oscillator
can drive crystals with an ESR range from 20
Ω to 300Ω.
When the ESR of the crystal is at 20
Ω, the crystal
parameter limits are:
ESR
20
CPAR
2 to 10pF
CMO
10 to 40fF
Figure 2. Reference Oscillator ASK Operation
When the ESR of the
crystal is at 300Ω, the crystal
parameter limits are:
ESR
300
CPAR
2 to 5pF
CMO
10 to 40fF
CLOAD
10 to 30pF


Similar Part No. - MICRF112YMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF112YMM10 MICREL-MICRF112YMM10 Datasheet
527Kb / 20P
   QwikRadio짰 UHF ASK/FSK Transmitter
MICRF112YMM10 MICREL-MICRF112YMM10 Datasheet
556Kb / 20P
   QwikRadio짰 UHF ASK/FSK Transmitter
MICRF112YMM10 MICREL-MICRF112YMM10 Datasheet
556Kb / 20P
   QwikRadio짰 UHF ASK/FSK Transmitter
MICRF112YMMTR MICREL-MICRF112YMMTR Datasheet
556Kb / 20P
   QwikRadio짰 UHF ASK/FSK Transmitter
More results

Similar Description - MICRF112YMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MAQRF112 MICREL-MAQRF112 Datasheet
470Kb / 15P
   Automotive, 300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
MICRF113 MICREL-MICRF113_11 Datasheet
677Kb / 21P
   300MHz to 450MHz 10dBm ASK Transmitter in SOT23
logo
Maxim Integrated Produc...
MAX1479 MAXIM-MAX1479 Datasheet
635Kb / 11P
   300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 0; 8/04
MAX1479 MAXIM-MAX1479_09 Datasheet
270Kb / 10P
   300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 1; 6/09
MAX7057 MAXIM-MAX7057_11 Datasheet
251Kb / 20P
   300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 1; 4/11
MAX7057 MAXIM-MAX7057 Datasheet
204Kb / 19P
   300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 0; 5/08
MAX7060 MAXIM-MAX7060 Datasheet
2Mb / 30P
   280MHz to 450MHz Programmable ASK/FSK Transmitter
Rev 0; 2/10
MAX7060 MAXIM-MAX7060_12 Datasheet
1Mb / 31P
   280MHz to 450MHz Programmable ASK/FSK Transmitter
Rev 1; 3/12
MAX1472 MAXIM-MAX1472_12 Datasheet
170Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 4; 6/12
MAX1472 MAXIM-MAX1472_05 Datasheet
239Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 1; 4/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com