Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MICRF220 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF220
Description  300MHz to 450MHz, 3.3V ASK/OOK Receiver with RSSI and Squelch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF220 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF220_15 Datasheet HTML 1Page - Micrel Semiconductor MICRF220_15 Datasheet HTML 2Page - Micrel Semiconductor MICRF220_15 Datasheet HTML 3Page - Micrel Semiconductor MICRF220_15 Datasheet HTML 4Page - Micrel Semiconductor MICRF220_15 Datasheet HTML 5Page - Micrel Semiconductor MICRF220_15 Datasheet HTML 6Page - Micrel Semiconductor MICRF220_15 Datasheet HTML 7Page - Micrel Semiconductor MICRF220_15 Datasheet HTML 8Page - Micrel Semiconductor MICRF220_15 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MICRF220
300MHz to 450MHz, 3.3V ASK/OOK Receiver
with RSSI and Squelch
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
August 19, 2015
Revision 2.0
RadioTech@micrel.com or (408) 944-0800
General Description
The MICRF220 is a 300MHz to 450MHz super-
heterodyne, image-reject, RF receiver with automatic
gain control, ASK/OOK demodulator, analog RSSI
output, and integrated squelch features. It only requires
a crystal and a minimum number of external components
to implement. The MICRF220 is ideal for low-cost, low-
power, RKE, TPMS, and remote actuation applications.
The MICRF220 achieves
−110dBm sensitivity at a bit
rate of 1kbps with 0.1% BER. Four demodulator filter
bandwidths are selectable in binary steps from 1625Hz
to 13kHz at 433.92MHz, allowing the device to support
bit rates up to 20kbps. The device operates from a
supply voltage of 3.0V to 3.6V, and typically consumes
4.3mA of supply current at 315MHz and 6.0mA at
433.92MHz. A shutdown mode reduces supply current to
0.1
μA typical. The squelch feature decreases the activity
on the data output pin until valid bits are detected while
maintaining overall receiver sensitivity.
Datasheets and support documentation can be found on
Micrel’s website at: www.micrel.com.
Features
• –110dBm sensitivity at 1kbps with 0.1% BER
• Supports bit rates up to 20kbps at 433.92MHz
• 25dB image-reject mixer
• No IF filter required
• 60dB analog RSSI output range
• 3.0V to 3.6V supply voltage range
• 4.3mA supply current at 315MHz
• 6.0mA supply current at 434MHz
• 0.1µA supply current in shutdown mode
• Data output squelch until valid bits detected
• 16-pin QSOP package (4.9mm x 6.0mm)
• −40
˚C to +105˚C temperature range
• 3kV HBM ESD Rating
Typical Application
433.92MHz, 1kbps Operation


Similar Part No. - MICRF220_15

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF220AYQS MICREL-MICRF220AYQS Datasheet
639Kb / 18P
   300MHz to 450MHz, 3.3V ASK/OOK Receiver with RSSI and Squelch
More results

Similar Description - MICRF220_15

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF220 MICREL-MICRF220 Datasheet
639Kb / 18P
   300MHz to 450MHz, 3.3V ASK/OOK Receiver with RSSI and Squelch
MICRF230 MICREL-MICRF230 Datasheet
856Kb / 20P
   400MHz to 450MHz ASK/OOK Receiver with RSSI and Squelch
MICRF219A MICREL-MICRF219A_15 Datasheet
834Kb / 25P
   300MHz to 450MHz ASK/OOK Receiver with Auto-Poll, and RSSI
MICRF219 MICREL-MICRF219 Datasheet
964Kb / 24P
   300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Check and Squelch
MICRF229 MICREL-MICRF229 Datasheet
831Kb / 23P
   400MHz to 450MHz ASK/OOK Receiver with Auto-Poll and RSSI
MICRF219 MICREL-MICRF219_11 Datasheet
892Kb / 23P
   300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Che
logo
Maxim Integrated Produc...
MAX7036 MAXIM-MAX7036 Datasheet
169Kb / 12P
   300MHz to 450MHz ASK Receiver with Internal IF Filter
Rev 0; 3/09
MAX7036EVKIT MAXIM-MAX7036EVKIT_V01 Datasheet
5Mb / 13P
   300MHz to 450MHz ASK Receiver with Internal IF Filter
2021
MAX7036 MAXIM-MAX7036_10 Datasheet
218Kb / 13P
   300MHz to 450MHz ASK Receiver with Internal IF Filter
Rev 1; 8/10
MAX7036 MAXIM-MAX7036_12 Datasheet
174Kb / 13P
   300MHz to 450MHz ASK Receiver with Internal IF Filter
Rev 1; 8/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com