Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MICRF229YQS Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MICRF229YQS
Description  400MHz to 450MHz ASK/OOK Receiver with Auto-Poll and RSSI
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF229YQS Datasheet(HTML) 5 Page - Micrel Semiconductor

  MICRF229YQS Datasheet HTML 1Page - Micrel Semiconductor MICRF229YQS Datasheet HTML 2Page - Micrel Semiconductor MICRF229YQS Datasheet HTML 3Page - Micrel Semiconductor MICRF229YQS Datasheet HTML 4Page - Micrel Semiconductor MICRF229YQS Datasheet HTML 5Page - Micrel Semiconductor MICRF229YQS Datasheet HTML 6Page - Micrel Semiconductor MICRF229YQS Datasheet HTML 7Page - Micrel Semiconductor MICRF229YQS Datasheet HTML 8Page - Micrel Semiconductor MICRF229YQS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Micrel, Inc.
MICRF229
April 15, 2015
5
Revision 1.0
Electrical Characteristics (Continued)
VDD = 5.0V, VEN = 5V, SQ = Open, CAGC = 4.7µF, CCTH = 0.1µF, unless otherwise noted. Bold values indicate –
40°C ≤ TA ≤ +105°C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Reference Oscillator
fRF
Reference Oscillator Frequency
fRF = 433.92MHz
13.52313
MHz
Reference Buffer Input Impedance
RO1 when driven externally
1.6
kΩ
Reference Oscillator Bias Voltage
RO2
1.15
V
Reference Oscillator Input Range
External input, AC couple to RO1
0.2
1.5
VP-P
Reference Oscillator Source
Current
VRO1 = 0V
300
µA
Demodulator
CTH Source Impedance
(5)
fREF = 13.52313MHz
120
K
Ω
CTH Leakage Current In CTH
Hold Mode
TA = +25ºC
TA = +105ºC
1
10
nA
Digital / Control Functions
DO Pin Output Current
As output source at 0.8VDD
As output sink at 0.2VDD
300
680
µA
Output Rise Time
15pF load on DO pin, transition time
between 0.1VDD and 0.9VDD
600
ns
Output Fall Time
200
Input High Voltage
EN
0.8VDD
V
Input Low Voltage
EN
0.2VDD
V
Output Voltage High
DO
0.8VDD
V
Output Voltage Low
DO
0.2VDD
V
RSSI
(6)
VRSSI
RSSI DC Output Voltage Range
−110dBm RF input level
0.5
V
−50dBm RF input level
2.0
RSSI Output Current
5k
Ω load to GND, −50dBm RF input
level
400
µA
RSSI Output Impedance
240
RSSI Response Time
D[4:3] = 00, RF input power-stepped
from no input to
−50dBm
10
ms
RF Leakage
LO Leakage for 433.92MHz
432.68064MHz (fXAL = 13.52127MHz)
−98
dBm
Notes:
5.
CTH source impedance is inversely proportional to the reference frequency. In production test, the typical source impedance value is verified with
12MHz reference frequency.
6.
RSSI exhibit variation through manufacturing process, it is recommended that the reading is calibrated by software in system MCU when it is being
used.


Similar Part No. - MICRF229YQS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF220 MICREL-MICRF220 Datasheet
639Kb / 18P
   300MHz to 450MHz, 3.3V ASK/OOK Receiver with RSSI and Squelch
MICRF220AYQS MICREL-MICRF220AYQS Datasheet
639Kb / 18P
   300MHz to 450MHz, 3.3V ASK/OOK Receiver with RSSI and Squelch
MICRF220AYQS MICREL-MICRF220AYQS Datasheet
747Kb / 20P
   300MHz to 450MHz, 3.3V ASK/OOK Receiver with RSSI and Squelch
MICRF220 MICREL-MICRF220_15 Datasheet
747Kb / 20P
   300MHz to 450MHz, 3.3V ASK/OOK Receiver with RSSI and Squelch
MICRF221 MICREL-MICRF221 Datasheet
1Mb / 26P
   3.3V, QwikRadio 850 MHz to 950 MHz Receiver
More results

Similar Description - MICRF229YQS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF219A MICREL-MICRF219A_15 Datasheet
834Kb / 25P
   300MHz to 450MHz ASK/OOK Receiver with Auto-Poll, and RSSI
MICRF230 MICREL-MICRF230 Datasheet
856Kb / 20P
   400MHz to 450MHz ASK/OOK Receiver with RSSI and Squelch
MICRF219 MICREL-MICRF219 Datasheet
964Kb / 24P
   300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Check and Squelch
MICRF219 MICREL-MICRF219_11 Datasheet
892Kb / 23P
   300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Che
MICRF220 MICREL-MICRF220_15 Datasheet
747Kb / 20P
   300MHz to 450MHz, 3.3V ASK/OOK Receiver with RSSI and Squelch
MICRF220 MICREL-MICRF220 Datasheet
639Kb / 18P
   300MHz to 450MHz, 3.3V ASK/OOK Receiver with RSSI and Squelch
MICRF219A MICREL-MICRF219A Datasheet
722Kb / 23P
   ASK/OOK Receiver
logo
Princeton Technology Co...
PT4304 PTC-PT4304 Datasheet
216Kb / 5P
   Fully Integrated OOK/ASK Receiver
logo
Maxim Integrated Produc...
MAX7036 MAXIM-MAX7036 Datasheet
169Kb / 12P
   300MHz to 450MHz ASK Receiver with Internal IF Filter
Rev 0; 3/09
MAX7036EVKIT MAXIM-MAX7036EVKIT_V01 Datasheet
5Mb / 13P
   300MHz to 450MHz ASK Receiver with Internal IF Filter
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com