Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM603-2C Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # BCM603-2C
Description  Modular ferrule fuse blocks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

BCM603-2C Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  BCM603-2C Datasheet HTML 1Page - Cooper Bussmann, Inc. BCM603-2C Datasheet HTML 2Page - Cooper Bussmann, Inc. BCM603-2C Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Technical Data 10241
Effective December 2015
BCM and BMM modular
Class CC and supplemental ferrule fuse blocks
The only controlled copy of this data sheet is the electronic read-only version located on the Eaton network drive. All other copies of this document are by
definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user
with design applications. Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of
any products. Eaton also reserves the right to change or update, wit hout notice, any technical information contained in this bulletin. Once a product has been
selected, it should be tested by the user in all possible applications.
Table 2. Terminal specifications
Terminal type
75/90°C AWG
type/range
Torque
AWG
lb-in (N•m)
Box lug (C)
Cu 2-14
Al 2-8
Cu 2-3
Cu 4-6
Cu 8-14
Al 2-6
Al 8
50 (5.6)
45 (5.1)
35 (4.0)
50 (5.6)
40 (4.5)
Screw (S)
Cu 10-18
10-18
20 (2.3)
Screw/quick connect* (SQ)
Pressure plate (P)
Pressure plate/
quick connect* (PQ)
* ¼“ Quick Connect terminal maximum ampacity dependent on female spade connector
and wire ratings.
Table 3. Recommended covers*
Terminal type
Cover part numbers
Indicating
Non indicating
Box lug (C)
CVRI-CCM
CVR-CCM
Screw (S)
CVRI-CCM
CVR-CCM
Screw/quick connect (SQ)
CVRI-CCM-QC
CVR-CCM-QC
Pressure plate (P)
CVRI-CCM
CVR-CCM
Pressure plate/quick connect
(PQ)
CVRI-CCM-QC
CVR-CCM-QC
* For use with 4AWG max conductors.
Dimensions - mm (in)
77
3.0
21
.8
20
.8
20
.8
40
1.6
39
1.6
59
2.3
60
2.4
95
3.7
41
1.6
33
1.3
16
.6
33
1.3
4
.2
10
.4
With cover.
See Table 3 for available covers.
BMM603-3C with
CVRI-CCM covers and
TM26CB marker labels
Eaton, Bussmann, Limitron and Low-Peak
are valuable trademarks of Eaton in the US
and other countries. You are not permitted
to use the Eaton trademarks without prior
written consent of Eaton.
CSA is a registered trademark of the
Canadian Standards Group.
UL is a registered trademark of the
Underwriters Laboratories, Inc.
Eaton
1000 Eaton Boulevard
Cleveland, OH 44122
United States
Eaton.com
Bussmann Division
114 Old State Road
Ellisville, MO 63021
United States
Eaton.com/bussmannseries
© 2015 Eaton
All Rights Reserved
Printed in USA
Publication No. 10241 – BUS-SB14605
December 2015
For Eaton’s Bussmann series
product information,
call 1-855-287-7626 or visit:
Eaton.com/bussmannseries
Follow us on social media to get the
latest product and support information.
see table 3 for available covers.


Similar Part No. - BCM603-2C

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
BCM6010 PULSE-BCM6010 Datasheet
68Kb / 1P
   VDSL TRANSFORMERS For Use with Broadcom
logo
Broadcom Corporation.
BCM6020 BOARDCOM-BCM6020 Datasheet
219Kb / 2P
   SCALABLE DSL TRANSCEIVER
logo
Pulse A Technitrol Comp...
BCM6020 PULSE-BCM6020 Datasheet
68Kb / 1P
   VDSL TRANSFORMERS For Use with Broadcom
More results

Similar Description - BCM603-2C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JM60030-1CR ETC1-JM60030-1CR Datasheet
5Mb / 12P
   Class J modular ferrule and knifeblade fuse blocks
HM25060-1MW12 ETC1-HM25060-1MW12 Datasheet
5Mb / 11P
   ferrule power distribution fuse blocks
logo
Cooper Bussmann, Inc.
HM25030-1CR COOPER-HM25030-1CR Datasheet
3Mb / 8P
   Class H(K), J and R modular ferrule fuse blocks
logo
Littelfuse
02980900Z LITTELFUSE-02980900Z Datasheet
57Kb / 1P
   FUSE BLOCKS
03500418Z LITTELFUSE-03500418Z Datasheet
57Kb / 1P
   FUSE BLOCKS
logo
Eaton All Rights Reserv...
S-8000 EATON-S-8000 Datasheet
259Kb / 2P
   Fuse blocks
BH-2 EATON-BH-2 Datasheet
565Kb / 3P
   BH-2 modular fuse blocks, 700 V, 400 A
BH-3 EATON-BH-3 Datasheet
541Kb / 5P
   BH-3 modular fuse blocks, 700 V, 700 A
BH-1 EATON-BH-1 Datasheet
773Kb / 5P
   BH-1 modular fuse blocks, 700 V, 400 A
logo
Littelfuse
1LS101 LITTELFUSE-1LS101 Datasheet
497Kb / 3P
   Semiconductor Fuse Blocks
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com