Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2128 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC2128
Description  75V, Synchronous Buck Controller Featuring Adaptive On-Time Control with External Soft Start
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2128 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC2128 Datasheet HTML 6Page - Microchip Technology MIC2128 Datasheet HTML 7Page - Microchip Technology MIC2128 Datasheet HTML 8Page - Microchip Technology MIC2128 Datasheet HTML 9Page - Microchip Technology MIC2128 Datasheet HTML 10Page - Microchip Technology MIC2128 Datasheet HTML 11Page - Microchip Technology MIC2128 Datasheet HTML 12Page - Microchip Technology MIC2128 Datasheet HTML 13Page - Microchip Technology MIC2128 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
MIC2128
DS20005620A-page 10
 2016 Microchip Technology Inc.
Note:
Unless otherwise indicated, VVIN =12V, fSW =300 kHz, RILIM =1.5 k, L = 10 µH, VEXTVDD =VOUT, TA =+25°C
(refer to the Typical Application circuit).
FIGURE 2-25:
Load Regulation
(VOUT =5V).
FIGURE 2-26:
VVIN Turn-On.
FIGURE 2-27:
VVIN Turn-Off.
FIGURE 2-28:
VVIN Turn-On with
Pre-biased Output.
FIGURE 2-29:
EN Turn-On/Turn-Off.
FIGURE 2-30:
EN Turn-On Delay.
5.0391
5.0491
5.0591
5.0691
5.0791
5.0891
5.0991
5.1091
00.511.522.533.544.5
5
Output Current (A)
VIN=12V
VIN=24V
VIN=36V
VIN=48V
VIN=60V
VIN=75V
V
IN = 24V
V
IN = 12V
V
IN = 36V
V
IN = 48V
V
IN = 60V
V
IN = 75V
VVIN
20V/div
VOUT
2V/div
VSW
20V/div
10 ms/div
IL
5A/div
VVIN
20V/div
VOUT
2V/div
VSW
20V/div
IL
5A/div
10 ms/div
VVIN
20V/div
VOUT
2V/div
VSW
50V/div
10 ms/div
VEN
2V/div
VOUT
2V/div
VPG
5V/div
IL
5A/div
4ms/div
VEN
2V/div
VOUT
2V/div
IL
5A/div
2_ms/div
VPG
5V/div


Similar Part No. - MIC2128

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2124 MICREL-MIC2124 Datasheet
680Kb / 24P
   Constant Frequency, Synchronous Current Mode Buck Controller
MIC2124YMM MICREL-MIC2124YMM Datasheet
680Kb / 24P
   Constant Frequency, Synchronous Current Mode Buck Controller
logo
Microchip Technology
MIC2125 MICROCHIP-MIC2125 Datasheet
1Mb / 34P
   28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
07/14/15
MIC2125YML MICROCHIP-MIC2125YML Datasheet
1Mb / 34P
   28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
07/14/15
MIC2126 MICROCHIP-MIC2126 Datasheet
1Mb / 34P
   28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
07/14/15
More results

Similar Description - MIC2128

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2127A MICROCHIP-MIC2127A Datasheet
827Kb / 38P
   75V, Synchronous Buck Controller Featuring Adaptive On-Time Control
11/07/16
logo
Micrel Semiconductor
MIC2103 MICREL-MIC2103_13 Datasheet
1Mb / 38P
   75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
MIC2103 MICREL-MIC2103 Datasheet
1Mb / 36P
   75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
logo
Microchip Technology
MIC2103 MICROCHIP-MIC2103 Datasheet
1Mb / 42P
   75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
10/25/17
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174_10 Datasheet
706Kb / 27P
   Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
MIC2101 MICREL-MIC2101 Datasheet
1Mb / 37P
   38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
logo
Microchip Technology
MIC2125 MICROCHIP-MIC2125 Datasheet
1Mb / 34P
   28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
07/14/15
logo
Micrel Semiconductor
MIC2101 MICREL-MIC2101_13 Datasheet
1Mb / 36P
   38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2164 MICREL-MIC2164 Datasheet
918Kb / 36P
   Constant Frequency, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2176-1 MICREL-MIC2176-1 Datasheet
1Mb / 31P
   Wide Input Voltage, Synchronous Buck Controllers Featuring Adaptive On-Time Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com