Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTS181216V050 Datasheet(PDF) 5 Page - Cooper Bussmann, Inc.

Part # PTS181216V050
Description  6-60 Volt DC surface mount resettable PTC devices
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PTS181216V050 Datasheet(HTML) 5 Page - Cooper Bussmann, Inc.

  PTS181216V050 Datasheet HTML 1Page - Cooper Bussmann, Inc. PTS181216V050 Datasheet HTML 2Page - Cooper Bussmann, Inc. PTS181216V050 Datasheet HTML 3Page - Cooper Bussmann, Inc. PTS181216V050 Datasheet HTML 4Page - Cooper Bussmann, Inc. PTS181216V050 Datasheet HTML 5Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Eaton
Electronics Division
1000 Eaton Boulevard
Cleveland, OH 44122
United States
www.eaton.com/elx
© 2015 Eaton
All Rights Reserved
Printed in USA
Publication No. 4398 BU-SB15275
June 2015
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
Technical Data
4398
Effective June 2015
PTS1812
6-60 Volt DC surface mount resettable PTC devices
Life Support Policy: Eaton does not authorize the use of any of its products for use in life support devices or systems without the express written
approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly
used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Eaton also
reserves the right to change or update, without notice, any technical information contained in this bulletin.
t
tP
ts
TC -5°C
Time 25°C to Peak
Time
25°C
Tsmin
Tsmax
TL
TP
Preheat
A
Max. Ramp Up Rate = 3°C/s
Max. Ramp Down Rate = 6°C/s
Solder reflow profile
Reference JDEC J-STD-020D
Profile Feature
Standard SnPb Solder
Lead (Pb) Free Solder
Preheat and Soak • Temperature min. (Tsmin)
100°C
150°C
• Temperature max. (Tsmax)
150°C
200°C
• Time (Tsmin to Tsmax) (ts)
60-120 Seconds
60-120 Seconds
Average ramp up rate Tsmax to Tp
3°C/ Second Max.
3°C/ Second Max.
Liquidous temperature (Tl)
Time at liquidous (tL)
183°C
60-150 Seconds
217°C
60-150 Seconds
Peak package body temperature (TP)*
Table 1
Table 2
Time (tp)** within 5 °C of the specified classification temperature (Tc)
20 Seconds**
30 Seconds**
Average ramp-down rate (Tp to Tsmax)
6°C/ Second Max.
6°C/ Second Max.
Time 25°C to Peak Temperature
6 Minutes Max.
8 Minutes Max.
* Tolerance for peak profile temperature (Tp) is defined as a supplier minimum and a user maximum.
** Tolerance for time at peak profile temperature (tp) is defined as a supplier minimum and a user maximum.
Wave solder
Reservoir temperature: 260°C
Time in reservoir: 10 seconds maximum
Table 1 - Standard SnPb Solder (Tc)
Package
Thickness
Volume
mm3
<350
Volume
mm3
≥350
<2.5mm)
235°C
220°C
≥2.5mm
220°C
220°C
Table 2 - Lead (Pb) Free Solder (Tc)
Package
Thickness
Volume
mm3
<350
Volume
mm3
350 - 2000
Volume
mm3
>2000
<1.6mm
260°C
260°C
260°C
1.6 – 2.5mm
260°C
250°C
245°C
>2.5mm
250°C
245°C
245°C


Similar Part No. - PTS181216V050

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
PTS181216V050 COOPER-PTS181216V050 Datasheet
401Kb / 4P
   6-60 Volt DC Surface Mount, PolyTron PTC Devices
logo
Eaton All Rights Reserv...
PTS181216V050 EATON-PTS181216V050 Datasheet
326Kb / 5P
   6-60 Volt DC surface mount resettable PTC devices
More results

Similar Description - PTS181216V050

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
PTS120660V005 COOPER-PTS120660V005_15 Datasheet
657Kb / 5P
   6-60 Volt DC surface mount resettable PTC devices
logo
Eaton All Rights Reserv...
PTS1206 EATON-PTS1206 Datasheet
657Kb / 5P
   6-60 Volt DC surface mount resettable PTC devices
PTS1812 EATON-PTS1812 Datasheet
326Kb / 5P
   6-60 Volt DC surface mount resettable PTC devices
PTS0805 EATON-PTS0805 Datasheet
824Kb / 5P
   6-24 Volt DC surface mount resettable PTC devices
logo
Cooper Bussmann, Inc.
PTS181233V110 COOPER-PTS181233V110 Datasheet
401Kb / 4P
   6-60 Volt DC Surface Mount, PolyTron PTC Devices
PTS120660V005 COOPER-PTS120660V005 Datasheet
448Kb / 4P
   6-60 Volt DC Surface Mount, PolyTron??PTC Devices
PTS080524V010 COOPER-PTS080524V010 Datasheet
1Mb / 6P
   6-24 Volt DC surface mount PolyTron??PTC devices
logo
Eaton All Rights Reserv...
PTR060V EATON-PTR060V Datasheet
540Kb / 4P
   60 Volt DC radial leaded, PolyTron??PTC devices
logo
Cooper Bussmann, Inc.
PTR060V0010 COOPER-PTR060V0010 Datasheet
478Kb / 4P
   60 Volt DC Radial Leaded, PolyTron??PTC Devices
logo
Tyco Electronics
SMD150F MACOM-SMD150F_1 Datasheet
299Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com