Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA091503ELV4R250 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # PTFA091503ELV4R250
Description  Thermally-Enhanced High Power RF LDMOS FET 150 W, 920 ??960 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA091503ELV4R250 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button PTFA091503ELV4R250 Datasheet HTML 3Page - Infineon Technologies AG PTFA091503ELV4R250 Datasheet HTML 4Page - Infineon Technologies AG PTFA091503ELV4R250 Datasheet HTML 5Page - Infineon Technologies AG PTFA091503ELV4R250 Datasheet HTML 6Page - Infineon Technologies AG PTFA091503ELV4R250 Datasheet HTML 7Page - Infineon Technologies AG PTFA091503ELV4R250 Datasheet HTML 8Page - Infineon Technologies AG PTFA091503ELV4R250 Datasheet HTML 9Page - Infineon Technologies AG PTFA091503ELV4R250 Datasheet HTML 10Page - Infineon Technologies AG PTFA091503ELV4R250 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PTFA091503EL
Data Sheet
9 of 11
Rev. 04, 2016-06-16
Reference Circuit (cont.)
Components Information
Component
Description
Suggested Manufacturer
P/N
Input
C101, C102
Chip capacitor, 33 pF
ATC
ATC100B330FW500XB
C103
Chip capacitor, 5.1 pF
ATC
ATC100B5R1BW500XB
C104
Chip capacitor, 7.5 pF
ATC
ATC100B7R5BW500XB
C105
Chip capacitor, 4.71 µF
Digi-Key
PCS3475CT-ND
C106, C107
Chip capacitor, 0.1 µF
ATC
200B103MW
C108
Chip capacitor, 4.7 pF
ATC
ATC100B4R7BW500XB
C801, C802, C803, C804,
Chip capacitor, 0.1 µF
Digi-Key
PCC104BCT-ND
C805
R101, R103, R803
Resistor, 10 W
Digi-Key
P10ECT-ND
R102
Resistor, 5100 W
Digi-Key
P5.1KECT-ND
R801
Resistor, 1300 W
Digi-Key
P1.3KGCT-ND
R802
Resistor, 1200 W
Digi-Key
P1.2KGCT-ND
R804
Resistor, 1200 W
Digi-Key
P1.2KECT-ND
R805
Resistor, 1000 W
Digi-Key
P1.0KECT-ND
S1
Transistor
Digi-Key
BCP5616TA-ND
S2
Voltage Regulator
Digi-Key
LM78L05ACM-ND
S3
Potentiometer, 2k W
Digi-Key
3224W-202ECT-ND
Output
C201, C204, C205, C210,
Capacitor, 10 µF
Digi-Key
587-1818-2-ND
C211, C213, C214, C217
C202, C216
Chip capacitor, 20000 pF
ATC
200B203MW
C203, C214
Chip capacitor, 1 µF
Digi-Key
478-3993-2-ND
C206
Chip capacitor, 33 pF
ATC
ATC100B330FW500XB
C207, C215
Capacitor, 10 µF
Garrett Electronics
281M5002106K
C208, C209
Chip capacitor, 1.5 pF
ATC
ATC100B1R5BW500XB


Similar Part No. - PTFA091503ELV4R250

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA091503EL INFINEON-PTFA091503EL Datasheet
627Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 920-960 MHz
Rev. 03, 2010-08-11
More results

Similar Description - PTFA091503ELV4R250

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA091503EL INFINEON-PTFA091503EL Datasheet
627Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 920-960 MHz
Rev. 03, 2010-08-11
logo
Cree, Inc
PTFB091507FH CREE-PTFB091507FH Datasheet
618Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920 ??960 MHz
logo
Infineon Technologies A...
PTFB091802FC INFINEON-PTFB091802FC_16 Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 920 ??960 MHz
Rev. 02.1, 2016-06-10
PTFB091507FH INFINEON-PTFB091507FH_16 Datasheet
1,015Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920 ??960 MHz
Rev. 03.1, 2016-06-09
logo
WOLFSPEED, INC.
PTRA097008NB WOLFSPEED-PTRA097008NB Datasheet
556Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 630 W, 48 V, 920 – 960 MHz
Rev. 04, 2023-06-22
logo
Infineon Technologies A...
PTFA092211EL INFINEON-PTFA092211EL Datasheet
424Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 220 W, 920 ??960 MHz
Rev. 02, 2009-05-27
logo
Cree, Inc
PTFB091802FC CREE-PTFB091802FC Datasheet
538Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 920 ??960 MHz
logo
Infineon Technologies A...
PTFB091507FH INFINEON-PTFB091507FH Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920-960 MHz
Rev. 03, 2011-03-14
PTFA092201E INFINEON-PTFA092201E Datasheet
379Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 220 W, 920 - 960 MHz
Rev. 03.1, 2009-02-20
PTFA091201GL INFINEON-PTFA091201GL_09 Datasheet
391Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 120 W, 920-960 MHz
Rev. 03, 2009-03-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com