Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA091503ELV4R250 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # PTFA091503ELV4R250
Description  Thermally-Enhanced High Power RF LDMOS FET 150 W, 920 ??960 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA091503ELV4R250 Datasheet(HTML) 4 Page - Infineon Technologies AG

  PTFA091503ELV4R250 Datasheet HTML 1Page - Infineon Technologies AG PTFA091503ELV4R250 Datasheet HTML 2Page - Infineon Technologies AG PTFA091503ELV4R250 Datasheet HTML 3Page - Infineon Technologies AG PTFA091503ELV4R250 Datasheet HTML 4Page - Infineon Technologies AG PTFA091503ELV4R250 Datasheet HTML 5Page - Infineon Technologies AG PTFA091503ELV4R250 Datasheet HTML 6Page - Infineon Technologies AG PTFA091503ELV4R250 Datasheet HTML 7Page - Infineon Technologies AG PTFA091503ELV4R250 Datasheet HTML 8Page - Infineon Technologies AG PTFA091503ELV4R250 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PTFA091503EL
Data Sheet
4 of 11
Rev. 04, 2016-06-16
Typical Performance (cont.)
Broadband Circuit Impedance
Frequency
Z Source W
Z Load W
MHz
R
jX
R
jX
910
1.08
–1.2
2.88
–1.0
920
1.12
–0.9
2.87
–0.7
930
1.15
–0.8
2.87
–0.6
940
1.16
–0.6
2.88
–0.4
950
1.21
–0.4
2.88
–0.3
960
1.28
–0.3
2.9
–0.1
970
1.33
–0.2
2.9
0.1
0.1
0.3
0.2
0.4
Nornalized to 50 Ohms
a091503efl-v4/1
ga091503eflV4x1 Apr. 21, 2009 3:59:01 PM
Z Load
910 1.08 -1.17
920 1.12 -0.94
930 1.15 -0.76
940 1.16 -0.60
950 1.21 -0.43
960 1.28 -0.33
970 1.33 -0.19
Z Source
970 MHz
910 MHz
Z0 = 50 W
Z Source
Z Load
G
S
D
-80
-70
-60
-50
-40
-30
0
10
20
30
40
50
30
35
40
45
50
Output Power (dBm), Avg.
IS-95 CDMA Performance
VDD = 30 V, IDQ = 1.25A, ƒ = 960 MHz
Adj 750 kHz
Alt1 1.98 MHz
Efficiency


Similar Part No. - PTFA091503ELV4R250

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA091503EL INFINEON-PTFA091503EL Datasheet
627Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 920-960 MHz
Rev. 03, 2010-08-11
More results

Similar Description - PTFA091503ELV4R250

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA091503EL INFINEON-PTFA091503EL Datasheet
627Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 920-960 MHz
Rev. 03, 2010-08-11
logo
Cree, Inc
PTFB091507FH CREE-PTFB091507FH Datasheet
618Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920 ??960 MHz
logo
Infineon Technologies A...
PTFB091802FC INFINEON-PTFB091802FC_16 Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 920 ??960 MHz
Rev. 02.1, 2016-06-10
PTFB091507FH INFINEON-PTFB091507FH_16 Datasheet
1,015Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920 ??960 MHz
Rev. 03.1, 2016-06-09
logo
WOLFSPEED, INC.
PTRA097008NB WOLFSPEED-PTRA097008NB Datasheet
556Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 630 W, 48 V, 920 – 960 MHz
Rev. 04, 2023-06-22
logo
Infineon Technologies A...
PTFA092211EL INFINEON-PTFA092211EL Datasheet
424Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 220 W, 920 ??960 MHz
Rev. 02, 2009-05-27
logo
Cree, Inc
PTFB091802FC CREE-PTFB091802FC Datasheet
538Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 920 ??960 MHz
logo
Infineon Technologies A...
PTFB091507FH INFINEON-PTFB091507FH Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920-960 MHz
Rev. 03, 2011-03-14
PTFA092201E INFINEON-PTFA092201E Datasheet
379Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 220 W, 920 - 960 MHz
Rev. 03.1, 2009-02-20
PTFA091201GL INFINEON-PTFA091201GL_09 Datasheet
391Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 120 W, 920-960 MHz
Rev. 03, 2009-03-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com