Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB091507FHV1R0XTMA1 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # PTFB091507FHV1R0XTMA1
Description  Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920 ??960 MHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB091507FHV1R0XTMA1 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button PTFB091507FHV1R0XTMA1 Datasheet HTML 4Page - Infineon Technologies AG PTFB091507FHV1R0XTMA1 Datasheet HTML 5Page - Infineon Technologies AG PTFB091507FHV1R0XTMA1 Datasheet HTML 6Page - Infineon Technologies AG PTFB091507FHV1R0XTMA1 Datasheet HTML 7Page - Infineon Technologies AG PTFB091507FHV1R0XTMA1 Datasheet HTML 8Page - Infineon Technologies AG PTFB091507FHV1R0XTMA1 Datasheet HTML 9Page - Infineon Technologies AG PTFB091507FHV1R0XTMA1 Datasheet HTML 10Page - Infineon Technologies AG PTFB091507FHV1R0XTMA1 Datasheet HTML 11Page - Infineon Technologies AG PTFB091507FHV1R0XTMA1 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
PTFB091507FH
Data Sheet
8 of 13
Rev. 03.1, 2016-06-09
Reference Circuit (cont.)
DUT
PTFB091507FH
Test Fixture Part No.
LTN/PTFB091507FH
PCB
Rogers RO4350, 0.508 mm [0.020"] thick, 2 oz. copper,
er = 3.48
Gerber Files
Find Gerber files for this test fixture on the Infineon Web site at www.infineon.com/rfpower
ELectrical Characteristics at 960 MHz
Microstrip
Characteristics
Dimensions: mm
Dimensions: mils
TL102
0.004 l, 26.8 W
W = 2.79, L = 0.76
W = 110, L = 30
TL103
0.007 l, 39.1 W
W = 1.68, L = 1.27
W = 66, L = 50
TL111
0.004 l, 5.3 W
W1 = 17.78, W2 = 17.78, W3 = 0.76
W1 = 700, W2 = 700, W3 = 30
TL114
0.003 l, 63.9 W
W = 0.76, L = 0.51
W = 30, L = 20
TL115
0.026 l, 51.5 W
W = 1.10, L = 4.88
W = 44, L = 192
TL116
0.036 l, 39.1 W
W = 1.68, L = 6.74
W = 66, L = 266
TL117
0.042 l, 51.5 W
W = 1.10, L = 8.00
W = 44, L = 315
TL118
0.007 l, 63.9 W
W = 0.76, L = 1.27
W = 30, L = 50
TL119
0.035 l, 39.1 W
W = 1.68, L = 6.49
W = 66, L = 256
TL120
0.015 l, 63.9 W
W = 0.76, L = 2.92
W = 30, L = 115
TL121
0.100 l, 63.9 W
W = 0.76, L = 19.05
W = 30, L = 750
TL122
0.005 l, 51.5 W
W = 1.10, L = 1.02
W = 44, L = 40
TL123
0.008 l, 63.9 W
W = 0.76, L = 1.52
W = 30, L = 60
TL124
0.006 l, 26.8 W
W = 2.79, L = 1.04
W = 110, L = 41
TL125
0.102 l, 5.3 W
W = 17.78, L = 17.55
W = 700, L = 691
TL126
0.040 l, 51.5 W
W = 1.10, L = 7.57
W = 44, L = 298
TL127
0.004 l, 26.8 W
W = 2.79, L = 0.76
W = 110, L = 30
TL130
0.011 l, 39.1 W
W1 = 1.68, W2 = 1.68, W3 = 2.03
W1 = 66, W2 = 66, W3 = 80
TL134
0.007 l, 26.8 W
W = 2.79, L = 1.19
W = 110, L = 47
TL136
0.008 l, 63.9 W
W = 0.76, L = 1.52
W = 30, L = 60
TL137
0.016 l, 5.3 W
W1 = 17.78, W2 = 17.78, W3 = 2.79
W1 = 700, W2 = 700, W3 = 110
TL138
0.002 l, 51.5 W
W = 1.10, L = 0.33
W = 44, L = 13
TL139
0.015 l, 51.5 W
W1 = 1.10, W2 = 1.10, W3 = 2.79
W1 = 44, W2 = 44, W3 = 110
TL201
0.004 l, 51.5 W
W1 = 1.10, W2 = 1.10, W3 = 0.76
W1 = 44, W2 = 44, W3 = 30
TL202, 207
0.010 l, 20.9 W
W1 = 3.81, W2 = 1.83, W3 = 3.81,
W1 = 150, W2 = 72, W3 = 150, W4 = 72
W4 = 1.83
TL203
0.016 l, 20.9 W
W1 = 3.81, W2 = 3.81, W3 = 2.79
W1 = 150, W2 = 150, W3 = 110
TL204
0.014 l, 51.5 W
W = 1.10, L = 2.67
W = 44, L = 105
TL205
0.015 l, 51.5 W
W1 = 1.10, W2 = 1.10, W3 = 2.79
W1 = 44, W2 = 44, W3 = 110
TL206
0.016 l, 20.9 W
W1 = 3.81, W2 = 3.81, W3 = 2.79
W1 = 150, W2 = 150, W3 = 110
TL210
0.109 l, 5.7 W
W = 16.51, L = 18.62
W = 650, L = 733
TL211
0.016 l, 5.7 W
W1 = 16.51, W2 = 16.51, W3 = 2.79
W1 = 650, W2 = 650, W3 = 110
TL212
0.014 l, 20.9 W
W = 3.81, L = 2.51
W = 150, L = 99
TL213
0.016 l, 20.9 W
W1 = 3.81, W2 = 3.81, W3 = 2.79
W1 = 150, W2 = 150, W3 = 110
TL214
0.007 l, 20.9 W
W1 = 3.81, W2 = 3.81, W3 = 1.27
W1 = 150, W2 = 150, W3 = 50
table continued on next page


Similar Part No. - PTFB091507FHV1R0XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB091507FH INFINEON-PTFB091507FH Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920-960 MHz
Rev. 03, 2011-03-14
logo
Cree, Inc
PTFB091507FH CREE-PTFB091507FH Datasheet
618Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920 ??960 MHz
More results

Similar Description - PTFB091507FHV1R0XTMA1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTFB091507FH CREE-PTFB091507FH Datasheet
618Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920 ??960 MHz
logo
Infineon Technologies A...
PTFB091507FH INFINEON-PTFB091507FH Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920-960 MHz
Rev. 03, 2011-03-14
PTFB091802FC INFINEON-PTFB091802FC_16 Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 920 ??960 MHz
Rev. 02.1, 2016-06-10
logo
Cree, Inc
PTFB091802FC CREE-PTFB091802FC Datasheet
538Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 920 ??960 MHz
PTFB093608FV CREE-PTFB093608FV Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 360 W, 28 V, 920 ??960 MHz
logo
Infineon Technologies A...
PTFA091503EL INFINEON-PTFA091503EL Datasheet
627Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 920-960 MHz
Rev. 03, 2010-08-11
PTFA091503EL INFINEON-PTFA091503EL_16 Datasheet
766Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 920 ??960 MHz
Rev. 04, 2016-06-16
PTFB090901EA INFINEON-PTFB090901EA Datasheet
226Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 90 W, 28 V, 920 . 960 MHz
Rev. 04, 2012-02-23
logo
Cree, Inc
PTFB090901EA CREE-PTFB090901EA Datasheet
710Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 90 W, 28 V, 920 ??960 MHz
logo
WOLFSPEED, INC.
PTRA097008NB WOLFSPEED-PTRA097008NB Datasheet
556Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 630 W, 48 V, 920 – 960 MHz
Rev. 04, 2023-06-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com