Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTAC240502FC Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # PTAC240502FC
Description  Thermally-Enhanced High Power RF LDMOS FET 50 W, 28 V, 2300 ??2400 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTAC240502FC Datasheet(HTML) 2 Page - Infineon Technologies AG

  PTAC240502FC_16 Datasheet HTML 1Page - Infineon Technologies AG PTAC240502FC_16 Datasheet HTML 2Page - Infineon Technologies AG PTAC240502FC_16 Datasheet HTML 3Page - Infineon Technologies AG PTAC240502FC_16 Datasheet HTML 4Page - Infineon Technologies AG PTAC240502FC_16 Datasheet HTML 5Page - Infineon Technologies AG PTAC240502FC_16 Datasheet HTML 6Page - Infineon Technologies AG PTAC240502FC_16 Datasheet HTML 7Page - Infineon Technologies AG PTAC240502FC_16 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet
2 of 8
Rev. 02.3, 2016-06-21
PTAC240502FC
DC Characteristics
Characteristic
Conditions
Symbol
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VGS = 0 V, IDS = 10 mA
V(BR)DSS
65
V
Drain Leakage Current
VDS = 28 V, VGS = 0 V
IDSS
1
µA
VDS = 63 V, VGS = 0 V
IDSS
10
µA
On-State Resistance (main)
VGS = 10 V, VDS = 0.1 V
RDS(on)
0.4
W
On-State Resistance (peak)
VGS = 10 V, VDS = 0.1 V
RDS(on)
0.2
W
Operating Gate Voltage (main)
VDS = 28 V, IDQ = 120 mA
VGS
2.6
2.7
2.8
V
Operating Gate Voltage (peak)
VDS = 28 V, IDQ = 0 mA
VGS
1.2
1.3
1.5
V
Gate Leakage Current
VGS = 10 V, VDS = 0 V
IGSS
1
µA
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDSS
65
V
Gate-Source Voltage
VGS
–6 to +10
V
Operating Voltage
VDD
0 to +32
V
Junction Temperature
TJ
225
°C
Storage Temperature Range
TSTG
–65 to +150
°C
Thermal Resistance (TCASE = 60°C, 50 W CW)
RqJC
1.29
°C/W
Ordering Information
Type and Version
Order Code
Package Description
Shipping
PTAC240502FC V1 R0
PTAC240502FCV1R0XTMA1
H-37248-4, earless flange
Tape & Reel, 50 pcs
PTAC240502FC V1 R250
PTAC240502FCV1R250XTMA1
H-37248-4, earless flange
Tape & Reel, 250 pcs


Similar Part No. - PTAC240502FC_16

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
PTAC240502FC-V1-R0 WOLFSPEED-PTAC240502FC-V1-R0 Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 28 V, 2300 – 2400 MHz
Rev. 05, 2023-06-28
PTAC240502FC-V1-R250 WOLFSPEED-PTAC240502FC-V1-R250 Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 28 V, 2300 – 2400 MHz
Rev. 05, 2023-06-28
PTAC240502FC_V1 WOLFSPEED-PTAC240502FC_V1 Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 28 V, 2300 – 2400 MHz
Rev. 05, 2023-06-28
More results

Similar Description - PTAC240502FC_16

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTAC240502FC CREE-PTAC240502FC Datasheet
606Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 28 V, 2300 ??2400 MHz
logo
WOLFSPEED, INC.
PTAC240502FC_V1 WOLFSPEED-PTAC240502FC_V1 Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 28 V, 2300 – 2400 MHz
Rev. 05, 2023-06-28
logo
Cree, Inc
PXAC241702FC CREE-PXAC241702FC Datasheet
577Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2300 ??2400 MHz
logo
Infineon Technologies A...
PXAC241702FC INFINEON-PXAC241702FC Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2300 ??2400 MHz
Rev. 02.1, 2016-06-22
logo
Cree, Inc
PXAC241002FC CREE-PXAC241002FC Datasheet
279Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 100 W, 28 V, 2300 ??2400 MHz
logo
Infineon Technologies A...
PTF240101S INFINEON-PTF240101S Datasheet
243Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FET 10 W, 2400-2700 MHz
Rev. 05, 2007-04-12
PTFC210202FC INFINEON-PTFC210202FC_16 Datasheet
655Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 ??2200 MHz
Rev. 03.4, 2016-06-22
logo
Cree, Inc
PTFC210202FC CREE-PTFC210202FC Datasheet
700Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 - 2200 MHz
logo
WOLFSPEED, INC.
PTFC210202FC-V1 WOLFSPEED-PTFC210202FC-V1 Datasheet
828Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 – 2200 MHz
Rev. 06, 2023-06-28
logo
Cree, Inc
PTVA120501EA CREE-PTVA120501EA Datasheet
683Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 ??1400 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com