Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB091802FC Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # PTFB091802FC
Description  Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 920 ??960 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB091802FC Datasheet(HTML) 5 Page - Infineon Technologies AG

  PTFB091802FC Datasheet HTML 1Page - Infineon Technologies AG PTFB091802FC Datasheet HTML 2Page - Infineon Technologies AG PTFB091802FC Datasheet HTML 3Page - Infineon Technologies AG PTFB091802FC Datasheet HTML 4Page - Infineon Technologies AG PTFB091802FC Datasheet HTML 5Page - Infineon Technologies AG PTFB091802FC Datasheet HTML 6Page - Infineon Technologies AG PTFB091802FC Datasheet HTML 7Page - Infineon Technologies AG PTFB091802FC Datasheet HTML 8Page - Infineon Technologies AG PTFB091802FC Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PTFB091802FC
Data Sheet
5 of 9
Rev. 02.1, 2016-06-10
Reference Circuit , 920 – 960 MHz
Reference circuit assembly diagram (not to scale)
C102
RF_IN
RF_OUT
VDD
VDD
p t f b 0 9 1 8 0 2 f c _ C D _ 0 3 - 2 6 - 2 0 1 5
C101
C103
C105
C104
C106
C108
C107
C109
R102
R101
R103
C205
C204
C206
C208 C207 C209
R802
R803
R805
R804
C202
C201
C203
RO4350, .020
(62)
C110
C211
C212
C215
C213
C210
C216
S2
S1
S3
R801
C804
C801 C802
C805
C803
C210
C214
PTB091802FC_OUT_01
PTB091802FC_IN_01
RO4350, .020
(62)


Similar Part No. - PTFB091802FC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB091802FC INFINEON-PTFB091802FC Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2015-03-27
logo
Cree, Inc
PTFB091802FC CREE-PTFB091802FC Datasheet
538Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 920 ??960 MHz
logo
Infineon Technologies A...
PTFB091802FC INFINEON-PTFB091802FC_15 Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2015-03-27
More results

Similar Description - PTFB091802FC

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTFB091802FC CREE-PTFB091802FC Datasheet
538Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 920 ??960 MHz
PTFB091507FH CREE-PTFB091507FH Datasheet
618Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920 ??960 MHz
logo
Infineon Technologies A...
PTFB091507FH INFINEON-PTFB091507FH_16 Datasheet
1,015Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920 ??960 MHz
Rev. 03.1, 2016-06-09
PTFB091507FH INFINEON-PTFB091507FH Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920-960 MHz
Rev. 03, 2011-03-14
logo
Cree, Inc
PTFB093608FV CREE-PTFB093608FV Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 360 W, 28 V, 920 ??960 MHz
logo
Infineon Technologies A...
PTFA091503EL INFINEON-PTFA091503EL Datasheet
627Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 920-960 MHz
Rev. 03, 2010-08-11
PTFA091503EL INFINEON-PTFA091503EL_16 Datasheet
766Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 920 ??960 MHz
Rev. 04, 2016-06-16
PTFB090901EA INFINEON-PTFB090901EA Datasheet
226Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 90 W, 28 V, 920 . 960 MHz
Rev. 04, 2012-02-23
logo
Cree, Inc
PTFB090901EA CREE-PTFB090901EA Datasheet
710Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 90 W, 28 V, 920 ??960 MHz
logo
WOLFSPEED, INC.
PTRA097008NB WOLFSPEED-PTRA097008NB Datasheet
556Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 630 W, 48 V, 920 – 960 MHz
Rev. 04, 2023-06-22
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com