Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM81028AMWV-ZE2 Datasheet(PDF) 6 Page - Rohm

Part # BM81028AMWV-ZE2
Description  Multi-Channel System Power Supply IC
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM81028AMWV-ZE2 Datasheet(HTML) 6 Page - Rohm

Back Button BM81028AMWV-ZE2 Datasheet HTML 2Page - Rohm BM81028AMWV-ZE2 Datasheet HTML 3Page - Rohm BM81028AMWV-ZE2 Datasheet HTML 4Page - Rohm BM81028AMWV-ZE2 Datasheet HTML 5Page - Rohm BM81028AMWV-ZE2 Datasheet HTML 6Page - Rohm BM81028AMWV-ZE2 Datasheet HTML 7Page - Rohm BM81028AMWV-ZE2 Datasheet HTML 8Page - Rohm BM81028AMWV-ZE2 Datasheet HTML 9Page - Rohm BM81028AMWV-ZE2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
Datasheet
Datasheet
6/44
TSZ02201-0313AAF00430-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
12.May.2015 Rev.003
www.rohm.com
TSZ22111・15・001
BM81028AMWV
Electrical Characteristics (Unless otherwise specified, Ta=25℃, VCC, PVCC1, PVCC2=3.3V)
1. Buck DC/DC converter block 1 (VDD1)
PARAMETER
SYMBOL
LIMITS
Unit
Condition
MIN
TYP
MAX
Output Voltage Range
VDD1
1.7
1.9
V
50mV step
2.4
2.6
Output Voltage Accuracy
VDD1_R
1.782
1.8
1.818
V
VDD1=1.8V setting
2.475
2.5
2.525
V
VDD1=2.5V setting
Soft Start time
VDD1_SS
0.5
1
2
msec
The time where 90% of set
voltage is reached.
Timer Latch Starting Time
VDD1_SCP
VDD1×0.8
V
SWB1 H Side ON Resistance
RON_H1
300
480
mΩ
SWB1 L Side ON Resistance
RON_L1
300
480
mΩ
SWB1 H Side Leak Current
IL_H1
0
10
µA
SWB1 L Side Leak Current
IL_L1
0
10
µA
Current Limit
ILMT_SWB1
1.0
1.5
A
Discharge Resistance
DISR_VDD1
25
50
2. Buck DC/DC converter block 2 (VDD2)
PARAMETER
SYMBOL
LIMITS
Unit
Condition
MIN
TYP
MAX
Output Voltage Range
VDD2
1.1
1.3
V
50mV step
Output Voltage Accuracy
VDD2_R
1.188
1.2
1.212
V
VDD2=1.2V setting
Soft Start Time
VDD2_SS
0.5
1
2
msec
The time where 90% of set
voltage is reached.
Timer Latch Starting Time
VDD2_SCP
VDD2×0.8
V
SWB2 H Side On Resistance
RON_H2
300
480
mΩ
SWB2 L Side On Resistance
RON_L2
300
480
mΩ
SWB2 H Side Leak Current
IL_H2
0
10
µA
SWB2 L Side Leak Current
IL_L2
0
10
µA
Current Limit
ILMT_SWB2
1.0
1.5
A
Discharge Resistance
DISR_VDD2
25
50
3. Boost DC/DC converter block (AVDD)
PARAMETER
SYMBOL
LIMITS
Unit
Condition
MIN
TYP
MAX
Output Voltage Range
AVDD
8.0
14.5
V
0.1V step
Output Voltage Accuracy1
AVDD_R1
10.395
10.5
10.605
V
AVDD=10.5V setting
Output Voltage Accuracy2
AVDD_R2
-1.0
0
+1.0
%
AVDD=9.7 to 11.2V setting
Output Voltage Accuracy3
AVDD_R3
-1.7
0
+1.7
%
AVDD=8.0 to 9.6V,
11.3 to 12.8V setting
Output Voltage Accuracy4
AVDD_R4
-2.0
0
+2.0
%
AVDD=12.9 to 14.5V
setting
Load Switch Soft Start time
LS_SS
1
2
4
msec
Soft Start Time
AVDD_SS
3.5
5
6.5
msec
AVDD=10.5V setting
Timer Latch Starting Time
AVDD_SCP
AVDD×0.8
V
Over-Voltage Protection voltage
AVDD_OVP
16
V
SW H Side On Resistance
RON_H3
350
560
mΩ
SW L Side On Resistance
RON_L3
350
560
mΩ
SW H Side Leak Current
IL_H3
0
10
µA
SW L Side Leak Current
IL_L3
0
10
µA
Current Limit
ILMT_SW
1.5
2.0
A
Load Switch ON Resistor
RON_LS
250
400
mΩ
Maximum Duty
DMAX
80
90
%
Discharge Resistance
DISR_AVDD
25
50


Similar Part No. - BM81028AMWV-ZE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM81004MUV ROHM-BM81004MUV Datasheet
3Mb / 52P
   Positive charge pump controller
More results

Similar Description - BM81028AMWV-ZE2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV5682P ONSEMI-LV5682P Datasheet
203Kb / 15P
   Multi-Power Supply System IC
July, 2013
logo
Rohm
BD8162AEKV ROHM-BD8162AEKV Datasheet
2Mb / 30P
   Multi-channel System Power Supply IC Gamma Buffer
BD8153EFV ROHM-BD8153EFV Datasheet
445Kb / 18P
   5V Input Multi-channel System Power Supply IC
BD8160AEFV ROHM-BD8160AEFV Datasheet
422Kb / 19P
   12V Input Multi-channel System Power Supply IC
BD8179MUV ROHM-BD8179MUV Datasheet
409Kb / 13P
   5V Input Multi-channel System Power Supply IC
BD8166EFV ROHM-BD8166EFV Datasheet
447Kb / 18P
   12V Input Multi-channel System Power Supply IC
BD9862MUV ROHM-BD9862MUV Datasheet
542Kb / 17P
   5V Input Multi-channel System Power Supply IC
BD8160AEFV ROHM-BD8160AEFV_15 Datasheet
966Kb / 21P
   12V Input Multi-channel System Power Supply IC
BM81110MUW ROHM-BM81110MUW Datasheet
3Mb / 50P
   12V Input Multi-Channel System Power Supply IC
BD8174MUV ROHM-BD8174MUV Datasheet
2Mb / 42P
   Output voltage fixed-type Multi-channel System Power Supply IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com