Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9866GUL Datasheet(PDF) 8 Page - Rohm

Part # BD9866GUL
Description  4CH Internal Power MOSFET System Switching Regulator
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9866GUL Datasheet(HTML) 8 Page - Rohm

Back Button BD9866GUL Datasheet HTML 4Page - Rohm BD9866GUL Datasheet HTML 5Page - Rohm BD9866GUL Datasheet HTML 6Page - Rohm BD9866GUL Datasheet HTML 7Page - Rohm BD9866GUL Datasheet HTML 8Page - Rohm BD9866GUL Datasheet HTML 9Page - Rohm BD9866GUL Datasheet HTML 10Page - Rohm BD9866GUL Datasheet HTML 11Page - Rohm BD9866GUL Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
8/35
Datasheet
Datasheet
BD9866GUL
TSZ02201-0B2B0A400010-1-2
17.APR.2013 Rev.001
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
PVCC4
VCC
Lx1
PGND1
PVCC1
Lx2
PVCC2
PVCC3
Lx31
PGND3
Lx32
Vo3
Lx4
VREGB
PGND2
PVCC
A
B
D
C
C
B
A
D
+
-
+
ERRORAMP1
PWMCOMP1
INV1
+
-
+
ERRORAMP2
INV2
+
-
+
ERRORAMP3
INV3
ERRORAMP4
INV4
+
-
SCP TIMER
PROTECTION
TSD
UVLO
OSC
CH CTL
VREG
A
PGND
CTL1
CTL2 CTL3 CTL4
RT
VREGA
GND
SYNC
CH2
Step Down
(Current mode)
CH1
Step Down
(Current mode)
CH3
Cross Converter
(Voltage mode)
--
--
+
RTSS
VREG
D
VREG
B
VREGD
SCP
CH4
Step Down
(Current mode)
PWMCOMP2
PWMCOMP3
PG
SCP
TIMEROUT
Substrate
VCC
VREGA
VREGD
OCP
OCP
OCP
PWMCOMP4
OCP
VREGA
VREGA
VREGA
VREGA
RTSS
enable
SS
Counter reset
CLK
shutdown
SCP
TIMEROUT
Limit input current for PVCC
Limit input current for PVCC
Limit input current for PVCC
Limit input current for PVCC
+
PGND4
Light Load
mode
Light Load
mode
CH1G
VREGA
VREGA
CH2G
SEL
SEL
SEL
150kΩ
180kΩ
100kΩ
120kΩ
200kΩ
39kΩ
24pF
75kΩ
24kΩ
0.01μF
0.01μF
82kΩ
1.0μF
1.0μF
1.0μF
100kΩ
10μF
4.7μH
4.7μF
10μF
4.7μF
4.7μH
10μF
4.7μH
4.7μF
10μF
4.7μH
4.7μF
Vo1
1.1V
Vo2
1.5V
Vo3
5.0V
Vo4
3.3V
(47pF)
(8.2kΩ)
()
()
(*1)
Figure. 5 Application circuit 2
(*1) Add to improve transient characteristics optionally.
We are confident that above applied circuit diagram should be recommended, but please thoroughly confirm its
characteristics when using it. In addition, when using it with external circuit’s constants changed, please make a
decision that allows a sufficient margin in light of the fluctuations of external components and ROHM’s IC in terms of
not only static characteristics but also transient characteristics..


Similar Part No. - BD9866GUL

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9862MUV ROHM-BD9862MUV Datasheet
542Kb / 17P
   5V Input Multi-channel System Power Supply IC
BD9862MUV-E2 ROHM-BD9862MUV-E2 Datasheet
542Kb / 17P
   5V Input Multi-channel System Power Supply IC
More results

Similar Description - BD9866GUL

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9361GUL ROHM-BD9361GUL Datasheet
1Mb / 27P
   6ch Internal Power MOSFET System Switching Regulator 1ch LDO
logo
Sanyo Semicon Device
LA5683T SANYO-LA5683T Datasheet
192Kb / 12P
   Monolithic Linear IC 4ch Switching Regulator Control IC
logo
New Japan Radio
NJW4196 NJRC-NJW4196 Datasheet
285Kb / 11P
   Internal 3.5A MOSFET Switching Regulator IC for Buck Converter
NJW4150 NJRC-NJW4150 Datasheet
129Kb / 8P
   Internal 34V MOSFET Switching Regulator IC for Buck Converter
NJW4150A NJRC-NJW4150A Datasheet
240Kb / 9P
   Internal 40V MOSFET Switching Regulator IC for Buck Converter
logo
Rohm
BD8229EFV ROHM-BD8229EFV Datasheet
490Kb / 12P
   4ch System Motor Driver IC
logo
Fujitsu Component Limit...
MB39C313 FUJITSU-MB39C313 Datasheet
656Kb / 52P
   4ch System Power Management IC for LCD Panel
logo
Rohm
BD8229EFV ROHM-BD8229EFV_15 Datasheet
1Mb / 17P
   4ch System Motor Driver IC
logo
Adlink Technology Inc.
EOS-1300 ADLINK-EOS-1300 Datasheet
287Kb / 2P
   4CH Compact Gige Vision System
logo
New Japan Radio
NJU7678 NJRC-NJU7678 Datasheet
150Kb / 9P
   Internal 60V, 3A MOSFET Step-Up / Flyback Switching Regulator IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com