Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD8149MUV-E2 Datasheet(PDF) 10 Page - Rohm

Part # BD8149MUV-E2
Description  Gamma voltage generated IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8149MUV-E2 Datasheet(HTML) 10 Page - Rohm

Back Button BD8149MUV-E2 Datasheet HTML 6Page - Rohm BD8149MUV-E2 Datasheet HTML 7Page - Rohm BD8149MUV-E2 Datasheet HTML 8Page - Rohm BD8149MUV-E2 Datasheet HTML 9Page - Rohm BD8149MUV-E2 Datasheet HTML 10Page - Rohm BD8149MUV-E2 Datasheet HTML 11Page - Rohm BD8149MUV-E2 Datasheet HTML 12Page - Rohm BD8149MUV-E2 Datasheet HTML 13Page - Rohm BD8149MUV-E2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Technical Note
10/17
BD8149MUV
www.rohm.com
2016.08 - Rev.B
© 2016 ROHM Co., Ltd. All rights reserved.
< Explanation of Auto-read trigger signal >
(1) In case auto-read starts by VDD power supply input
Auto-read will start after Power ON Reset clearance.
Gamma output voltage outputs a voltage matching the register setting synchronously after VCC voltage and REFIN
voltage input. (※)
The data reading time by auto-read is 3msec. Should maintain EN_AR=High during that time.
SETTING
SLAVE/AR = High
VDD input with the EN_AR pin is shorted to VDD pin
(2) In case auto-read starts by EN_AR
Auto-read will start with EN_AR=High.
Auto-read timing can be set optionally at the timing with EN_AR=High.
Gamma output voltage outputs a voltage matching a Register setting synchronously after VCC voltage and REFIN
voltage input
Data reading time by auto-read is 3msec. Should maintain EN_AR=High during that time.
SETTING
SLAVE/AR = High
EN_AR = Low ⇒ High
EN_AR
VDD
VCC
Gamma voltage is outputted
after VCC UVLO release (※)
OUT
Auto-read starts
with Power ON Reset clearance
Read completion
3 msec
Hi-z
EN_AR
VDD
VCC
Gamma voltage is outputted
after VCC UVLO release. (※)
OUT
Auto-read starts
with EN_AR=High
Read completion
3 msec
Hi-z
( ※ ) The case VCC is inputted
after read completion
(※) The case VCC is inputted
after read completion


Similar Part No. - BD8149MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8143MUV ROHM-BD8143MUV Datasheet
332Kb / 11P
   High-precision Gamma Correction IC with built-in DAC
More results

Similar Description - BD8149MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81010MUV ROHM-BD81010MUV Datasheet
1Mb / 22P
   Gamma voltage generated IC with built-in DAC
BD81026MUV ROHM-BD81026MUV Datasheet
1Mb / 22P
   Gamma voltage generated IC with built-in DAC
logo
Texas Instruments
BUF12840 TI1-BUF12840_15 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator
BUF12840 TI-BUF12840 Datasheet
378Kb / 8P
[Old version datasheet]   Programmable Gamma-Voltage Generator
BUF16821-Q1 TI1-BUF16821-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Programmable Gamma-Voltage Generator
BUF08630 TI-BUF08630 Datasheet
430Kb / 8P
[Old version datasheet]   Programmable Gamma-Voltage Generator
logo
ATMEL Corporation
AT88SC1003 ATMEL-AT88SC1003_14 Datasheet
528Kb / 30P
   Vpp Internally Generated for Single Voltage Operation
logo
Rohm
BD8162AEKV ROHM-BD8162AEKV Datasheet
2Mb / 30P
   Multi-channel System Power Supply IC Gamma Buffer
BD8143MUV ROHM-BD8143MUV Datasheet
332Kb / 11P
   High-precision Gamma Correction IC with built-in DAC
BD8150KVT ROHM-BD8150KVT_09 Datasheet
494Kb / 19P
   4-channel System Power Supply Gamma Buffer Amp IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com