Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6529GUL-E2 Datasheet(PDF) 3 Page - Rohm

Part # BD6529GUL-E2
Description  0.5A Current Load Switch ICs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6529GUL-E2 Datasheet(HTML) 3 Page - Rohm

  BD6529GUL-E2 Datasheet HTML 1Page - Rohm BD6529GUL-E2 Datasheet HTML 2Page - Rohm BD6529GUL-E2 Datasheet HTML 3Page - Rohm BD6529GUL-E2 Datasheet HTML 4Page - Rohm BD6529GUL-E2 Datasheet HTML 5Page - Rohm BD6529GUL-E2 Datasheet HTML 6Page - Rohm BD6529GUL-E2 Datasheet HTML 7Page - Rohm BD6529GUL-E2 Datasheet HTML 8Page - Rohm BD6529GUL-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
BD6528HFV
BD6529GUL
Datasheet
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply Voltage
VDD
-0.3 to +6.0
V
IN Voltage
VIN
-0.3 to +6.0
V
EN Voltage
VEN
-0.3 to VDD +0.3
V
OUT Voltage
VOUT
-0.3 to +6.0
V
Storage Temperature
Tstg
-55 to +150
°C
Power Dissipation
Pd
0.84 (Note 1) (BD6528HFV)
W
0.57 (Note 2) (BD6529GUL)
(Note 1)
When mounted on 70mm x 70mm x 1.6mm Glass-epoxy PCB, derate by 6.8mW /°C at Ta > 25°C
(Note 2)
When mounted on 50mm x 58mm x 1.75mm Glass-epoxy PCB, derate by 4.6mW /°C at Ta > 25°C
Caution:
Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated
over the absolute maximum ratings.
Recommended Operating Conditions
Parameter
Symbol
Rating
Unit
Min
Typ
Max
Operating Voltage
VDD
2.7
3.3
4.5
V
Switch Input Voltage
VIN
0
1.2
2.7
V
Operation Temperature
Topr
-25
+25
+85
°C
Output Current
ILO
0
-
500
mA
Electrical Characteristics
BD6528HFV (Unless otherwise specified, VDD = 3.3V, VIN = 1.2V, Ta = 25°C)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
[Current Consumption]
Operating Current
IDD
-
20
30
µA
VEN = 1.2V
Standby Current
ISTB
-
0.01
1
µA
VEN = 0V
[I/O]
EN Input Voltage
VENH
1.2
-
-
V
High Level Input
VENL
-
-
0.4
V
Low Level Input
EN Input Current
IEN
-1
-
+1
µA
VEN = 0V or VEN = 1.2V
[Power Switch]
ON-Resistance
RON
-
110
-
IOUT = 500mA
Switch Leakage Current
ILEAK
-
0.01
10
µA
VEN = 0V, VOUT = 0V
Output Rise Time
tON1
-
0.5
1
ms
RL = 10Ω, VOUT 10% to 90%
Output Turn ON Time
tON2
-
0.6
2
ms
RL = 10Ω, VEN High to VOUT 90%
Output Fall Time
tOFF1
-
1
20
µs
RL = 10Ω, VOUT 90% to 10%
Output Turn OFF Time
tOFF2
-
15
100
µs
RL = 10Ω, VEN Low to VOUT 10%
[Discharge Circuit]
Discharge ON-Resistance
RDISC
-
70
110
Ω
IOUT = -1mA, VEN = 0V
Discharge Current
IDISC
-
15
20
mA
VOUT = 3.3V, VEN = 0V
3/22
TSZ02201-0E3E0H300270-1-2
21.Aug.2014 Rev.003
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001


Similar Part No. - BD6529GUL-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6529GUL ROHM-BD6529GUL Datasheet
161Kb / 5P
   Silicon monolithic integrated circuit
BD6529GUL ROHM-BD6529GUL Datasheet
316Kb / 12P
   Load Switch ICs for Portable Equipment
More results

Similar Description - BD6529GUL-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6524HFV ROHM-BD6524HFV_14 Datasheet
821Kb / 21P
   0.5A Current Load Switch ICs
BD2202G ROHM-BD2202G_14 Datasheet
917Kb / 26P
   0.2A, 0.5A Current Load Switch ICs
BD2200GUL ROHM-BD2200GUL_14 Datasheet
1,004Kb / 22P
   0.5A, 1.0A Load Switch ICs
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
BD2045AFJ ROHM-BD2045AFJ_14 Datasheet
1Mb / 26P
   0.5A Current Limit High Side Switch ICs
logo
Solid State Optronic
SMA4120 SSOUSA-SMA4120 Datasheet
222Kb / 6P
   High Load Current (0.5A MAX Continuous)
logo
Rohm
BD2202G-LB ROHM-BD2202G-LB Datasheet
542Kb / 25P
   Load Switch ICs for Portable Equipment
BD2202G ROHM-BD2202G_11 Datasheet
469Kb / 13P
   Load Switch ICs for Portable Equipment
BD2200GUL ROHM-BD2200GUL_11 Datasheet
383Kb / 10P
   Load Switch ICs for Portable Equipment
BD6528HFV ROHM-BD6528HFV_11 Datasheet
316Kb / 12P
   Load Switch ICs for Portable Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com