Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6538G Datasheet(PDF) 3 Page - Rohm

Part # BD6538G
Description  Output OFF Latch High Side Switch ICs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6538G Datasheet(HTML) 3 Page - Rohm

  BD6538G_14 Datasheet HTML 1Page - Rohm BD6538G_14 Datasheet HTML 2Page - Rohm BD6538G_14 Datasheet HTML 3Page - Rohm BD6538G_14 Datasheet HTML 4Page - Rohm BD6538G_14 Datasheet HTML 5Page - Rohm BD6538G_14 Datasheet HTML 6Page - Rohm BD6538G_14 Datasheet HTML 7Page - Rohm BD6538G_14 Datasheet HTML 8Page - Rohm BD6538G_14 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
BD6538G
Absolute Maximum Ratings
(Ta=25°C)
Parameter
Symbol
Rating
Unit
Supply Voltage
VIN
-0.3 to +6.0
V
Enable Voltage
VEN
-0.3 to +6.0
V
/OC Voltage
V/OC
-0.3 to +6.0
V
/OC Current
I/OC
5
mA
OUT Voltage
VOUT
-0.3 to VIN + 0.3
V
Storage Temperature
Tstg
-55 to +150
°C
Power Dissipation
Pd
0.67 (Note 1)
W
(Note 1) Mounted on a 70mm x 70mm x 1.6mm glass epoxy board. Derate by 5.4mW/°C above Ta = 25°C
Caution:
Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated
over the absolute maximum ratings.
Recommended Operating Conditions
Parameter
Symbol
Rating
Unit
Min
Typ
Max
Operating Voltage
VIN
2.7
-
5.5
V
Operating Temperature
Topr
-40
-
+85
°C
Continuous Output Current
IOUT
0
-
0.5
A
Electrical Characteristics
Unless otherwise specified VIN = 5.0V, Ta = 25°C
DC Characteristics
Parameter
Symbol
Limit
unit
Conditions
Min
Typ
Max
Operating Current
IDD
-
110
160
μA
VEN = 5.0V, VOUT = Open
Standby Current
ISTB
-
0.01
5
μA
VEN = 0V, VOUT = Open
EN Input Voltage
VENH
2.0
-
-
V
High Input
VENL
-
-
0.8
V
Low Input
EN Input Current
IEN
-1.0
+0.01
+1.0
μA
VEN =0V or 5V
ON-Resistance
RON
-
150
200
IOUT = 50mA
Over-Current Threshold
ITH
0.5
-
1.0
A
-
Output Current at Short
ISC
0.35
-
-
A
VOUT = 0V (RMS)
/OC Output Low Voltage
V/OC
-
-
0.4
V
I/OC = 0.5mA
UVLO Threshold
VTUVH
2.1
2.3
2.5
V
Increasing VIN
VTUVL
2.0
2.2
2.4
V
Decreasing VIN
AC Characteristics
Parameter
Symbol
Limit
unit
Conditions
Min
Typ
Max
Output Rise Time
tON1
-
1
6
ms
RL = 20Ω, Figure 2. Ref.
Output Rise Delay Time
tON2
-
1.5
10
ms
RL = 20Ω, Figure 2. Ref.
Output Fall Time
tOFF1
-
1
20
μs
RL = 20Ω, Figure 2. Ref.
Output Fall Delay Time
tOFF2
-
3
40
μs
RL = 20Ω, Figure 2. Ref.
Blanking Time
tBLANK
10
15
20
ms
-
3/21
TSZ02201-0E3E0H300320-1-2
21.Aug.2014 Rev.002
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001


Similar Part No. - BD6538G_14

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6538G ROHM-BD6538G_11 Datasheet
291Kb / 12P
   1ch Small Package High Side Switch IC for USB Devices and Memory Cards
More results

Similar Description - BD6538G_14

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6538G-LB ROHM-BD6538G-LB Datasheet
512Kb / 24P
   Output OFF Latch High Side Switch ICs
BD2220G ROHM-BD2220G_14 Datasheet
937Kb / 26P
   0.75A Current Limit Latch Off High Side Switch ICs
BD2061AFJ ROHM-BD2061AFJ_13 Datasheet
488Kb / 25P
   High Side Switch ICs
logo
Sanken electric
SPF5017 SANKEN-SPF5017 Datasheet
48Kb / 1P
   High-side Power Switch ICs
SPF5004 SANKEN-SPF5004 Datasheet
45Kb / 1P
   High-side Power Switch ICs
SPF5004 SANKEN-SPF5004_06 Datasheet
44Kb / 1P
   High-side Power Switch ICs
SPF5007 SANKEN-SPF5007 Datasheet
46Kb / 1P
   High-side Power Switch ICs
SPF5018 SANKEN-SPF5018 Datasheet
47Kb / 1P
   High-side Power Switch ICs
logo
Rohm
BD6516F-E2 ROHM-BD6516F-E2 Datasheet
716Kb / 41P
   High Side Switch ICs 2ch
BD2045AFJ ROHM-BD2045AFJ_09 Datasheet
366Kb / 13P
   1ch Small Current Output USB High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com