Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6524HFV Datasheet(PDF) 3 Page - Rohm

Part # BD6524HFV
Description  0.5A Current Load Switch ICs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6524HFV Datasheet(HTML) 3 Page - Rohm

  BD6524HFV Datasheet HTML 1Page - Rohm BD6524HFV Datasheet HTML 2Page - Rohm BD6524HFV Datasheet HTML 3Page - Rohm BD6524HFV Datasheet HTML 4Page - Rohm BD6524HFV Datasheet HTML 5Page - Rohm BD6524HFV Datasheet HTML 6Page - Rohm BD6524HFV Datasheet HTML 7Page - Rohm BD6524HFV Datasheet HTML 8Page - Rohm BD6524HFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
BD6524HFV
Datasheet
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply Voltage
VIN
-0.3 to +6.0
V
Control Input Voltage
VEN
-0.3 to VIN +0.3
V
Switch Output Voltage
VOUT
-0.3 to +6.0
V
Storage Temperature
Tstg
-55 to +150
°C
Power Dissipation
Pd
0.85 (Note 1)
W
(Note 1)
Mounted on 70mm x 70mm x 1.6mm glass-epoxy PCB. Derating : 6.8mW/ oC above Ta=25 oC.
Caution:
Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated
over the absolute maximum ratings.
Recommended Operating Conditions
Parameter
Symbol
Rating
Unit
Min
Typ
Max
Supply Voltage
VIN
3.0
-
5.5
V
Operating Temperature
Topr
-25
-
+75
°C
Switch Current
IOUT
-
-
500
mA
Electrical Characteristics
(Unless otherwise specified, Ta = 25°C, VIN = 5V)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Operating Current
IDD
-
50
75
µA
VEN = 5V, VOUT = Open
Standby Current
ISTB
-
0.1
1
µA
VEN = 0V, VOUT = Open
EN Input Voltage
VENH
-
-
2.5
V
High Level Input Voltage
VENL
0.7
-
-
V
Low Level Input Voltage
EN Input Leak Current
IEN
-1
+0.01
+1
µA
Switch ON-Resistance
RON
-
200
255
VIN = 5V
-
250
335
VIN = 3.3V
Switch Leak Current
ILEAK
-
-
10
µA
At Switch OFF
Switch Rise Time
tON1
-
0.4
0.8
ms
RL=10Ω. Refer to the Timing Diagram in Figure 2.
Switch Rise Delay Time
tON2
-
0.5
1.0
ms
RL=10Ω. Refer to the Timing Diagram in Figure 2.
Switch Fall Time
tOFF1
-
1
2
µs
RL=10Ω. Refer to the Timing Diagram in Figure 2.
Switch Fall Delay Time
tOFF2
-
2
4
µs
RL=10Ω. Refer to the Timing Diagram in Figure 2.
UVLO Threshold Voltage
VUVLO
1.9
2.2
2.5
V
VIN Increasing
1.8
2.1
2.4
V
VIN Decreasing
Discharge Resistance
RDISC
-
200
350
Ω
VEN = 0V, IL = 1mA
Discharge Current
IDISC
0.8
1.8
-
mA
VEN = 0V, VIN = VOUT = 1.8V
Measurement Circuit
Timing Diagram
Figure 1. Measurement Circuit
Figure 2. Timing Diagram
RL
IN
OUT
EN
GND
IN
CL
OUT
tON2
tON1
10%
90%
VENH
VENL
90%
10%
tOFF2
tOFF1
VOUT
VEN
3/17
TSZ02201-0E3E0H300260-1-2
21.Aug.2014 Rev.002
www.rohm.com
TSZ22111・15・001
© 2013 ROHM Co., Ltd. All rights reserved.


Similar Part No. - BD6524HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6524HFV ROHM-BD6524HFV Datasheet
448Kb / 10P
   1ch Small Current Output Power Managment Switch IC
BD6524HFV ROHM-BD6524HFV Datasheet
392Kb / 10P
   Load Switch IC for Portable Equipment
BD6524HFV ROHM-BD6524HFV_11 Datasheet
392Kb / 10P
   Load Switch IC for Portable Equipment
More results

Similar Description - BD6524HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6528HFV ROHM-BD6528HFV_14 Datasheet
1Mb / 26P
   0.5A Current Load Switch ICs
BD2202G ROHM-BD2202G_14 Datasheet
917Kb / 26P
   0.2A, 0.5A Current Load Switch ICs
BD2200GUL ROHM-BD2200GUL_14 Datasheet
1,004Kb / 22P
   0.5A, 1.0A Load Switch ICs
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
BD2045AFJ ROHM-BD2045AFJ_14 Datasheet
1Mb / 26P
   0.5A Current Limit High Side Switch ICs
logo
Solid State Optronic
SMA4120 SSOUSA-SMA4120 Datasheet
222Kb / 6P
   High Load Current (0.5A MAX Continuous)
logo
Rohm
BD2202G-LB ROHM-BD2202G-LB Datasheet
542Kb / 25P
   Load Switch ICs for Portable Equipment
BD2202G ROHM-BD2202G_11 Datasheet
469Kb / 13P
   Load Switch ICs for Portable Equipment
BD2200GUL ROHM-BD2200GUL_11 Datasheet
383Kb / 10P
   Load Switch ICs for Portable Equipment
BD6528HFV ROHM-BD6528HFV_11 Datasheet
316Kb / 12P
   Load Switch ICs for Portable Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com