Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7032-6351-6353 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # 7032-6351-6353
Description  SMPM FEMALE TO SMPM FEMALE STD. FLEXTRA CABLE ASSEMBLY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

7032-6351-6353 Datasheet(HTML) 1 Page - Amphenol Corporation

  7032-6351-6353 Datasheet HTML 1Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
01
PRELIMINARY
03/14
STW
-
NRN 38808
05/14
STW
CHECKED:
APPROVED:
DRAWN:
STW 03/27/14
STW 03/27/14
BNK 03/27/14
ROHS NON-COMPLIANT
THE INFORMATION CONTAINED IN THIS DRAWING
.005
APPROVED
DATE
REVISION HISTORY
DESCRIPTION
REV
SEE NOTES
SEE NOTES
SV Microwave, Inc.
SCALE: 8:1
SIZE
DWG. NO.
B
MATERIAL:
FINISH:
4) CHAM. 1ST & LAST THREADS.
7) REMOVE ALL BURRS
UNLESS OTHERWISE SPECIFIED
7032-6351-6353
95077
3) BREAK CORNERS & EDGES .005 R. MAX.
WITHIN .005 T.I.R.
West Palm Beach, FL 33409
TITLE:
CAGE CODE
IS THE SOLE PROPERTY OF SV MICROWAVE, INC.
2) ALL DIMENSIONS ARE AFTER PLATING.
1) ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]
SV MICROWAVE, INC IS PROHIBITED.
SURFACE AREA:
MIL-STD-10.
SHEET 1 OF 1
6) DIA.’S ON COMMON CENTERS TO BE CONCENTRIC
e
2400 Centrepark West Drive, Suite 100
PER ASME Y14.5M - 1994
PROPRIETARY
N/A
WITHOUT THE WRITTEN PERMISSION OF
ANY REPRODUCTION IN PART OR AS A WHOLE
THIRD ANGLE PROJECTION
5) SURFACE ROUGHNESS 63
INTERPRET DIMENSIONS AND TOLERANCES
DIMENSIONS ARE IN INCHES TOLERANCES:
FRACTIONAL:
1/64
ANGULAR: X
1 0'
X X'
15'
DECIMAL: .X
.030
.XX
.010
.XXX
SMPM FEMALE TO SMPM
FEMALE STD. FLEXTRA
CABLE ASSEMBLY
L±.125
OAL (SEE TABLE)
PERFORMANCE:
INSERTION LOSS:
SEE TABLE
SINGLE WALL TUBING:
M23053/5 (BLACK)
STANDARD FLEXTRA CABLE:
200-70-214
2 SMPM FEMALE CONNECTORS:
3221-40007
PRODUCT DATA DRAWING
VSWR:
1.56:1 DC TO 40.0 GHz
FREQ. RANGE:
DC TO 40.0 GHz
IMPEDANCE:
50 OHMS
MATERIAL:
SV P/N
L (OAL)
INSERTION LOSS
dB MAX.
7032-6351
6.000"
1.80
7032-6352
12.000"
3.21
7032-6353
24.000"
6.06


Similar Part No. - 7032-6351-6353

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
7032-6351-6353 AMPHENOL-7032-6351-6353 Datasheet
63Kb / 1P
   SMPM FEMALE TO SMPM FEMALE STD. FLEXTRA CABLE ASSEMBLY
More results

Similar Description - 7032-6351-6353

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
7032-6352 AMPHENOL-7032-6352 Datasheet
63Kb / 1P
   SMPM FEMALE TO SMPM FEMALE STD. FLEXTRA CABLE ASSEMBLY
7032-6354-6356 AMPHENOL-7032-6354-6356 Datasheet
62Kb / 1P
   SMPM R/A FEMALE TO SMPM R/A FEMALE STD. FLEXTRA CABLE ASSEMBLY
7032-7154 AMPHENOL-7032-7154 Datasheet
77Kb / 1P
   SMPM FEMALE TO SMPM FEMALE FOR .085 CABLE ASSEMBLY
logo
Amphenol SV Microwave
7032-8608 SVMICROWAVE-7032-8608 Datasheet
82Kb / 1P
   SMPM FEMALE TO SMPM FEMALE Ø.047 CABLE ASSEMBLY
REV.02 04/22
7032-9433-9434 SVMICROWAVE-7032-9433-9434 Datasheet
89Kb / 1P
   SMPM FEMALE R/A TO SMPM FEMALE CABLE ASSEMBLY FOR .047 SUPERFLEX CABLE
07/20/22
7032-9434-9434 SVMICROWAVE-7032-9434-9434 Datasheet
81Kb / 1P
   SMPM FEMALE R/A TO SMPM FEMALE CABLE ASSEMBLY FOR .047 SUPERFLEX CABLE
07/22
7032-8548-8548 SVMICROWAVE-7032-8548-8548 Datasheet
85Kb / 1P
   SMPM FEMALE QB CONNECTOR TO SMA MALE PLUG STANDARD FLEXTRA CABLE ASSEMBLY
07/22
7032-8546-8548 SVMICROWAVE-7032-8546-8548 Datasheet
92Kb / 1P
   SMPM FEMALE QB CONNECTOR TO SMA MALE PLUG STANDARD FLEXTRA CABLE ASSEMBLY
09/30/21
7032-8547-8548 SVMICROWAVE-7032-8547-8548 Datasheet
85Kb / 1P
   SMPM FEMALE QB CONNECTOR TO SMA MALE PLUG STANDARD FLEXTRA CABLE ASSEMBLY
07/22
logo
Amphenol Corporation
7032-7156-7158 AMPHENOL-7032-7156-7158 Datasheet
96Kb / 1P
   SMPM FEMALE R/A TO SMPM FEMALE R/A FOR .085 CABLE ASSEMBLY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com