Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB193404FV1R0 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # PTFB193404FV1R0
Description  Thermally-Enhanced High Power RF LDMOS FETs 340 W, 30 V, 1930 ??1990 MHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB193404FV1R0 Datasheet(HTML) 4 Page - Infineon Technologies AG

  PTFB193404FV1R0 Datasheet HTML 1Page - Infineon Technologies AG PTFB193404FV1R0 Datasheet HTML 2Page - Infineon Technologies AG PTFB193404FV1R0 Datasheet HTML 3Page - Infineon Technologies AG PTFB193404FV1R0 Datasheet HTML 4Page - Infineon Technologies AG PTFB193404FV1R0 Datasheet HTML 5Page - Infineon Technologies AG PTFB193404FV1R0 Datasheet HTML 6Page - Infineon Technologies AG PTFB193404FV1R0 Datasheet HTML 7Page - Infineon Technologies AG PTFB193404FV1R0 Datasheet HTML 8Page - Infineon Technologies AG PTFB193404FV1R0 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Data Sheet
4 of 14
Rev. 05.2, 2016-06-14
PTFB193404F
Typical Performance (cont.)
30
-20
-10
0
30
40
50
60
Two-tone Broadband Performance
VDD = 30 V, IDQ = 2.6 A, POUT = 52 dBm
Efficiency
Return Loss
IMD3
-50
-40
-30
10
20
30
1840
1900
1960
2020
2080
Frequency (MHz)
Gain
IMD3
21
28
35
42
17
18
19
20
Two-tone Drive-up
VDD = 30 V, IDQ = 2.6 A,
ƒ1 = 1989 MHz, ƒ2 = 1990 MHz
Gain
7
14
21
15
16
17
40
44
48
52
56
Output Power, PEP (dBm)
Efficiency
20
30
40
50
18
19
20
21
Two-tone Drive-up (over temperature)
(POUT-max 3rd order IMD @ –30 dBc)
VDD = 30 V, IDQ = 2.6 A,
ƒ1 = 1959 MHz, ƒ2 = 1960 MHz
Gain
0
10
16
17
39 41 43 45 47 49 51 53 55 57
Output Power, PEP (dBm)
+25C
+85C
–30C
Efficiency
20
25
30
35
40
45
-45
-35
-25
Two-tone Drive-up
VDD = 30 V, IDQ = 2.6 A,,
ƒ1 = 1989 MHz, ƒ2 = 1990 MHz
3rd Order IMD
Efficiency
0
5
10
15
-65
-55
39
44
49
54
Output Power, PEP. (dBm)


Similar Part No. - PTFB193404FV1R0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB193404F INFINEON-PTFB193404F Datasheet
244Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 340 W, 30 V, 1930-1990 MHz
Rev. 04, 2011-02-07
logo
Cree, Inc
PTFB193404F CREE-PTFB193404F Datasheet
610Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FET 340 W, 30 V, 1930 ??1990 MHz
More results

Similar Description - PTFB193404FV1R0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB193404F INFINEON-PTFB193404F Datasheet
244Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 340 W, 30 V, 1930-1990 MHz
Rev. 04, 2011-02-07
logo
Cree, Inc
PTFB193404F CREE-PTFB193404F Datasheet
610Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FET 340 W, 30 V, 1930 ??1990 MHz
logo
Infineon Technologies A...
PTFA192401E INFINEON-PTFA192401E Datasheet
431Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 1930 ??1990 MHz
Rev. 02, 2009-04-01
PTFB191501E INFINEON-PTFB191501E Datasheet
295Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 1930 ??1990 MHz
Rev. 02, 2009-09-09
PTFA191001E INFINEON-PTFA191001E Datasheet
256Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1930-1990 MHz
Rev. 04, 2007-10-31
PTFA192001E INFINEON-PTFA192001E Datasheet
285Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 200 W, 1930-1990 MHz
Rev. 05, 2008-05-15
PTFB192503EL INFINEON-PTFB192503EL Datasheet
673Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 1930-1990 MHz
Rev. 09, 2010-11-09
PTFA190451E INFINEON-PTFA190451E Datasheet
375Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 45 W, 1930 - 1990 MHz
Rev. 03.1, 2009-02-20
PTF191601F INFINEON-PTF191601F Datasheet
206Kb / 10P
   Thermally-Enhnaced High Power RF LDMOS FETs 160 W, 1930-1990 MHz
2004-09-16
logo
Cree, Inc
PTFB192503FL CREE-PTFB192503FL Datasheet
531Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1930 ??1990 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com