Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB213208FVV1R250XTMA1 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # PTFB213208FVV1R250XTMA1
Description  Thermally-Enhanced High Power RF LDMOS FET 320 W, 28 V, 2110 ??2170 MHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB213208FVV1R250XTMA1 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button PTFB213208FVV1R250XTMA1 Datasheet HTML 3Page - Infineon Technologies AG PTFB213208FVV1R250XTMA1 Datasheet HTML 4Page - Infineon Technologies AG PTFB213208FVV1R250XTMA1 Datasheet HTML 5Page - Infineon Technologies AG PTFB213208FVV1R250XTMA1 Datasheet HTML 6Page - Infineon Technologies AG PTFB213208FVV1R250XTMA1 Datasheet HTML 7Page - Infineon Technologies AG PTFB213208FVV1R250XTMA1 Datasheet HTML 8Page - Infineon Technologies AG PTFB213208FVV1R250XTMA1 Datasheet HTML 9Page - Infineon Technologies AG PTFB213208FVV1R250XTMA1 Datasheet HTML 10Page - Infineon Technologies AG PTFB213208FVV1R250XTMA1 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Data Sheet – DRAFT ONLY
7 of 13
Rev. 02, 2012-07-03
PTFB213208FV
Confidential, Limited Internal Distribution
TL102
TL104
C101
100000 pF
TL106
TL107
TL108
TL109
TL110
TL111
TL112
TL113
TL114
TL115
TL116
TL117
C801
1000 pF
C802
1000 pF
C803
1000 pF
C102
4700000 pF
TL118
TL119
TL120
TL121
TL122
TL123
TL124
TL125
TL126
TL127
TL128
TL129
TL130
TL131
TL132
TL133
TL134
TL135
TL136
TL105
R104
10 Ohm
C109
10 pF
C103
100000 pF
TL137
R801
1200 Ohm
R802
1300 Ohm
1
2
3
TL138
1
2
3
TL139
1
2
3
TL140
1
2
3
TL141
12
3
TL142
1
2
3
TL143
1
2
3
TL144
1
2
3
TL145
TL146
TL147
TL148
TL149
12
3
TL156
TL157
C110
10 pF
C104
10 pF
TL150
1
2
3
TL151
C105
8.2 pF
C106
1.5 pF
12
3
TL152
TL153
TL154
C107
10 pF
R803
10 Ohm
C108
4700000 pF
R101
10 Ohm
R102
0 Ohm
R103
0 Ohm
PORT
3
PORT
2
PORT
1
In
Out
NC
NC
1
2
3
4
5
6
7
8
S3
S
C
B
E
1
2
3
4
S2
3
S1
1
2
3
4
TL155
R105
5100 Ohm
R106
5100 Ohm
TL103
TL101
b2 132 08f s v - v 1 _B D - i n _ 3 - 1 5- 20 12
RF_IN
GATE DUT
Pin G1
GATE DUT
Pin G2
Reference Circuit
Reference circuit input schematic for ƒ = 2170 MHz
ε = 3.48
H = 20 mil
RO/RO4350B1
r


Similar Part No. - PTFB213208FVV1R250XTMA1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTFB213208FV CREE-PTFB213208FV Datasheet
659Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 320 W, 28 V, 2110 - 2170 MHz
More results

Similar Description - PTFB213208FVV1R250XTMA1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTFB213208FV CREE-PTFB213208FV Datasheet
659Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 320 W, 28 V, 2110 - 2170 MHz
logo
Infineon Technologies A...
PTFB212507SH INFINEON-PTFB212507SH Datasheet
193Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 28 V, 2110 ??2170 MHz
Rev. 03, 2015-10-30
PXFC211507SC INFINEON-PXFC211507SC Datasheet
201Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2110 ??2170 MHz
Rev. 02, 2015-03-03
logo
Cree, Inc
PXAD214218FV CREE-PXAD214218FV Datasheet
524Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 430 W, 28 V, 2110 ??2170 MHz
logo
Infineon Technologies A...
PXAD214218FV INFINEON-PXAD214218FV Datasheet
391Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 430 W, 28 V, 2110 ??2170 MHz
Rev. 02.2, 2017-03-30
logo
Cree, Inc
PTFB210801FA CREE-PTFB210801FA Datasheet
636Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 80 W, 28 V, 2110 ??2170 MHz
logo
WOLFSPEED, INC.
PXAD214218FV WOLFSPEED-PXAD214218FV Datasheet
524Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 430 W, 28 V, 2110 – 2170 MHz
Rev. 04, 2023-06-23
PXFE211507FC WOLFSPEED-PXFE211507FC Datasheet
763Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 170 W, 28 V, 2110 – 2170 MHz
Rev. 04, 2023-06-28
logo
Infineon Technologies A...
PTAC210802FC INFINEON-PTAC210802FC_16 Datasheet
650Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 80 W, 28 V, 2110 ??2170 MHz
Rev. 05.2, 2016-06-17
logo
Cree, Inc
PXFE211507FC CREE-PXFE211507FC Datasheet
587Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 170 W, 28 V, 2110 ??2170 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com