Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB212507SH Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # PTFB212507SH
Description  Thermally-Enhanced High Power RF LDMOS FET 200 W, 28 V, 2110 ??2170 MHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB212507SH Datasheet(HTML) 2 Page - Infineon Technologies AG

  PTFB212507SH Datasheet HTML 1Page - Infineon Technologies AG PTFB212507SH Datasheet HTML 2Page - Infineon Technologies AG PTFB212507SH Datasheet HTML 3Page - Infineon Technologies AG PTFB212507SH Datasheet HTML 4Page - Infineon Technologies AG PTFB212507SH Datasheet HTML 5Page - Infineon Technologies AG PTFB212507SH Datasheet HTML 6Page - Infineon Technologies AG PTFB212507SH Datasheet HTML 7Page - Infineon Technologies AG PTFB212507SH Datasheet HTML 8Page - Infineon Technologies AG PTFB212507SH Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PTFB212507SH
Data Sheet
2 of 13
Rev. 03, 2015-10-30
DC Characteristics
Characteristic
Conditions
Symbol
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VGS = 0 V, IDS = 10 mA
V(BR)DSS
65
V
Drain Leakage Current
VDS = 28 V, VGS = 0 V
IDSS
0.1
µA
VDS = 63 V, VGS = 0 V
IDSS
1.0
µA
Gate Leakage Current
VGS = 12 V, VDS = 0 V
IGSS
1
µA
On-State Resistance
VGS = 10 V, VDS = 0.1 V
RDS(on)
0.05
Ω
Operating Gate Voltage
VDS = 28 V, IDQ = 1.6 A
VGS
2.85
V
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDSS
65
V
Gate-Source Voltage
VGS
–6 to +10
V
Junction Temperature
TJ
200
°C
Storage Temperature Range
TSTG
–40 to +150
°C
Thermal Resistance (TCASE = 70°C, 30 V VDD, 200 W CW)
R
θJC
0.26
°C/W
Ordering Information
Type and Version
Order Code
Package and Description
Shipping
PTFB212507SH V2 R2
PTFB212507SHV2R2XTMA1
H-37288G-4/2, ceramic open-cavity,
Tape & Reel, 250 pcs
formed leads


Similar Part No. - PTFB212507SH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB212503EFL INFINEON-PTFB212503EFL Datasheet
830Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 07.1, 2016-06-15
PTFB212503EL INFINEON-PTFB212503EL Datasheet
978Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110-2170 MHz
Rev. 07, 2010-11-04
PTFB212503EL INFINEON-PTFB212503EL Datasheet
830Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 07.1, 2016-06-15
PTFB212503ELV1R0 INFINEON-PTFB212503ELV1R0 Datasheet
830Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 07.1, 2016-06-15
PTFB212503ELV1R0XTMA1 INFINEON-PTFB212503ELV1R0XTMA1 Datasheet
830Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 07.1, 2016-06-15
More results

Similar Description - PTFB212507SH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA212002E INFINEON-PTFA212002E Datasheet
227Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 2110-2170 MHz
Rev. 02, 2005-05-16
PXFC211507SC INFINEON-PXFC211507SC Datasheet
201Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2110 ??2170 MHz
Rev. 02, 2015-03-03
logo
Cree, Inc
PXAD214218FV CREE-PXAD214218FV Datasheet
524Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 430 W, 28 V, 2110 ??2170 MHz
logo
Infineon Technologies A...
PXAD214218FV INFINEON-PXAD214218FV Datasheet
391Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 430 W, 28 V, 2110 ??2170 MHz
Rev. 02.2, 2017-03-30
logo
Cree, Inc
PTFB210801FA CREE-PTFB210801FA Datasheet
636Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 80 W, 28 V, 2110 ??2170 MHz
PTFB213208FV CREE-PTFB213208FV Datasheet
659Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 320 W, 28 V, 2110 - 2170 MHz
logo
WOLFSPEED, INC.
PXAD214218FV WOLFSPEED-PXAD214218FV Datasheet
524Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 430 W, 28 V, 2110 – 2170 MHz
Rev. 04, 2023-06-23
PXFE211507FC WOLFSPEED-PXFE211507FC Datasheet
763Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 170 W, 28 V, 2110 – 2170 MHz
Rev. 04, 2023-06-28
logo
Infineon Technologies A...
PTFB213208FV INFINEON-PTFB213208FV Datasheet
221Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 320 W, 28 V, 2110 ??2170 MHz
Rev. 02, 2012-07-03
PTAC210802FC INFINEON-PTAC210802FC_16 Datasheet
650Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 80 W, 28 V, 2110 ??2170 MHz
Rev. 05.2, 2016-06-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com