Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFC210202FCV1R250XTMA1 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # PTFC210202FCV1R250XTMA1
Description  Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 ??2200 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFC210202FCV1R250XTMA1 Datasheet(HTML) 3 Page - Infineon Technologies AG

  PTFC210202FCV1R250XTMA1 Datasheet HTML 1Page - Infineon Technologies AG PTFC210202FCV1R250XTMA1 Datasheet HTML 2Page - Infineon Technologies AG PTFC210202FCV1R250XTMA1 Datasheet HTML 3Page - Infineon Technologies AG PTFC210202FCV1R250XTMA1 Datasheet HTML 4Page - Infineon Technologies AG PTFC210202FCV1R250XTMA1 Datasheet HTML 5Page - Infineon Technologies AG PTFC210202FCV1R250XTMA1 Datasheet HTML 6Page - Infineon Technologies AG PTFC210202FCV1R250XTMA1 Datasheet HTML 7Page - Infineon Technologies AG PTFC210202FCV1R250XTMA1 Datasheet HTML 8Page - Infineon Technologies AG PTFC210202FCV1R250XTMA1 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PTFC210202FC
Data Sheet
3 of 9
Rev. 03.4, 2016-06-22
Typical Performance (data taken in a production test fixture)
10
20
30
40
50
60
-60
-50
-40
-30
-20
-10
28
32
36
40
44
Average Output Power (dBm)
Single-carrier WCDMA 3GPP Drive-up
VDD = 28 V, IDQ = 170 mA,
3GPP WCDMA signal,
PAR = 7.5 dB, BW = 3.84 MHz
2110 ACPL
2140 ACPL
2170 ACPL
2110 ACPU
2140 ACPU
2170 ACPU
2110 EFF
2140 EFF
2170 EFF
ptfc210202fc_g3
10
20
30
40
50
60
-60
-50
-40
-30
-20
-10
28
32
36
40
44
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 28 V, IDQ = 170 mA, ƒ = 2170 MHz,
3GPP WCDMA signal, PAR = 7.5 dB,
BW = 3.84 MHz
Efficiency
ACP Up
ACP Low
ptfc210202fc_g2
-25
-20
-15
-10
-5
-45
-40
-35
-30
-25
1950 2000 2050 2100 2150 2200 2250 2300
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 28 V, IDQ = 170 mA, POUT = 36dBm,
3GPP WCDMA signal, PAR = 7.5 dB
Return Loss
ACP Up
ptfc210202fc_g5
15
20
25
30
35
40
18
19
20
21
22
23
1950 2000 2050 2100 2150 2200 2250 2300
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 28 V, IDQ = 170 mA, POUT = 36dBm,
3GPP WCDMA signal, PAR = 7.5 dB
Efficiency
Gain
ptfc210202fc_g4


Similar Part No. - PTFC210202FCV1R250XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFC210202FC INFINEON-PTFC210202FC Datasheet
431Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.2, 2014-05-14
logo
Cree, Inc
PTFC210202FC CREE-PTFC210202FC Datasheet
700Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 - 2200 MHz
logo
WOLFSPEED, INC.
PTFC210202FC WOLFSPEED-PTFC210202FC Datasheet
828Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 – 2200 MHz
Rev. 06, 2023-06-28
PTFC210202FC-V1 WOLFSPEED-PTFC210202FC-V1 Datasheet
828Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 – 2200 MHz
Rev. 06, 2023-06-28
PTFC210202FC-V1-R0 WOLFSPEED-PTFC210202FC-V1-R0 Datasheet
828Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 – 2200 MHz
Rev. 06, 2023-06-28
More results

Similar Description - PTFC210202FCV1R250XTMA1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTFC210202FC CREE-PTFC210202FC Datasheet
700Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 - 2200 MHz
logo
WOLFSPEED, INC.
PTFC210202FC-V1 WOLFSPEED-PTFC210202FC-V1 Datasheet
828Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 – 2200 MHz
Rev. 06, 2023-06-28
logo
Cree, Inc
PXAC201202FC CREE-PXAC201202FC Datasheet
590Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 120 W, 28 V, 1800 - 2200 MHz
logo
Infineon Technologies A...
PXAC201202FC INFINEON-PXAC201202FC Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 120 W, 28 V, 1800 ??2200 MHz
Rev. 05.1, 2016-06-22
logo
Cree, Inc
PXAC213308FV CREE-PXAC213308FV Datasheet
518Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 320 W, 28 V, 2110 ??2200 MHz
logo
Infineon Technologies A...
PXAC213308FV INFINEON-PXAC213308FV Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 320 W, 28 V, 2110 ??2200 MHz
Rev. 02, 2016-05-04
logo
Cree, Inc
PTFB091802FC CREE-PTFB091802FC Datasheet
538Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 920 ??960 MHz
PXAC203302FV CREE-PXAC203302FV Datasheet
436Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 330 W, 28 V, 1880 - 2025 MHz
PXAC261002FC CREE-PXAC261002FC Datasheet
634Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 100 W, 28 V, 2490 ??2690 MHz
PTFB092707FH CREE-PTFB092707FH Datasheet
556Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 270 W, 28 V, 925 ??960 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com