Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB241402FV1R0 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # PTFB241402FV1R0
Description  High Power RF LDMOS Field Effect Transistor 140 W, 2300 ??2400 MHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB241402FV1R0 Datasheet(HTML) 5 Page - Infineon Technologies AG

  PTFB241402FV1R0 Datasheet HTML 1Page - Infineon Technologies AG PTFB241402FV1R0 Datasheet HTML 2Page - Infineon Technologies AG PTFB241402FV1R0 Datasheet HTML 3Page - Infineon Technologies AG PTFB241402FV1R0 Datasheet HTML 4Page - Infineon Technologies AG PTFB241402FV1R0 Datasheet HTML 5Page - Infineon Technologies AG PTFB241402FV1R0 Datasheet HTML 6Page - Infineon Technologies AG PTFB241402FV1R0 Datasheet HTML 7Page - Infineon Technologies AG PTFB241402FV1R0 Datasheet HTML 8Page - Infineon Technologies AG PTFB241402FV1R0 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PTFB241402F
Data Sheet
5 of 13
Rev. 04.1, 2016-06-15
0.1
0.3
0.2
0.4
Nornalized to 50 Ohms
b241402ef Mar. 2, 2010 6:25:12 PM
R
jX
R
2320 27.0 -16.0 3.
2350 25.0 -8.8 3.0
2380 27.5 -5.7 2.8
Z Source
Z Load
ptfb241402ef-v1
2380 MHz
2380 MHz
2320 MHz
2320 MHz
Z0 = 50 W
Z Source
Z Load
G
D
G
S
D
Broadband Circuit Impedance
Frequency
Z Source W
Z Load W
MHz
R
jX
R
jX
2320
27.0
–16.0
3.0
–4.1
2350
25.0
–8.8
3.0
–4.5
2380
27.5
–5.7
2.8
–4.5


Similar Part No. - PTFB241402FV1R0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB241402F INFINEON-PTFB241402F Datasheet
556Kb / 13P
   High Power RF LDMOS Field Effect Transistor 140 W, 2300 ??2400 MHz
Rev. 03, 2010-04-19
More results

Similar Description - PTFB241402FV1R0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB241402F INFINEON-PTFB241402F Datasheet
556Kb / 13P
   High Power RF LDMOS Field Effect Transistor 140 W, 2300 ??2400 MHz
Rev. 03, 2010-04-19
logo
Cree, Inc
PXAC243502FV CREE-PXAC243502FV Datasheet
543Kb / 10P
   High Power RF LDMOS Field Effect Transistor 350 W, 28 V, 2300 ??2400 MHz
logo
Infineon Technologies A...
PXAC243502FV INFINEON-PXAC243502FV_16 Datasheet
1Mb / 10P
   High Power RF LDMOS Field Effect Transistor 350 W, 28 V, 2300 ??2400 MHz
Rev. 03.2, 2016-06-22
logo
Cree, Inc
PTFB201402FC CREE-PTFB201402FC Datasheet
595Kb / 14P
   High Power RF LDMOS Field Effect Transistor 140 W, 28 V, 2010 - 2025 MHz
logo
Infineon Technologies A...
PTAC240502FC INFINEON-PTAC240502FC_16 Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 28 V, 2300 ??2400 MHz
Rev. 02.3, 2016-06-21
logo
Cree, Inc
PXAC241702FC CREE-PXAC241702FC Datasheet
577Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2300 ??2400 MHz
PTAC240502FC CREE-PTAC240502FC Datasheet
606Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 28 V, 2300 ??2400 MHz
logo
Infineon Technologies A...
PXAC241702FC INFINEON-PXAC241702FC Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2300 ??2400 MHz
Rev. 02.1, 2016-06-22
logo
Cree, Inc
PXAC241002FC CREE-PXAC241002FC Datasheet
279Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 100 W, 28 V, 2300 ??2400 MHz
logo
WOLFSPEED, INC.
PTAC240502FC_V1 WOLFSPEED-PTAC240502FC_V1 Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 28 V, 2300 – 2400 MHz
Rev. 05, 2023-06-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com