Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD2200GUL-E2 Datasheet(PDF) 6 Page - Rohm

Part # BD2200GUL-E2
Description  0.5A, 1.0A Load Switch ICs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2200GUL-E2 Datasheet(HTML) 6 Page - Rohm

Back Button BD2200GUL-E2 Datasheet HTML 2Page - Rohm BD2200GUL-E2 Datasheet HTML 3Page - Rohm BD2200GUL-E2 Datasheet HTML 4Page - Rohm BD2200GUL-E2 Datasheet HTML 5Page - Rohm BD2200GUL-E2 Datasheet HTML 6Page - Rohm BD2200GUL-E2 Datasheet HTML 7Page - Rohm BD2200GUL-E2 Datasheet HTML 8Page - Rohm BD2200GUL-E2 Datasheet HTML 9Page - Rohm BD2200GUL-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
BD2200GUL
BD2201GUL
Datasheet
Typical Performance Curves - continued
0.0
0.5
1.0
1.5
2.0
2
3
4
5
6
SUPPLY VOLTAGE : VIN [V]
Ta=25°C
Figure 5. EN Input Voltage vs Supply Voltage
Supply Voltage : VIN[V]
0.0
0.5
1.0
1.5
2.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta [°C]
VIN=3.3V
Figure 6. EN Input Voltage vs Ambient Temperature
Ambient Temperature : Ta[°C]
0
50
100
150
200
2
3
4
5
6
SUPPLY VOLTAGE : VIN [V]
Ta=25°C
ILO=100mA
Figure 7. ON-Resistance vs Supply Voltage
Supply Voltage : VIN[V]
0
50
100
150
200
-50
0
50
100
AMBIENT TEMPERATURE : Ta [°C]
VIN=3.3V
ILO=100mA
Figure 8. ON-Resistance vs Ambient Temperature
Ambient Temperature : Ta[°C]
6/18
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300170-1-2
21.Aug.2014 Rev.002


Similar Part No. - BD2200GUL-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
BD2200GUL ROHM-BD2200GUL Datasheet
383Kb / 10P
   Load Switch ICs for Portable Equipment
BD2200GUL ROHM-BD2200GUL_11 Datasheet
383Kb / 10P
   Load Switch ICs for Portable Equipment
More results

Similar Description - BD2200GUL-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6524HFV ROHM-BD6524HFV_14 Datasheet
821Kb / 21P
   0.5A Current Load Switch ICs
BD6528HFV ROHM-BD6528HFV_14 Datasheet
1Mb / 26P
   0.5A Current Load Switch ICs
BD2202G ROHM-BD2202G_14 Datasheet
917Kb / 26P
   0.2A, 0.5A Current Load Switch ICs
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
BD2045AFJ ROHM-BD2045AFJ_14 Datasheet
1Mb / 26P
   0.5A Current Limit High Side Switch ICs
BD2202G-LB ROHM-BD2202G-LB Datasheet
542Kb / 25P
   Load Switch ICs for Portable Equipment
BD2202G ROHM-BD2202G_11 Datasheet
469Kb / 13P
   Load Switch ICs for Portable Equipment
BD2200GUL ROHM-BD2200GUL_11 Datasheet
383Kb / 10P
   Load Switch ICs for Portable Equipment
BD6528HFV ROHM-BD6528HFV_11 Datasheet
316Kb / 12P
   Load Switch ICs for Portable Equipment
BD2240G ROHM-BD2240G_14 Datasheet
1,006Kb / 27P
   1.0A Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com