Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD2062FJ-E2 Datasheet(PDF) 2 Page - Rohm

Part # BD2062FJ-E2
Description  2.4A Current Limit High Side Switch ICs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2062FJ-E2 Datasheet(HTML) 2 Page - Rohm

  BD2062FJ-E2 Datasheet HTML 1Page - Rohm BD2062FJ-E2 Datasheet HTML 2Page - Rohm BD2062FJ-E2 Datasheet HTML 3Page - Rohm BD2062FJ-E2 Datasheet HTML 4Page - Rohm BD2062FJ-E2 Datasheet HTML 5Page - Rohm BD2062FJ-E2 Datasheet HTML 6Page - Rohm BD2062FJ-E2 Datasheet HTML 7Page - Rohm BD2062FJ-E2 Datasheet HTML 8Page - Rohm BD2062FJ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
BD2062FJ
BD2066FJ
Datasheet
Block Diagram
Gate
Logic1
OCD1
Charge
Pump1
TSD1
UVLO
Charge
Pump2
OCD2
Gate
Logic2
TSD2
/EN1
EN1
IN
/EN2
EN2
GND
/OC1
OUT1
OUT2
/OC2
Delay
Delay
Pin Configurations
Pin Description
Pin No.
Symbol
I / O
Pin Function
1
GND
-
Ground.
2
IN
-
Power supply input.
Input terminal to the switch and power supply input terminal of the
internal circuit.
3, 4
EN, /EN
I
Enable input.
/EN: Switch on at low level. (BD2062FJ)
EN: Switch on at high level. (BD2066FJ)
High level input > 2.0V, low level input < 0.8V.
5, 8
/OC
O
Error flag output.
Low at over-current, thermal shutdown.
Open drain output.
6, 7
OUT
O
Switch output.
BD2062FJ
TOP VIEW
1
2
8
7
GND
IN
/OC1
OUT1
3 /EN1
4
6
5
OUT2
/OC2
/EN2
BD2066FJ
TOP VIEW
1
2
8
7
GND
IN
/OC1
OUT1
3 EN1
4
6
5
OUT2
/OC2
EN2
2/22
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300160-1-2
21.Aug.2014 Rev.003


Similar Part No. - BD2062FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2062FJ-LB ROHM-BD2062FJ-LB Datasheet
535Kb / 25P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2062FJ-LBE2 ROHM-BD2062FJ-LBE2 Datasheet
535Kb / 25P
   2ch High Side Switch ICs for USB Devices and Memory Cards
More results

Similar Description - BD2062FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD82061FVJ-LB ROHM-BD82061FVJ-LB Datasheet
529Kb / 25P
   2.4A Current Limit High Side Switch ICs
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
BD2224G ROHM-BD2224G_14 Datasheet
1,013Kb / 26P
   0.75A Current Limit High Side Switch ICs
BD2240G ROHM-BD2240G_14 Datasheet
1,006Kb / 27P
   1.0A Current Limit High Side Switch ICs
BD82000FVJ-LB ROHM-BD82000FVJ-LB Datasheet
532Kb / 26P
   1.5A Current Limit High Side Switch ICs
BD82046FVJ ROHM-BD82046FVJ Datasheet
998Kb / 24P
   3.2A Current Limit High Side Switch ICs
26.MAY.2014 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com