Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTRA093302FCV1R0XTMA1 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # PTRA093302FCV1R0XTMA1
Description  Thermally-Enhanced High Power RF LDMOS FET 330 W, 50 V, 746 ??768 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTRA093302FCV1R0XTMA1 Datasheet(HTML) 1 Page - Infineon Technologies AG

  PTRA093302FCV1R0XTMA1 Datasheet HTML 1Page - Infineon Technologies AG PTRA093302FCV1R0XTMA1 Datasheet HTML 2Page - Infineon Technologies AG PTRA093302FCV1R0XTMA1 Datasheet HTML 3Page - Infineon Technologies AG PTRA093302FCV1R0XTMA1 Datasheet HTML 4Page - Infineon Technologies AG PTRA093302FCV1R0XTMA1 Datasheet HTML 5Page - Infineon Technologies AG PTRA093302FCV1R0XTMA1 Datasheet HTML 6Page - Infineon Technologies AG PTRA093302FCV1R0XTMA1 Datasheet HTML 7Page - Infineon Technologies AG PTRA093302FCV1R0XTMA1 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
Data Sheet
1 of 8
Rev. 03, 2016-03-16
PTRA093302FC
Confidential, Limited Internal Distribution
PTRA093302FC
Package H-37248-4
Thermally-Enhanced High Power RF LDMOS FET
330 W, 50 V, 746 – 768 MHz
Features
Input matched
Asymmetric Doherty design
- Main: P1dB = 150 W Typ
- Peak: P1dB = 175 W Typ
Typical Pulsed CW performance, 746–768 MHz,
48 V, combined outputs
- Output power at P1dB = 200 W
- Efficiency = 54%
- Gain = 16.5 dB
Capable of handling 10:1 VSWR @48 V, 79 W (CW)
output power
Integrated ESD protection
Human Body Model Class 1C (per ANSI/ESDA/
JEDEC JS-001)
Low thermal resistance
Pb-free and RoHS-compliant
Description
The PTRA093302FC is a 330-watt LDMOS FET with an asym-
metric design intended for use in multi-standard cellular power
amplifier applications in the 746 MHz to 768 MHz frequency band.
Features include dual-path design, input matching, high gain and
thermally-enhanced package with earless flange. Manufactured
with Infineon's advanced LDMOS process, this device provides
excellent thermal performance and superior reliability.
RF Characteristics
Single-carrier WCDMA Specifications (tested in Infineon Doherty production test fixture)
VDD = 48 V, IDQ = 400 mA, POUT = 79 W avg, VGS(peak) = (VGS @IDQ = 400 mA) – 3.0 V, ƒ = 768 MHz. 3GPP WCDMA signal:
peak/average = 10 dB @ 0.01% CCDF, channel bandwidth = 3.84 MHz.
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
16.0
17.25
dB
Drain Efficiency
D
47.0
51.6
%
Adjacent Channel Power Ratio
ACPR
–32.5
–30.0
dBc
-60
-40
-20
0
20
40
60
0
4
8
12
16
20
24
25
30
35
40
45
50
55
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
V
DD = 48 V, IDQ = 400 mA, ƒ = 768 MHz,
3GPP WCDMA signal,
PAR = 10 dB, 3.84 MHz BW
Gain
Efficiency
PAR @ 0.01% CCDF
ptra093302dc_g1


Similar Part No. - PTRA093302FCV1R0XTMA1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTRA093302FC CREE-PTRA093302FC Datasheet
482Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 330 W, 50 V, 746 ??768 MHz
More results

Similar Description - PTRA093302FCV1R0XTMA1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTRA093302FC CREE-PTRA093302FC Datasheet
482Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 330 W, 50 V, 746 ??768 MHz
PTFB072707FH CREE-PTFB072707FH Datasheet
699Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 270 W, 28 V, 728 ??768 MHz
PXAC203302FV CREE-PXAC203302FV Datasheet
436Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 330 W, 28 V, 1880 - 2025 MHz
logo
Infineon Technologies A...
PXAC203302FV INFINEON-PXAC203302FV_16 Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 330 W, 28 V, 1880 ??2025 MHz
Rev. 02.1, 2016-06-22
logo
Cree, Inc
PTVA082407NF CREE-PTVA082407NF Datasheet
639Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 ??821 MHz
PTVA120501EA CREE-PTVA120501EA Datasheet
683Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 ??1400 MHz
logo
Infineon Technologies A...
PTVA082407NF INFINEON-PTVA082407NF Datasheet
453Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 ??821 MHz
Rev. 02.5, 2017-07-18
PTVA120501EA INFINEON-PTVA120501EA Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 ??1400 MHz
Rev. 02.1, 2016-05-26
logo
WOLFSPEED, INC.
PTVA120501EA WOLFSPEED-PTVA120501EA Datasheet
695Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 – 1400 MHz
Rev. 04, 2023-07-10
logo
Cree, Inc
PTRA094252FC CREE-PTRA094252FC Datasheet
497Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 208 W, 48 V, 746 ??960 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com