Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFC270101M Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # PTFC270101M
Description  High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 ??2700 MHz
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFC270101M Datasheet(HTML) 2 Page - Infineon Technologies AG

  PTFC270101M Datasheet HTML 1Page - Infineon Technologies AG PTFC270101M Datasheet HTML 2Page - Infineon Technologies AG PTFC270101M Datasheet HTML 3Page - Infineon Technologies AG PTFC270101M Datasheet HTML 4Page - Infineon Technologies AG PTFC270101M Datasheet HTML 5Page - Infineon Technologies AG PTFC270101M Datasheet HTML 6Page - Infineon Technologies AG PTFC270101M Datasheet HTML 7Page - Infineon Technologies AG PTFC270101M Datasheet HTML 8Page - Infineon Technologies AG PTFC270101M Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
PTFC270101M
Data Sheet
2 of 22
Rev. 04.1, 2016-07-26
DC Characteristics
Characteristic
Conditions
Symbol
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VGS = 0 V, IDS = 10 mA
V(BR)DSS
65
V
Drain Leakage Current
VDS = 28 V, VGS = 0 V
IDSS
1
µA
VDS = 63 V, VGS = 0 V
IDSS
10
µA
Gate Leakage Current
VGS = 10 V, VDS = 0 V
IGSS
1
µA
On-State Resistance
VGS = 10 V, VDS = 0.1 V
RDS(on)
1

Operating Gate Voltage
VDS = 28 V, IDQ = 120 mA
VGS
2.2
2.7
3.2
V
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDSS
65
V
Gate-Source Voltage
VGS
–6 to +10
V
Operating Voltage
VDD
0 to +32
V
Junction Temperature
TJ
225
°C
Storage Temperature Range
TSTG
–65 to +150
°C
Thermal Resistance (TCASE = 70°C, 12 W CW)
R
JC
4.04
°C/W
Moisture Sensitivity Level
Level
Test Standard
Package Temperature
Unit
3
IPC/JEDEC J-STD-020
260
°C
ESD Ratings
Test Type
Rated Class
Standard
Human Body Model (HBM)
1A
ANSI/ESDA/JEDEC JS-001
Charge Device Model (CDM)

JESD 22-C101
Ordering Information
Type
Order Code
Package and Description
Shipping
PTFC270101M V1 R1K
PTFC270101MV1R1KXUMA1
PG-SON-10, molded plastic, SMD
Tape & Reel, 1000 pcs


Similar Part No. - PTFC270101M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFC270101M INFINEON-PTFC270101M Datasheet
409Kb / 21P
   High Power RF LDMOS Field Effect Transistor
Rev. 04, 2015-04-01
logo
Cree, Inc
PTFC270101M CREE-PTFC270101M Datasheet
970Kb / 22P
   High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 ??2700 MHz
logo
WOLFSPEED, INC.
PTFC270101M WOLFSPEED-PTFC270101M Datasheet
933Kb / 22P
   High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 – 2700 MHz
Rev. 07, 2023-06-28
PTFC270101M-V1-R1K WOLFSPEED-PTFC270101M-V1-R1K Datasheet
933Kb / 22P
   High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 – 2700 MHz
Rev. 07, 2023-06-28
logo
Infineon Technologies A...
PTFC270101M INFINEON-PTFC270101M_15 Datasheet
409Kb / 21P
   High Power RF LDMOS Field Effect Transistor
Rev. 04, 2015-04-01
More results

Similar Description - PTFC270101M

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTFC270101M CREE-PTFC270101M Datasheet
970Kb / 22P
   High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 ??2700 MHz
logo
WOLFSPEED, INC.
PTFC270101M WOLFSPEED-PTFC270101M Datasheet
933Kb / 22P
   High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 – 2700 MHz
Rev. 07, 2023-06-28
logo
Cree, Inc
PTFC270051M CREE-PTFC270051M Datasheet
745Kb / 14P
   High Power RF LDMOS Field Effect Transistor 5 W, 28 V, 900 ??2700 MHz
logo
Infineon Technologies A...
PTFC270051M INFINEON-PTFC270051M Datasheet
293Kb / 14P
   High Power RF LDMOS Field Effect Transistor 5 W, 28 V, 900 ??2700 MHz
Rev. 01.1, 2016-07-26
PXAC243502FV INFINEON-PXAC243502FV_16 Datasheet
1Mb / 10P
   High Power RF LDMOS Field Effect Transistor 350 W, 28 V, 2300 ??2400 MHz
Rev. 03.2, 2016-06-22
PTFA220121M INFINEON-PTFA220121M_15 Datasheet
381Kb / 21P
   High Power RF LDMOS Field Effect Transistor 12 W, 28 V, 700 ??2200 MHz
Rev. 10, 2015-10-23
logo
Cree, Inc
PTFA220121M CREE-PTFA220121M Datasheet
955Kb / 21P
   High Power RF LDMOS Field Effect Transistor 12 W, 28 V, 700 ??2200 MHz
logo
Infineon Technologies A...
PTFA220041M INFINEON-PTFA220041M_16 Datasheet
331Kb / 18P
   High Power RF LDMOS Field Effect Transistor 4 W, 28 V, 700 ??2200 MHz
Rev. 10.1, 2016-06-01
logo
Cree, Inc
PXAC243502FV CREE-PXAC243502FV Datasheet
543Kb / 10P
   High Power RF LDMOS Field Effect Transistor 350 W, 28 V, 2300 ??2400 MHz
PTFB201402FC CREE-PTFB201402FC Datasheet
595Kb / 14P
   High Power RF LDMOS Field Effect Transistor 140 W, 28 V, 2010 - 2025 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com