Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTVA042502FCV1R0 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # PTVA042502FCV1R0
Description  Thermally-Enhanced High Power RF LDMOS FET 250 W, 50 V, 470 ??806 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTVA042502FCV1R0 Datasheet(HTML) 4 Page - Infineon Technologies AG

  PTVA042502FCV1R0 Datasheet HTML 1Page - Infineon Technologies AG PTVA042502FCV1R0 Datasheet HTML 2Page - Infineon Technologies AG PTVA042502FCV1R0 Datasheet HTML 3Page - Infineon Technologies AG PTVA042502FCV1R0 Datasheet HTML 4Page - Infineon Technologies AG PTVA042502FCV1R0 Datasheet HTML 5Page - Infineon Technologies AG PTVA042502FCV1R0 Datasheet HTML 6Page - Infineon Technologies AG PTVA042502FCV1R0 Datasheet HTML 7Page - Infineon Technologies AG PTVA042502FCV1R0 Datasheet HTML 8Page - Infineon Technologies AG PTVA042502FCV1R0 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PTVA042502EC
PTVA042502FC
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
Data Sheet
4 of 10
Rev. 03.1, 2016-04-19
Load Pull Performance
Pulsed CW signal: 16 µs, 10% duty cycle, 50 V, 100 mA
P1dB
Max Output Power
Max PAE
Freq
[MHz]
Zs
[
W]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
PAE
[%]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
PAE
[%]
500
0.9 – j1.4
2.9 + j0.8
22.4
54.05
254
71.2
2.5 + j4.5
24.6
50.59
115
79.5
600
0.7 – j2.0
2.2 + j0.8
21.1
52.15
164
61.8
2.2 + j3.6
23.4
49.27
85
76.3
700
1.4 – j2.8
2.1 + j0.8
20.5
52.64
184
59.6
1.9 + j3.4
22.9
49.97
99
75.3
859
3.7 – j4.9
2.0 + j0.2
19.1
52.38
173
62.2
1.8 + j1.9
21.2
50.44
111
74.1
Pulsed CW signal: 16 µs, 10% duty cycle, 50 V, 100 mA
P3dB
Max Output Power
Max PAE
Freq
[MHz]
Zs
[
W]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
PAE
[%]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
PAE
[%]
500
0.9 – j1.4
2.9 + j0.6
20.3
54.58
287
74.1
2.6 + j4.1
22.4
51.49
141
80.0
600
0.7 – j2.0
2.3 + j0.7
19.0
52.77
189
62.2
2.3 + j3.2
21.1
50.39
109
76.9
700
1.4 – j2.8
2.2 + j0.7
18.4
53.34
216
60.2
1.8 + j3.2
20.7
50.60
115
75.8
859
3.7 – j4.5
2.0 + j0.1
17.0
53.11
205
63.9
1.8 + j1.8
19.1
51.08
128
73.6


Similar Part No. - PTVA042502FCV1R0

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTVA042502FC CREE-PTVA042502FC Datasheet
560Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 250 W, 50 V, 470 - 806 MHz
More results

Similar Description - PTVA042502FCV1R0

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTVA042502EC CREE-PTVA042502EC Datasheet
560Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 250 W, 50 V, 470 - 806 MHz
PTVA047002EV CREE-PTVA047002EV Datasheet
449Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 700 W, 50 V, 470 ??806 MHz
logo
WOLFSPEED, INC.
PTVA047002EV WOLFSPEED-PTVA047002EV Datasheet
423Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 700 W, 50 V, 470 – 806 MHz
Rev. 05, 2018-08-20
logo
Infineon Technologies A...
PTFA043002E INFINEON-PTFA043002E Datasheet
305Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 300 W, 470 ??860 MHz
Rev. 03.1, 2009-02-20
PTVA043502EC INFINEON-PTVA043502EC Datasheet
1Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 350 W, 50 V, 470 ??860 MHz
Rev. 02.2, 2017-02-09
logo
Cree, Inc
PTVA043502EC CREE-PTVA043502EC Datasheet
489Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 350 W, 50 V, 470 - 860 MHz
PTVA120501EA CREE-PTVA120501EA Datasheet
683Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 ??1400 MHz
logo
Infineon Technologies A...
PTVA120501EA INFINEON-PTVA120501EA Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 ??1400 MHz
Rev. 02.1, 2016-05-26
logo
WOLFSPEED, INC.
PTVA120501EA WOLFSPEED-PTVA120501EA Datasheet
695Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 – 1400 MHz
Rev. 04, 2023-07-10
logo
Cree, Inc
PTVA102001EA CREE-PTVA102001EA Datasheet
451Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 ??1600 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com