Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTVA035002EVV1R0 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # PTVA035002EVV1R0
Description  Thermally-Enhanced High Power RF LDMOS FET 500 W, 50 V, 390 ??450 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTVA035002EVV1R0 Datasheet(HTML) 6 Page - Infineon Technologies AG

  PTVA035002EVV1R0 Datasheet HTML 1Page - Infineon Technologies AG PTVA035002EVV1R0 Datasheet HTML 2Page - Infineon Technologies AG PTVA035002EVV1R0 Datasheet HTML 3Page - Infineon Technologies AG PTVA035002EVV1R0 Datasheet HTML 4Page - Infineon Technologies AG PTVA035002EVV1R0 Datasheet HTML 5Page - Infineon Technologies AG PTVA035002EVV1R0 Datasheet HTML 6Page - Infineon Technologies AG PTVA035002EVV1R0 Datasheet HTML 7Page - Infineon Technologies AG PTVA035002EVV1R0 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PTVA035002EV
Data Sheet
6 of 8
Rev. 05.2, 2016-06-08
Reference Circuit (cont.)
Reference Circuit Assembly
DUT
PTVA035002EV
Test Fixture Part No.
LTN/PTVA035002EV
PCB
Rogers TMM10, 1.27 mm [0.050"] thick, 2 oz. copper,
εr = 9.2
Components Information
Component
Description
Suggested Manufacturer
P/N
Input
C101, C102, C104
Capacitor, 300 pF
ATC
ATC100B301KW200X
C103, C108
Capacitor, 20 pF
ATC
ATC100B200KW500X
C105, C106, C801, C802,
C803
Capacitor, 1000 pF
Panasonic Electronic Components
ECJ-1VB1H102K
C107, C109
Capacitor, 6.2 pF
ATC
ATC100B6R2CT500X
R101, R102, R103, R104,
R105, R106, R109, R110,
R111, R112, R113, R114
Resistor, 5.6 W
Panasonic Electronic Components
ERJ-8GEYJ5R6V
R107, R108
Resistor, 1000 W
Panasonic Electronic Components
ERJ-8GEYJ102V
R801
Resistor, 100 W
Panasonic Electronic Components
ERJ-8GEYJ101V
R802
Resistor, 2000 W
Panasonic Electronic Components
ERJ-8GEYJ202V
R803
Resistor, 3600 W
Panasonic Electronic Components
ERJ-8GEYJ362V
R804
Resistor, 1300 W
Panasonic Electronic Components
ERJ-3GEYJ132V
R805
Resistor, 1200 W
Panasonic Electronic Components
ERJ-3GEYJ122V
R806
Resistor, 2400 W
Panasonic Electronic Components
ERJ-8GEYJ242V
R807
Resistor, 6200 W
Panasonic Electronic Components
ERJ-8GEYJ622V
S1
Transistor
Infineon Technologies
BCP56
S2
Voltage regulator
Texas Instruments
LM7805
S3
Potentiometer
Bourns Inc.
3224W-1-202E
Output
C201, C206, C209
Capacitor, 300 pF
ATC
ATC100B301KW200X
C202
Capacitor, 3 pF
ATC
ATC100B3R0CW500X
C203, C204
Capacitor, 4.3 pF
ATC
ATC100B4R3CW500X
C205, C211
Capacitor, 100 µF
United Chemi-Con
EMVE101ARA101MKE0S
C207, C212
Capacitor, 10 µF
TDK Corporation
C5750X7S2A106M230KB
C208, C210
Capacitor, 2.2 µF
TDK Corporation
C4532X7R2A225K230KA
S1, S2
Inductor, 17.5 nH
Coilcraft
B06TGLB


Similar Part No. - PTVA035002EVV1R0

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTVA035002EV CREE-PTVA035002EV Datasheet
462Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 500 W, 50 V, 390 ??450 MHz
More results

Similar Description - PTVA035002EVV1R0

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTVA035002EV CREE-PTVA035002EV Datasheet
462Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 500 W, 50 V, 390 ??450 MHz
PTVA030121EA CREE-PTVA030121EA Datasheet
423Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 390 ??450 MHz
logo
Infineon Technologies A...
PTVA030121EA INFINEON-PTVA030121EA Datasheet
874Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 390 ??450 MHz
Rev. 05.1, 2016-04-19
logo
WOLFSPEED, INC.
PTVA030121EA WOLFSPEED-PTVA030121EA Datasheet
394Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 390 – 450 MHz
Rev. 06, 2018-06-13
logo
Cree, Inc
PTVA104501EH CREE-PTVA104501EH Datasheet
430Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 ??1215 MHz
logo
Infineon Technologies A...
PTVA104501EH INFINEON-PTVA104501EH_16 Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 ??1215 MHz
Rev. 02.1, 2016-04-19
logo
WOLFSPEED, INC.
PTVA104501EH WOLFSPEED-PTVA104501EH Datasheet
540Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 – 1215 MHz
Rev. 04, 2023-07-10
logo
Infineon Technologies A...
PTVA120121M INFINEON-PTVA120121M Datasheet
414Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 500 ??1400 MHz
Rev. 02.1, 2017-02-03
PTVA120251EA INFINEON-PTVA120251EA_16 Datasheet
1Mb / 14P
   Thermally-Enhanced High Power RF LDMOS FET 25 W, 50 V, 500 ??1400 MHz
Rev. 04.2, 2016-04-19
logo
Cree, Inc
PTVA120121M CREE-PTVA120121M Datasheet
530Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 500 ??1400 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com