Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXAC201202FC Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # PXAC201202FC
Description  Thermally-Enhanced High Power RF LDMOS FET 120 W, 28 V, 1800 ??2200 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PXAC201202FC Datasheet(HTML) 2 Page - Infineon Technologies AG

  PXAC201202FC Datasheet HTML 1Page - Infineon Technologies AG PXAC201202FC Datasheet HTML 2Page - Infineon Technologies AG PXAC201202FC Datasheet HTML 3Page - Infineon Technologies AG PXAC201202FC Datasheet HTML 4Page - Infineon Technologies AG PXAC201202FC Datasheet HTML 5Page - Infineon Technologies AG PXAC201202FC Datasheet HTML 6Page - Infineon Technologies AG PXAC201202FC Datasheet HTML 7Page - Infineon Technologies AG PXAC201202FC Datasheet HTML 8Page - Infineon Technologies AG PXAC201202FC Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PXAC201202FC
Data Sheet
2 of 10
Rev. 05.1, 2016-06-22
DC Characteristics
Characteristic
Conditions
Symbol
Min
Typ
Max
Unit
Drain-source Breakdown Voltage
VGS = 0 V, IDS = 10 mA
V(BR)DSS
65
V
Drain Leakage Current
VDS = 28 V, VGS = 0 V
IDSS
1.0
µA
VDS = 63 V, VGS = 0 V
IDSS
10.0
µA
Gate Leakage Current
VGS = 10 V, VDS = 0 V
IGSS
1.0
µA
On-state Resistance
(main)
VGS = 10 V, VDS = 0.1 V
RDS(on)
0.3
W
(peak)
VGS = 10 V, VDS = 0.1 V
RDS(on)
0.16
W
Operating Gate Voltage
(main)
VDS = 28 V, IDQ = 242 mA
VGS
2.5
2.69
2.8
V
(peak)
VDS = 28 V, IDQ = 0 A
VGS
0.5
0.7
1.6
V
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-source Voltage
VDSS
65
V
Gate-source Voltage
VGS
–6 to +10
V
Operating Voltage
VDD
0 to +32
V
Junction Temperature
TJ
225
°C
Storage Temperature Range
TSTG
–65 to +150
°C
Thermal Resistance (TCASE = 70°C, 100 W CW)
RqJC
0.7
°C/W
Ordering Information
Type and Version
Order Code
Package and Description
Shipping
PXAC201202FC V2 R0
PXAC201202FCV2R0XTMA1
H-37248-4, ceramic open-cavity, earless
Tape & Reel, 50 pcs
PXAC201202FC V2 R250
PXAC201202FCV2R250XTMA1
H-37248-4, ceramic open-cavity, earless
Tape & Reel, 250 pcs
RF Specifications, 2140 MHz
One-carrier WCDMA Characteristics (not subject to production test—verified by design/characterization in Infineon
Doherty test fixture)
VDD = 28 V, VGS(peak) = 1.2 V, IDQ = 240 mA, POUT = 16 W average, ƒ = 2140 MHz. 3GPP WCDMA signal: 3.84 MHz band-
width, 10 dB PAR @0.01% CCDF.
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
16.0
16.5
dB
Drain Efficiency
hD
39
42
%
Adjacent Channel Power Ratio
ACPR
–29
–27
dBc


Similar Part No. - PXAC201202FC

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PXAC201202FC CREE-PXAC201202FC Datasheet
590Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 120 W, 28 V, 1800 - 2200 MHz
More results

Similar Description - PXAC201202FC

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PXAC201202FC CREE-PXAC201202FC Datasheet
590Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 120 W, 28 V, 1800 - 2200 MHz
logo
Infineon Technologies A...
PTFC210202FC INFINEON-PTFC210202FC_16 Datasheet
655Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 ??2200 MHz
Rev. 03.4, 2016-06-22
logo
Cree, Inc
PTFC210202FC CREE-PTFC210202FC Datasheet
700Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 - 2200 MHz
logo
WOLFSPEED, INC.
PTFC210202FC-V1 WOLFSPEED-PTFC210202FC-V1 Datasheet
828Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 – 2200 MHz
Rev. 06, 2023-06-28
logo
Cree, Inc
PXAC213308FV CREE-PXAC213308FV Datasheet
518Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 320 W, 28 V, 2110 ??2200 MHz
logo
Infineon Technologies A...
PXAC213308FV INFINEON-PXAC213308FV Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 320 W, 28 V, 2110 ??2200 MHz
Rev. 02, 2016-05-04
PXAC261212FC INFINEON-PXAC261212FC_16 Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 120 W, 28 V, 2496 ??2690 MHz
Rev. 02.2, 2016-06-22
logo
Cree, Inc
PXAC261212FC CREE-PXAC261212FC Datasheet
557Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 120 W, 28 V, 2496 ??2690 MHz
logo
WOLFSPEED, INC.
PXAE213708NB WOLFSPEED-PXAE213708NB Datasheet
707Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 400 W, 48 V, 2110 – 2200 MHz
Rev. 04, 2022-12-20
logo
Cree, Inc
PTFB091802FC CREE-PTFB091802FC Datasheet
538Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 920 ??960 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com