Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXAC203302FVV1R250 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # PXAC203302FVV1R250
Description  Thermally-Enhanced High Power RF LDMOS FET 330 W, 28 V, 1880 ??2025 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PXAC203302FVV1R250 Datasheet(HTML) 5 Page - Infineon Technologies AG

  PXAC203302FVV1R250 Datasheet HTML 1Page - Infineon Technologies AG PXAC203302FVV1R250 Datasheet HTML 2Page - Infineon Technologies AG PXAC203302FVV1R250 Datasheet HTML 3Page - Infineon Technologies AG PXAC203302FVV1R250 Datasheet HTML 4Page - Infineon Technologies AG PXAC203302FVV1R250 Datasheet HTML 5Page - Infineon Technologies AG PXAC203302FVV1R250 Datasheet HTML 6Page - Infineon Technologies AG PXAC203302FVV1R250 Datasheet HTML 7Page - Infineon Technologies AG PXAC203302FVV1R250 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PXAC203302FV
Data Sheet
5 of 8
Rev. 02.1, 2016-06-22
Reference Circuit , 1880 – 2025 MHz
Reference circuit assembly diagram (not to scale)
C212
C206
C203
C201
C214
C209
C213
C204
C208
C205
C210
C207
C202
R101
C109
R103
C106
C103
C111
C101
R102
C102
C110
C105
C104
C108
C107
C112
PXAC203302FV_IN_01
RF_IN
RF_OUT
VDD
VGS
VDD
p x a c 2 0 3 3 0 2 f v _ C D _ 0 6 - 0 9 - 2 0 1 5
RO4350, .020 MIL
(61)
PXAC203302FV_OUT_01
RO4350, .020 MIL
(61)
U1
C215
C211
VGSPK


Similar Part No. - PXAC203302FVV1R250

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXAC203302FV INFINEON-PXAC203302FV Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2015-06-09
logo
Cree, Inc
PXAC203302FV CREE-PXAC203302FV Datasheet
436Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 330 W, 28 V, 1880 - 2025 MHz
logo
Infineon Technologies A...
PXAC203302FV INFINEON-PXAC203302FV_15 Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2015-06-09
More results

Similar Description - PXAC203302FVV1R250

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PXAC203302FV CREE-PXAC203302FV Datasheet
436Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 330 W, 28 V, 1880 - 2025 MHz
logo
Infineon Technologies A...
PXAC201602FC INFINEON-PXAC201602FC Datasheet
402Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 140 W, 28 V, 1880 ??1920 MHz, 2010 ??2025 MHz
Rev. 04.1, 2016-07-19
logo
Cree, Inc
PXAC201602FC CREE-PXAC201602FC Datasheet
529Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 140 W, 28 V, 1880 - 1920 MHz, 2010 - 2025 MHz
logo
Infineon Technologies A...
PXAD184218FV INFINEON-PXAD184218FV Datasheet
339Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 ??1880 MHz
Rev. 02.1, 2016-12-07
PXAC182002FC INFINEON-PXAC182002FC_16 Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
Rev. 02.3, 2016-06-17
logo
Cree, Inc
PXAE184408NB CREE-PXAE184408NB Datasheet
1Mb / 6P
   Thermally-Enhanced High Power RF LDMOS FET 450 W, 28 V, 1805 ??1880 MHz
PXAC182002FC CREE-PXAC182002FC Datasheet
495Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
PXFE181507FC CREE-PXFE181507FC Datasheet
550Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 175 W, 28 V, 1805 ??1880 MHz
logo
Infineon Technologies A...
PXFC193808SV INFINEON-PXFC193808SV Datasheet
196Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 380 W, 28 V, 1805 ??1880 MHz
Rev. 02.1, 2015-01-13
logo
Cree, Inc
PXAE183708NB CREE-PXAE183708NB Datasheet
486Kb / 6P
   Thermally-Enhanced High Power RF LDMOS FET 430 W, 28 V, 1805 ??1880 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com