Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXAC243502FV Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # PXAC243502FV
Description  High Power RF LDMOS Field Effect Transistor 350 W, 28 V, 2300 ??2400 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PXAC243502FV Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button PXAC243502FV_16 Datasheet HTML 2Page - Infineon Technologies AG PXAC243502FV_16 Datasheet HTML 3Page - Infineon Technologies AG PXAC243502FV_16 Datasheet HTML 4Page - Infineon Technologies AG PXAC243502FV_16 Datasheet HTML 5Page - Infineon Technologies AG PXAC243502FV_16 Datasheet HTML 6Page - Infineon Technologies AG PXAC243502FV_16 Datasheet HTML 7Page - Infineon Technologies AG PXAC243502FV_16 Datasheet HTML 8Page - Infineon Technologies AG PXAC243502FV_16 Datasheet HTML 9Page - Infineon Technologies AG PXAC243502FV_16 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
We Listen to Your Comments
Any information within this document that you feel is wrong, unclear or missing at all?
Your feedback will help us to continuously improve the quality of this document.
Please send your proposal (including a reference to this document) to:
(highpowerRF@infineon.com)
To request other information, contact us at:
+1 877 465 3667 (1-877-GO-LDMOS) USA
or +1 408 776 0600 International
Data Sheet
10 of 10
Rev. 03.2, 2016-06-22
Edition 2016-06-22
Published by
Infineon Technologies AG
85579 Neubiberg, Germany
© 2013 Infineon Technologies AG
All Rights Reserved.
Legal Disclaimer
The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics.
With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the
application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind,
including without limitation, warranties of non-infringement of intellectual property rights of any third party.
Information
For further information on technology, delivery terms and conditions and prices, please contact the nearest
Infineon Technologies Office (
www.infineon.com/rfpower).
Warnings
Due to technical requirements, components may contain dangerous substances. For information on the types in question,
please contact the nearest Infineon Technologies Office.
Infineon Technologies components may be used in life-support devices or systems only with the express written approval of
Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support
device or system or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended
to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. If they fail, it is
reasonable to assume that the health of the user or other persons may be endangered.
PXAC243502FV V1
Revision History
Revision Date
Data Sheet
Page
Subjects (major changes at each revision)
01
2013-03-05
Advance
all
Proposed specification for new product development.
02
2014-12-24
Producton
all
Includes released-product specifications, including performance graphs and load
pull data.
03
2015-01-16
Production
6 – 8
Include reference circuit information.
03.1
2015-04-13
Production
1, 2
Update RF and DC tables. Removed 1C WCDMA performance from Features, added HBM
rating. Updated ordering table.
03.2
2016-06-22
Production
2
Updated ordering information


Similar Part No. - PXAC243502FV_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXAC243502FV INFINEON-PXAC243502FV_15 Datasheet
1Mb / 10P
   High Power RF LDMOS Field Effect Transistor
Rev. 03.1, 2015-04-13
More results

Similar Description - PXAC243502FV_16

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PXAC243502FV CREE-PXAC243502FV Datasheet
543Kb / 10P
   High Power RF LDMOS Field Effect Transistor 350 W, 28 V, 2300 ??2400 MHz
logo
Infineon Technologies A...
PTFB241402F INFINEON-PTFB241402F Datasheet
556Kb / 13P
   High Power RF LDMOS Field Effect Transistor 140 W, 2300 ??2400 MHz
Rev. 03, 2010-04-19
PTFB241402F INFINEON-PTFB241402F_16 Datasheet
810Kb / 13P
   High Power RF LDMOS Field Effect Transistor 140 W, 2300 ??2400 MHz
Rev. 04.1, 2016-06-15
PTAC240502FC INFINEON-PTAC240502FC_16 Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 28 V, 2300 ??2400 MHz
Rev. 02.3, 2016-06-21
logo
Cree, Inc
PXAC241702FC CREE-PXAC241702FC Datasheet
577Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2300 ??2400 MHz
PTAC240502FC CREE-PTAC240502FC Datasheet
606Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 28 V, 2300 ??2400 MHz
logo
Infineon Technologies A...
PXAC241702FC INFINEON-PXAC241702FC Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2300 ??2400 MHz
Rev. 02.1, 2016-06-22
logo
Cree, Inc
PXAC241002FC CREE-PXAC241002FC Datasheet
279Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 100 W, 28 V, 2300 ??2400 MHz
logo
WOLFSPEED, INC.
PTAC240502FC_V1 WOLFSPEED-PTAC240502FC_V1 Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 28 V, 2300 – 2400 MHz
Rev. 05, 2023-06-28
logo
Cree, Inc
PTFC270051M CREE-PTFC270051M Datasheet
745Kb / 14P
   High Power RF LDMOS Field Effect Transistor 5 W, 28 V, 900 ??2700 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com