Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT51AQ-R Datasheet(PDF) 3 Page - Future Technology Devices International Ltd.

Part # FT51AQ-R
Description  Supports DMA operation
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT51AQ-R Datasheet(HTML) 3 Page - Future Technology Devices International Ltd.

  FT51AQ-R Datasheet HTML 1Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 2Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 3Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 4Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
Copyright © Future Technology Devices International Limited
3
FT51A Advanced MCU with 8051 Compatible Core IC Datasheet
Version 1.5
Doc ument N o.: FT _000877
C learance N o.: FT DI#420
Table of Contents
1 Typical Applications...................................................... 2
1.1 Part Numbers ......................................................................... 2
1.2 USB Compliant ........................................................................ 2
2 Device Pin Out and Signal Description ........................... 5
2.1 Pin Out - 28 pin SSOP............................................................. 5
2.2 Pin Out - 32 pin WQFN ........................................................... 6
2.3 Pin Out - 44-Pin LQFP............................................................. 7
2.4 Pin Out - 48-Pin WQFN ............................................................ 8
2.5 Pin Configuration Description .................................................. 9
3 Functional Description................................................ 11
3.1 Key Features..........................................................................11
3.1.1
Functional Integration ............................................................................. 11
3.1.2
8051 Core ............................................................................................. 11
3.2 Functional Block Descriptions .................................................12
3.2.1
8051 Ports 0 - 3..................................................................................... 12
3.2.2
Timers and Watchdog.............................................................................. 12
3.2.3
PLL Control............................................................................................ 13
3.2.4
16KB Multi-Time Programmable (MTP) memory ........................................... 13
3.2.5
8KB Data RAM ....................................................................................... 13
3.2.6
16KB Shadow RAM ................................................................................. 13
3.2.7
Special Function Register ......................................................................... 13
3.2.8
IO Registers .......................................................................................... 13
3.2.9
LDO Regulators ...................................................................................... 13
3.2.10
BCD Detect ........................................................................................... 13
3.2.11
USB XCVR ............................................................................................. 14
3.2.12
IO Multiplexer ........................................................................................ 14
3.2.13
I2C Master............................................................................................. 14
3.2.14
I2C Slave .............................................................................................. 15
3.2.15
SPI Slave .............................................................................................. 15
3.2.16
SPI Master ............................................................................................ 15
3.2.17
Debugger .............................................................................................. 15
3.2.18
245 FIFO .............................................................................................. 16
3.2.19
PWM .................................................................................................... 16
3.2.20
Digital IO pins........................................................................................ 16
3.2.21
Analogue IO pins .................................................................................... 16


Similar Part No. - FT51AQ-R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT51AQ-R FTDI-FT51AQ-R Datasheet
1Mb / 43P
   Advanced Microcontroller with 8051 Compatible Core
More results

Similar Description - FT51AQ-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPCI-6880 ETC2-CPCI-6880 Datasheet
550Kb / 2P
   Supports system/peripheral operation
logo
Xilinx, Inc
DS570 XILINX-DS570 Datasheet
1Mb / 38P
   Supports full-duplex operation
logo
List of Unclassifed Man...
CPCI-3970 ETC2-CPCI-3970 Datasheet
525Kb / 2P
   Supports system/peripheral slot operation
logo
Axiomtek Co., Ltd.
NA-320FL AXIOMTEK-NA-320FL Datasheet
259Kb / 1P
   Supports fanless and noiseless operation
NA-813FL AXIOMTEK-NA-813FL Datasheet
211Kb / 1P
   Supports fanless and noiseless operation
NA813FL AXIOMTEK-NA813FL Datasheet
252Kb / 1P
   Supports fanless and noiseless operation
logo
Maxim Integrated Produc...
MAX2306MAX2308-MAX2309 MAXIM-MAX2306MAX2308-MAX2309 Datasheet
197Kb / 20P
   Supports Dual-Band, Triple-Mode Operation
Rev 3; 8/04
logo
Vishay Siliconix
DG1411E VISHAY-DG1411E Datasheet
347Kb / 14P
   Supports single and dual supply operation
Rev. C, 23-Jan-17
logo
Integrated Silicon Solu...
IS66WVD4M16ALL ISSI-IS66WVD4M16ALL Datasheet
946Kb / 52P
   Single device supports asynchronous and burst operation
IS66WVD1M16ALL ISSI-IS66WVD1M16ALL Datasheet
1Mb / 52P
   Single device supports asynchronous and burst operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com