Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXAC260602FCV1R250XTMA1 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # PXAC260602FCV1R250XTMA1
Description  Thermally-Enhanced High Power RF LDMOS FET 60 W, P3dB @ 28 V, 2620 ??2690 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PXAC260602FCV1R250XTMA1 Datasheet(HTML) 6 Page - Infineon Technologies AG

  PXAC260602FCV1R250XTMA1 Datasheet HTML 1Page - Infineon Technologies AG PXAC260602FCV1R250XTMA1 Datasheet HTML 2Page - Infineon Technologies AG PXAC260602FCV1R250XTMA1 Datasheet HTML 3Page - Infineon Technologies AG PXAC260602FCV1R250XTMA1 Datasheet HTML 4Page - Infineon Technologies AG PXAC260602FCV1R250XTMA1 Datasheet HTML 5Page - Infineon Technologies AG PXAC260602FCV1R250XTMA1 Datasheet HTML 6Page - Infineon Technologies AG PXAC260602FCV1R250XTMA1 Datasheet HTML 7Page - Infineon Technologies AG PXAC260602FCV1R250XTMA1 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Data Sheet
6 of 8
Rev. 02.4, 2016-06-22
PXAC260602FC
Reference Circuit (cont.)
Pinout Diagram (top view)
Lead connections for PXAC260602FC
Pin
Description
D1
Drain device 1 (Peak)
D2
Drain device 2 (Main)
G1
Gate device 1 (Peak)
G2
Gate device 2 (Main)
S
Source (flange)
H-37248-4__do_pd_10-10-2012
S
D1
D2
G1
G2
Main
Peak
Components Information
Component
Description
Suggested Manufacturer
P/N
Input
C101, C103, C106,
C108
Capacitor, 18 pF
ATC
ATC800A180JT250T
C102, C104
Capacitor, 10 µF
Panasonic Electronic Components
EEE-HB1H100AP
C105, C107
Capacitor, 10 µF
Taiyo Yuden
UMK325C7106MM-T
R101, R103
Resistor, 10 W
Panasonic Electronic Components
ERJ-3GEYJ100V
R102
Resistor, 50 W
Anaren
C16A5024
R104
Resistor, 20 W
Panasonic Electronic Components
ERJ-8GEYJ200V
S1
Directional Coupler, 5dB
Anaren
X3C25P1-05S
Output
C201, C202, C204,
C208
Capacitor, 18 pF
ATC
ATC800A180JT250T
C203, C207
Capacitor, 100 µF
Panasonic Electronic Components
EEE-FP1V101AP
C205, C206
Capacitor, 10 µF
Taiyo Yuden
UMK325C7106MM-T
Reference Circuit Assembly
DUT
PXAC260602FC V1
Test Fixture Part No.
LTA/PXAC260602FC V1
PCB
Rogers 4350, 0.508 mm [0.020”] thick, 2 oz. copper,
εr = 3.66, ƒ = 2620 – 2690 MHz
Find Gerber files for this test fixture on the Infineon Web site at http://www.infineon.com/rfpower


Similar Part No. - PXAC260602FCV1R250XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXAC260602FC INFINEON-PXAC260602FC Datasheet
352Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.2, 2014-05-14
logo
Cree, Inc
PXAC260602FC CREE-PXAC260602FC Datasheet
633Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 60 W, P3dB 28 V, 2620 ??2690 MHz
More results

Similar Description - PXAC260602FCV1R250XTMA1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PXAC260602FC CREE-PXAC260602FC Datasheet
633Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 60 W, P3dB 28 V, 2620 ??2690 MHz
PXAE263708NB CREE-PXAE263708NB Datasheet
289Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 400 W (P3dB), 28 V, 2620 ??2690 MHz
logo
WOLFSPEED, INC.
PXAE263708NB WOLFSPEED-PXAE263708NB Datasheet
612Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 400 W (P3dB), 28 V, 2620 – 2690 MHz
Rev. 04, 2023-06-23
logo
Infineon Technologies A...
PTFC261402FC INFINEON-PTFC261402FC Datasheet
231Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 140 W, 28 V, 2620 ??2690 MHz
Rev. 05, 2016-06-21
PTFC262157FH INFINEON-PTFC262157FH Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 28 V, 2620 ??2690 MHz
Rev. 03.1, 2016-06-21
PTFC262808SV INFINEON-PTFC262808SV Datasheet
180Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 280 W, 28 V, 2620 ??2690 MHz
Rev. 02.1, 2013-08-02
logo
Cree, Inc
PTFC262808FV CREE-PTFC262808FV Datasheet
806Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 280 W, 28 V, 2620 ??2690 MHz
PTFC261402FC CREE-PTFC261402FC Datasheet
322Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 140 W, 28 V, 2620 ??2690 MHz
logo
Infineon Technologies A...
PTFC262808FV INFINEON-PTFC262808FV Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 280 W, 28 V, 2620 ??2690 MHz
Rev. 03, 2016-06-22
logo
Cree, Inc
PTFC262157FH CREE-PTFC262157FH Datasheet
616Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 28 V, 2620 ??2690 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com