Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST16C650AIP40 Datasheet(PDF) 9 Page - Exar Corporation

Part # ST16C650AIP40
Description  2.90V TO 5.5V UART WITH 32-BYTE FIFO
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C650AIP40 Datasheet(HTML) 9 Page - Exar Corporation

Back Button ST16C650AIP40 Datasheet HTML 5Page - Exar Corporation ST16C650AIP40 Datasheet HTML 6Page - Exar Corporation ST16C650AIP40 Datasheet HTML 7Page - Exar Corporation ST16C650AIP40 Datasheet HTML 8Page - Exar Corporation ST16C650AIP40 Datasheet HTML 9Page - Exar Corporation ST16C650AIP40 Datasheet HTML 10Page - Exar Corporation ST16C650AIP40 Datasheet HTML 11Page - Exar Corporation ST16C650AIP40 Datasheet HTML 12Page - Exar Corporation ST16C650AIP40 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
áç
áç
áç
áç
ST16C650A
REV. 5.0.0
2.90V TO 5.5V UART WITH 32-BYTE FIFO
9
.
.
FIGURE 4. ST16C650A MOTOROLA BUS INTERCONNECTIONS.
FIGURE 5. ST16C650A PC MODE INTERCONNECTIONS
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
A2
CS #
R/W #
R ESET #
D0
D1
D2
D3
D4
D5
D6
D7
IO R #
IO W #
A0
A1
A2
CS 2 #
R ESET #
VC C
CS 0
CS 1
AS#
IO R
IO W
IN T #
IN T #
RCL K
B A UDO UT #
PC M O D E #
IM #
VC C
GN D
OP 2 #
OP 1 #
DS R#
CT S #
RT S #
DT R#
RX
TX
RI#
CD#
VC C
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
A2
A3
A4
A5
A6
A7
A1 4
A1 5
AEN #
IO W #
IO R #
R ESET
D0
D1
D2
D3
D4
D5
D6
D7
IO W #
A0
A1
A2
R ESET
VC C
CS 0
CS 1
AS#
IO R
IO W
IR Q n
IR Q A
PC M O D E #
IM #
VC C
GN D
IO R #
IR Q B
IR Q C
IR Q 4
IR Q 3
A3
A4
A5
A6
A7
A8
A9
AEN *
OP 1 #
RI#
CD#
DS R#
CT S #
RX
TX
RT S #
DT R#
S1
S2
S3
VC C
GN D
GN D


Similar Part No. - ST16C650AIP40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C650AIJ44 EXAR-ST16C650AIJ44 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650AIJ44 EXAR-ST16C650AIJ44 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650AIQ48 EXAR-ST16C650AIQ48 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650AIQ48 EXAR-ST16C650AIQ48 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
More results

Similar Description - ST16C650AIP40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C650A_0508 EXAR-ST16C650A_0508 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650A EXAR-ST16C650A_09 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
XR16L651 EXAR-XR16L651 Datasheet
632Kb / 56P
   2.25V TO 5.5V UART WITH 32-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com