Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST16C650AIP40 Datasheet(PDF) 8 Page - Exar Corporation

Part # ST16C650AIP40
Description  2.90V TO 5.5V UART WITH 32-BYTE FIFO
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C650AIP40 Datasheet(HTML) 8 Page - Exar Corporation

Back Button ST16C650AIP40 Datasheet HTML 4Page - Exar Corporation ST16C650AIP40 Datasheet HTML 5Page - Exar Corporation ST16C650AIP40 Datasheet HTML 6Page - Exar Corporation ST16C650AIP40 Datasheet HTML 7Page - Exar Corporation ST16C650AIP40 Datasheet HTML 8Page - Exar Corporation ST16C650AIP40 Datasheet HTML 9Page - Exar Corporation ST16C650AIP40 Datasheet HTML 10Page - Exar Corporation ST16C650AIP40 Datasheet HTML 11Page - Exar Corporation ST16C650AIP40 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
ST16C650A
áç
áç
áç
áç
2.90V TO 5.5V UART WITH 32-BYTE FIFO
REV. 5.0.0
8
2.0
FUNCTIONAL DESCRIPTIONS
2.1
Host Data Bus Interface
The host interface is 8 data bits wide with 3 address lines and control signals to execute bus read and write
transactions. The 650A supports 3 type of host interfaces: Intel, Motorola and PC mode. The Intel and
Motorola interfaces provide support for their respective microcontroller or processor. This facilitates the
hardware design and interconnections. The Intel bus interface is selected by connecting IM# to logic 0 and
SEL to logic 1. The Intel bus interconnections are shown in Figure 3. The Motorola bus is selected with the IM#
input connected to logic 1 and SEL input ties to logic 1. The Motorola bus interconnections are shown in
Figure 4. The special PC mode is selected when IM# and SEL are connected to logic 0. The PC mode
interconnections are shown in Figure 5.
T
FIGURE 3. ST16C650A INTEL BUS INTERCONNECTIONS
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
A2
IO R *
IO W *
R ESET
D0
D1
D2
D3
D4
D5
D6
D7
IO R #
IO W #
A0
A1
A2
CS 2 #
R ESET
VC C
CS 0
CS 1
AS#
IO R
IO W
IN T
IN T
RCL K
B A UDO UT #
PC M O D E #
IM #
VC C
GN D
CS #
OP 2 #
OP 1 #
DS R#
CT S #
RT S #
DT R#
RX
TX
RI#
CD#


Similar Part No. - ST16C650AIP40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C650AIJ44 EXAR-ST16C650AIJ44 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650AIJ44 EXAR-ST16C650AIJ44 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650AIQ48 EXAR-ST16C650AIQ48 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650AIQ48 EXAR-ST16C650AIQ48 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
More results

Similar Description - ST16C650AIP40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C650A_0508 EXAR-ST16C650A_0508 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650A EXAR-ST16C650A_09 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
XR16L651 EXAR-XR16L651 Datasheet
632Kb / 56P
   2.25V TO 5.5V UART WITH 32-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com