Electronic Components Datasheet Search |
|
T3111S Datasheet(PDF) 4 Page - Keysight Technologies |
|
T3111S Datasheet(HTML) 4 Page - Keysight Technologies |
4 / 12 page 04 | Keysight | T3100S Series NFC Test Systems - Technical Overview Validated Test Suites Regular software updates ensure that test suites are maintained in alignment with evolving industry standards. Keysight is a member of the NFC Forum and has been recognized by EMVCo as a test tool provider. T3111S NFC Forum test suites have been validated by the NFC Forum. At the date of publishing, EMV Level 1 PICC/Mobile Digital Protocol and EMV Level 1 PCD Digital Protocol test suites have been validated for test spec versions 2.3.1a and 2.5. Virtual Front Panel Available with the T3121S and T3111S systems, the Virtual Front Panel software application provides a powerful and intui- tive graphical user interface for analog RF and digital protocol testing. The Virtual Front Panel can be used as an NFC device emulator or analyzer supporting NFC Forum and ISO standards. While working with the Virtual Panel, different operation modes can be selected. The analog RF Virtual Front Panel displays waveform and envelope traces captured by the T1141A test set. The digital protocol Virtual Front Panel displays logic-level traces and binary protocol decodes captured by the T1141A. In each operating mode, users are able to send message sequences to the device under test to stimulate responses for capture. The Virtual Front Panel enables hands-on interactive testing. The tool also allows users to display waveforms, logic traces, and protocol logs saved when running automated campaigns within the Test Manager. A sniffer function allows the recording of real terminal-card protocol communication exchanges. Curser and zooming functions enable users to perform detailed investigation of captured voltage and logic waveforms. In addition to providing an interactive graphical user interface, the Virtual Front Panel includes a programming API enabling integration with user-developed software and systems. R&D Virtual Front Panel software user interface Waveform type Envelope type Logical type Protocol type Virtual Front Panel display modes: |
Similar Part No. - T3111S |
|
Similar Description - T3111S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |