Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQXS-31 Datasheet(PDF) 2 Page - IQD Frequency Products Ltd

Part # IQXS-31
Description  Spread Spectrum Oscillator Specification
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

IQXS-31 Datasheet(HTML) 2 Page - IQD Frequency Products Ltd

  IQXS-31 Datasheet HTML 1Page - IQD Frequency Products Ltd IQXS-31 Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IQXS-31
Spread Spectrum Oscillator Specification
Ordering Information
Frequency*
Model*
Modulation Ratio*
Output
Frequency Stability*
Operating Temperature Range*
Supply Voltage
(*minimum required)
Example
20.0MHz IQXS-31 ±1%
CMOS ±50ppm -10 to 70C 2.5V
Compliance
Compliant
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
Not Applicable
Packaging Details
Loose in bulk pack
Pack Style: Bulk
Pack Size: 100
Tape & reel in accordance with EIA-481-D
Pack Style: Reel
Pack Size: 1,000
Electrical Specification - maximum limiting values 2.5V ±5%
Frequency
Min
Frequency
Max
Temperature
Range
Stability
(Min)
Current
Draw
Rise and Fall
Time
Duty Cycle
°C
ppm
mA
ns
%
20
10
-10 to 70
1.0MHz
49.999999MHz
±25.0
40/60%
20
10
-40 to 85
±25.0
40/60%
30
5
-10 to 70
50.0MHz
99.999999MHz
±25.0
40/60%
30
5
-40 to 85
±25.0
40/60%
30
4
-10 to 70
100.0MHz
149.999999MHz
±25.0
40/60%
30
4
-40 to 85
±25.0
40/60%
35
3
-10 to 70
150.0MHz
166.0MHz
±25.0
40/60%
35
3
-40 to 85
±25.0
40/60%
This document was correct at the time of printing; please contact your local sales office for the latest version.
Click to view latest version on our website.
Printed on 27 Apr 16 11:28 using Model Data Sheet V1.2550
Page 2 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - IQXS-31

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQXS-30 IQD-IQXS-30 Datasheet
173Kb / 2P
   Spread Spectrum Oscillator Specification
More results

Similar Description - IQXS-31

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CFSS-2 IQD-CFSS-2 Datasheet
214Kb / 3P
   Spread Spectrum Oscillator Specification
IQXS-11 IQD-IQXS-11 Datasheet
172Kb / 2P
   Spread Spectrum Oscillator Specification
IQXS-10 IQD-IQXS-10 Datasheet
170Kb / 2P
   Spread Spectrum Oscillator Specification
IQXS-30 IQD-IQXS-30 Datasheet
173Kb / 2P
   Spread Spectrum Oscillator Specification
CFSS-3 IQD-CFSS-3 Datasheet
170Kb / 2P
   Spread Spectrum Oscillator Specification
logo
ECS, Inc.
ECS-3250SS ECS-ECS-3250SS Datasheet
203Kb / 2P
   SPREAD SPECTRUM OSCILLATOR
logo
List of Unclassifed Man...
SG-9001LB ETC2-SG-9001LB Datasheet
233Kb / 1P
   CRYSTAL OSCILLATOR SPREAD SPECTRUM
logo
auris-GmbH
APSSO7050 AURIS-APSSO7050 Datasheet
376Kb / 2P
   Oscillator SMD, spread spectrum, programmable
logo
SiTime Corp.
SIT9003 SITIME-SIT9003 Datasheet
444Kb / 9P
   Low Power Spread Spectrum Oscillator
logo
Fox Electronics
S7BC FOX-S7BC Datasheet
233Kb / 3P
   7x5mm Spread Spectrum SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com