Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC4000 Datasheet(PDF) 10 Page - Exar Corporation

Part # CLC4000
Description  High Output Current Dual and Quad Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC4000 Datasheet(HTML) 10 Page - Exar Corporation

Back Button CLC4000 Datasheet HTML 6Page - Exar Corporation CLC4000 Datasheet HTML 7Page - Exar Corporation CLC4000 Datasheet HTML 8Page - Exar Corporation CLC4000 Datasheet HTML 9Page - Exar Corporation CLC4000 Datasheet HTML 10Page - Exar Corporation CLC4000 Datasheet HTML 11Page - Exar Corporation CLC4000 Datasheet HTML 12Page - Exar Corporation CLC4000 Datasheet HTML 13Page - Exar Corporation CLC4000 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Data Sheet
©2007-2013 Exar Corporation
10/18
Rev 1D
Typical Performance Characteristics - Continued
TA = 25°C, Vs = 12V, Rf = 510Ω, RL = 100Ω to VS/2, G = 2; unless otherwise noted.
Differential Gain & Phase AC Coupled (VS=5V)
Differential Gain & Phase DC Coupled (VS=5V)
2nd Harmonic Distortion vs. VOUT (VS=5V)
3rd Harmonic Distortion vs. VOUT (VS=5V)
2nd Harmonic Distortion vs. RL (VS=5V)
3rd Harmonic Distortion vs. RL (VS=5V)
-100
-90
-80
-70
-60
-50
-40
-30
-20
0
5
10
15
20
Frequency (MHz)
RL = 25Ω
VOUT = 2Vpp
RL = 1kΩ
RL = 100Ω
-100
-90
-80
-70
-60
-50
-40
-30
-20
0
5
10
15
20
Frequency (MHz)
RL = 25Ω
VOUT = 2Vpp
RL = 1kΩ
RL = 100Ω
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
Output Amplitude (Vpp)
10MHz
5MHz
1MHz
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
Output Amplitude (Vpp)
10MHz
5MHz
1MHz
-0.01
-0.0075
-0.005
-0.0025
0
0.0025
0.005
0.0075
0.01
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
Input Voltage (V)
DG
RL = 150Ω
AC coupled into 220µF
DP
-0.02
-0.01
0
0.01
0.02
0.03
0.04
-0.4
-0.2
0
0.2
0.4
Input Voltage (V)
DG
RL = 150Ω
DC coupled
DP


Similar Part No. - CLC4000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC400 NSC-CLC400 Datasheet
392Kb / 6P
   Fast Settling, Wideband Low-Gain Monolithic Op Amp
logo
Texas Instruments
CLC400 TI1-CLC400 Datasheet
507Kb / 11P
[Old version datasheet]   Fast Settling, Wideband Low Gain Monolithic Op Amp
logo
Exar Corporation
CLC4007 EXAR-CLC4007 Datasheet
1Mb / 27P
   Single, Dual, and Quad Low Cost, High Speed RRO Amplifiers
CLC4007ISO14EVB EXAR-CLC4007ISO14EVB Datasheet
1Mb / 27P
   Single, Dual, and Quad Low Cost, High Speed RRO Amplifiers
CLC4007ISO14MTR EXAR-CLC4007ISO14MTR Datasheet
1Mb / 27P
   Single, Dual, and Quad Low Cost, High Speed RRO Amplifiers
More results

Similar Description - CLC4000

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1229 LINER-LT1229_15 Datasheet
247Kb / 16P
   Dual and Quad 100MHz Current Feedback Amplifiers
LT1229 LINER-LT1229 Datasheet
292Kb / 12P
   Dual and Quad 100MHz Current Feedback Amplifiers
LT1230 LINER-LT1230_15 Datasheet
247Kb / 16P
   Dual and Quad 100MHz Current Feedback Amplifiers
logo
Panasonic Semiconductor
AN6567 PANASONIC-AN6567 Datasheet
32Kb / 4P
   Dual High Output Current Operational Amplifiers
logo
Intersil Corporation
EL2460 INTERSIL-EL2460 Datasheet
294Kb / 15P
   Dual/Quad 130MHz Current Feedback Amplifiers
logo
Diodes Incorporated
LM2902 DIODES-LM2902_18 Datasheet
791Kb / 16P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
LM2902 DIODES-LM2902 Datasheet
863Kb / 15P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS9222 STMICROELECTRONICS-TS9222 Datasheet
511Kb / 16P
   HIgh precision high stability dual and quad operational amplifiers
May 2014 Rev 5
logo
Elantec Semiconductor
EL2260C ELANTEC-EL2260C Datasheet
461Kb / 20P
   Dual/Quad 130 MHz Current Feedback Amplifiers
logo
Cadeka Microcircuits LL...
CLC2600 CADEKA-CLC2600 Datasheet
2Mb / 15P
   Dual, Triple, and Quad 300MHz Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com