Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC1200 Datasheet(PDF) 2 Page - Exar Corporation

Part # CLC1200
Description  Instrumentation Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1200 Datasheet(HTML) 2 Page - Exar Corporation

  CLC1200 Datasheet HTML 1Page - Exar Corporation CLC1200 Datasheet HTML 2Page - Exar Corporation CLC1200 Datasheet HTML 3Page - Exar Corporation CLC1200 Datasheet HTML 4Page - Exar Corporation CLC1200 Datasheet HTML 5Page - Exar Corporation CLC1200 Datasheet HTML 6Page - Exar Corporation CLC1200 Datasheet HTML 7Page - Exar Corporation CLC1200 Datasheet HTML 8Page - Exar Corporation CLC1200 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
© 2008-2014 Exar Corporation
2 / 15
exar.com/CLC1200
Rev 2E
CLC1200
Absolute Maximum Ratings
Stresses beyond the limits listed below may cause
permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect
device reliability and lifetime.
Supply Voltage........................................................................±18V
Input Voltage Range ............................................................. ±VS V
Differential Input Voltage (G = 1 to 10)..................................... 25V
Differential Input Voltage (G > 10).............. ≤ 0.05 (RG + 800) +1 V
Load Resistance (min) ................................................................ 1Ω
Operating Conditions
Supply Voltage Range .......................±2.3V to ±18V (4.6V to 36V)
Gain Range .................................................................. 1 to 10,000
Operating Temperature Range .................................-40°C to 85°C
Junction Temperature ........................................................... 150°C
Storage Temperature Range...................................-65°C to 150°C
Lead Temperature (Soldering, 10s) ......................................260°C
Package Thermal Resistance
θJA (DIP-8)........................................................................100°C/W
θJA (SOIC-8).....................................................................150°C/W
Package thermal resistance (
θJA), JEDEC standard, multi-layer
test boards, still air.
ESD Protection
SOIC-8 (HBM) ....................................................................... 1.5kV
ESD Rating for HBM (Human Body Model).


Similar Part No. - CLC1200

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC1200 CADEKA-CLC1200 Datasheet
1Mb / 15P
   Instrumentation Amplifier
CLC1200IDP8 CADEKA-CLC1200IDP8 Datasheet
1Mb / 15P
   Instrumentation Amplifier
CLC1200ISO8 CADEKA-CLC1200ISO8 Datasheet
1Mb / 15P
   Instrumentation Amplifier
CLC1200ISO8X CADEKA-CLC1200ISO8X Datasheet
1Mb / 15P
   Instrumentation Amplifier
More results

Similar Description - CLC1200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA202 TI1-PGA202_00 Datasheet
106Kb / 11P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
XR620A EXAR-XR620A Datasheet
1Mb / 15P
   Instrumentation Amplifier
logo
Texas Instruments
INA120 TI-INA120 Datasheet
128Kb / 12P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Cadeka Microcircuits LL...
CLC1200 CADEKA-CLC1200 Datasheet
1Mb / 15P
   Instrumentation Amplifier
logo
Texas Instruments
INA322 TI1-INA322_16 Datasheet
815Kb / 22P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA337 TI1-INA337_14 Datasheet
830Kb / 19P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
PGA206 TI1-PGA206_16 Datasheet
213Kb / 13P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
ISO165 BURR-BROWN-ISO165 Datasheet
164Kb / 8P
   INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA2141 TI1-INA2141 Datasheet
751Kb / 15P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
PGA204 TI1-PGA204_16 Datasheet
794Kb / 20P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com